Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LASW6271MELB40 Datasheet(PDF) 2 Page - Nichicon corporation

Part # LASW6271MELB40
Description  ALUMINUM ELECTROLYTIC CAPACITORS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NICHICON [Nichicon corporation]
Direct Link  http://www.nichicon-us.com
Logo NICHICON - Nichicon corporation

LASW6271MELB40 Datasheet(HTML) 2 Page - Nichicon corporation

  LASW6271MELB40 Datasheet HTML 1Page - Nichicon corporation LASW6271MELB40 Datasheet HTML 2Page - Nichicon corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
56
68
82
100
120
150
180
220
270
330
390
22 × 20
22 × 20
22 × 25
22 × 25
22 × 30
25 × 25
22 × 35
25 × 30
30 × 25
22 × 40
25 × 30
30 × 25
25 × 35
30 × 30
25 × 40
30 × 35
30 × 35
30 × 40
450
510
640
680
760
760
880
880
880
950
950
950
1240
1240
1300
1300
1440
1550
0.44
0.49
0.54
0.60
0.65
0.65
0.73
0.73
0.73
0.80
0.80
0.80
0.88
0.88
0.98
0.98
1.08
1.18
LAS2G560MELZ20
LAS2G680MELZ20
LAS2G820MELZ25
LAS2G101MELZ25
LAS2G121MELZ30
LAS2G121MELA25
LAS2G151MELZ35
LAS2G151MELA30
LAS2G151MELB25
LAS2G181MELZ40
LAS2G181MELA30
LAS2G181MELB25
LAS2G221MELA35
LAS2G221MELB30
LAS2G271MELA40
LAS2G271MELB35
LAS2G331MELB35
LAS2G391MELB40
400V(2G)
Ripple
(mArms)
Leakage Current
(mA)
Code
Size
φD
× L(mm)
Cap.
(µF)
68
82
100
120
150
180
220
270
330
22 × 25
22 × 30
25 × 25
22 × 30
25 × 25
22 × 35
25 × 30
30 × 25
25 × 35
30 × 25
30 × 30
30 × 35
35 × 30
35 × 35
600
650
610
710
710
770
760
770
880
880
970
1300
1300
1400
0.52
0.57
0.57
0.63
0.63
0.69
0.69
0.69
0.77
0.77
0.85
0.94
1.04
1.15
LAS2W680MELZ25
LAS2W820MELZ30
LAS2W820MELA25
LAS2W101MELZ30
LAS2W101MELA25
LAS2W121MELZ35
LAS2W121MELA30
LAS2W121MELB25
LAS2W151MELA35
LAS2W151MELB25
LAS2W181MELB30
LAS2W221MELB35
LAS2W271MELC30
LAS2W331MELC35
450V (2W)
Ripple
(mArms)
Leakage Current
(mA)
Code
Size
φD
× L(mm)
Cap.
(µF)
56
68
82
100
120
150
180
220
270
330
390
22 × 25
22 × 25
22 × 30
25 × 25
22 × 30
25 × 25
22 × 35
25 × 30
30 × 25
22 × 40
25 × 35
30 × 25
25 × 40
30 × 30
35 × 25
25 × 45
30 × 35
35 × 30
30 × 40
35 × 30
30 × 45
35 × 35
35 × 45
380
450
640
640
690
690
750
750
750
820
820
820
900
900
900
1000
1000
1000
1100
1100
1200
1200
1300
0.46
0.50
0.55
0.55
0.61
0.61
0.67
0.67
0.67
0.75
0.75
0.75
0.82
0.82
0.82
0.91
0.91
0.91
1.01
1.01
1.11
1.11
1.21
LASW6560MELZ25
LASW6680MELZ25
LASW6820MELZ30
LASW6820MELA25
LASW6101MELZ30
LASW6101MELA25
LASW6121MELZ35
LASW6121MELA30
LASW6121MELB25
LASW6151MELZ40
LASW6151MELA35
LASW6151MELB25
LASW6181MELA40
LASW6181MELB30
LASW6181MELC25
LASW6221MELA45
LASW6221MELB35
LASW6221MELC30
LASW6271MELB40
LASW6271MELC30
LASW6331MELB45
LASW6331MELC35
LASW6391MELC45
420V(W6)
Ripple
(mArms)
Leakage Current
(mA)
Code
Size
φD
× L(mm)
Cap.
(µF)
LAS
Dimensions
Rated ripple current (mArms) at 105°C 120Hz
ALUMINUM ELECTROLYTIC CAPACITORS


Similar Part No. - LASW6271MELB40

ManufacturerPart #DatasheetDescription
logo
TT Electronics.
LAS TTELEC-LAS Datasheet
348Kb / 3P
   0.1 ohm to 18K ohms
logo
Littelfuse
LAS LITTELFUSE-LAS Datasheet
159Kb / 1P
   24V COMPACT SPST MANUAL BATTERY DISCONNECT SWITCH
2022 Littelfuse, Inc.
logo
TT Electronics.
LAS-1 TTELEC-LAS-1 Datasheet
348Kb / 3P
   0.1 ohm to 18K ohms
logo
IRC - a TT electronics ...
LAS-12001DLF IRCTT-LAS-12001DLF Datasheet
218Kb / 3P
   Low Cost Semi-Precision Power Wirewound Resistor
LAS-12001FLF IRCTT-LAS-12001FLF Datasheet
218Kb / 3P
   Low Cost Semi-Precision Power Wirewound Resistor
More results

Similar Description - LASW6271MELB40

ManufacturerPart #DatasheetDescription
logo
EPCOS
B43081A1226M000 EPCOS-B43081A1226M000 Datasheet
354Kb / 15P
   Aluminum electrolytic capacitors
B43254A1227M000 EPCOS-B43254A1227M000 Datasheet
653Kb / 14P
   Aluminum electrolytic capacitors
B43501A1227M000 EPCOS-B43501A1227M000 Datasheet
1,016Kb / 21P
   Aluminum electrolytic capacitors
B41853A5108A000 EPCOS-B41853A5108A000 Datasheet
545Kb / 27P
   Aluminum electrolytic capacitors
B43510A3687M000 EPCOS-B43510A3687M000_08 Datasheet
830Kb / 19P
   Aluminum electrolytic capacitors
logo
Suntan Capacitors
TS13CA SUNTAN-TS13CA Datasheet
210Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
TS13C4 SUNTAN-TS13C4 Datasheet
391Kb / 3P
   ALUMINUM ELECTROLYTIC CAPACITORS
logo
EPCOS
B41252A3109M000 EPCOS-B41252A3109M000_1 Datasheet
327Kb / 19P
   Aluminum electrolytic capacitors
logo
Nichicon corporation
UWZ0J220MCL NICHICON-UWZ0J220MCL Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UVK0J102MDD NICHICON-UVK0J102MDD Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UUL0J220MCL NICHICON-UUL0J220MCL Datasheet
46Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com