Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SFH6156 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # SFH6156
Description  Optocoupler, Phototransistor Output, High Reliability, 5300 VRMS
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SFH6156 Datasheet(HTML) 1 Page - Vishay Siliconix

  SFH6156_17 Datasheet HTML 1Page - Vishay Siliconix SFH6156_17 Datasheet HTML 2Page - Vishay Siliconix SFH6156_17 Datasheet HTML 3Page - Vishay Siliconix SFH6156_17 Datasheet HTML 4Page - Vishay Siliconix SFH6156_17 Datasheet HTML 5Page - Vishay Siliconix SFH6156_17 Datasheet HTML 6Page - Vishay Siliconix SFH6156_17 Datasheet HTML 7Page - Vishay Siliconix SFH6156_17 Datasheet HTML 8Page - Vishay Siliconix SFH6156_17 Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
SFH6156
www.vishay.com
Vishay Semiconductors
Rev. 2.8, 21-Apr-17
1
Document Number: 83671
For technical questions, contact: optocoupleranswers@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Optocoupler, Phototransistor Output, High Reliability, 5300 VRMS
DESCRIPTION
The SFH6156 features a variety of transfer ratios, low
coupling capacitance and high isolation voltage. This
coupler has a GaAs infrared diode emitter, which is optically
coupled to a silicon planar phototransistor detector, and is
incorporated in a plastic SMD package.
The coupling devices are designed for signal transmission
between two electrically separated circuits.
FEATURES
• Excellent CTR linearity depending on forward
current
• Isolation test voltage, 5300 VRMS
• Fast switching times
• Low CTR degradation
• Low coupling capacitance
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912
APPLICATIONS
• Switchmode power supply
• Telecom
• Battery powered equipment
AGENCY APPROVALS
The safety application model number covering all products
in this datasheet is SFH615A. This model number should be
used when consulting safety agency documents.
• UL1577, file no. E52744 system code H or J, double
protection
• DIN EN 60747-5-5 (VDE 0884-5) available with option 1
• cUL tested to CSA 22.2 bulletin 5A
• BSI IEC 60950, IEC 60065
• FIMKO EN6005, EN60950-1
• CQC G8898-2011
E
C
A
C
1
2
4
3
17448-5
1
ORDERING INFORMATION
SF
H
6
1
5
6
-
#
X
0
0
1
T
PART NUMBER
CTR
BIN
PACKAGE OPTION
TAPE
AND
REEL
AGENCY CERTIFIED/PACKAGE
CTR (%)
10 mA
UL, cUL, BSI, FIMKO, CQC
40 to 80
63 to 125
100 to 200
160 to 320
SMD-4, 100 mil, pitch
SFH6156-1
SFH6156-2
SFH6156-3
SFH6156-4
SFH6156-1T
SFH6156-2T
SFH6156-3T
SFH6156-4T
VDE, UL, cUL, BSI, FIMKO, CQC
40 to 80
63 to 125
100 to 200
160 to 320
SMD-4, 100 mil, pitch
SFH6156-1X001
SFH6156-2X001
SFH6156-3X001
-
SFH6156-1X001T
SFH6156-2X001T
SFH6156-3X001T
SFH6156-4X001T
-
-
SFH6156-3X001T1
-
SMD-4
> 8 mm


Similar Part No. - SFH6156_17

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SFH6156-1 INFINEON-SFH6156-1 Datasheet
84Kb / 1P
   Optocouplers
May 31, 2000-10
logo
Vishay Siliconix
SFH6156-1 VISHAY-SFH6156-1 Datasheet
139Kb / 10P
   Optocoupler, Phototransistor Output, High Reliability, 5300 VRMS
Rev. 2.0, 06-Sep-06
SFH6156-1 VISHAY-SFH6156-1 Datasheet
135Kb / 7P
   Optocoupler, Phototransistor Output, High Reliability, 5300 VRMS
Rev. 2.4, 14-Jan-13
SFH6156-1 VISHAY-SFH6156-1 Datasheet
131Kb / 7P
   Optocoupler, Phototransistor Output, High Reliability, 5300 VRMS
Rev. 2.6, 26-Jun-13
SFH6156-1 VISHAY-SFH6156-1 Datasheet
140Kb / 9P
   Optocoupler, High Reliability, 5300 VRMS
Rev. 1.6, 20-Jul-04
More results

Similar Description - SFH6156_17

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VO617A-2X017T VISHAY-VO617A-2X017T Datasheet
189Kb / 9P
   Optocoupler, Phototransistor Output, High Reliability, 5300 VRMS
Rev. 2.3, 28-Oct-14
SFH6106-2T VISHAY-SFH6106-2T Datasheet
159Kb / 9P
   Optocoupler, Phototransistor Output, High Reliability, 5300 VRMS
Rev. 2.2, 23-May-13
SFH6156 VISHAY-SFH6156 Datasheet
148Kb / 8P
   Optocoupler, Phototransistor Output, High Reliability, 5300 VRMS
Rev. 2.7, 19-Oct-15
SFH610A VISHAY-SFH610A Datasheet
659Kb / 10P
   Optocoupler, Phototransistor Output, High Reliability, 5300 VRMS
Rev. 1.9, 23-Mar-06
SFH615A-3X018T VISHAY-SFH615A-3X018T_V02 Datasheet
133Kb / 7P
   Optocoupler, Phototransistor Output, High Reliability, 5300 VRMS
01-Jan-2023
SFH6156 VISHAY-SFH6156_V01 Datasheet
173Kb / 9P
   Optocoupler, Phototransistor Output, High Reliability, 5300 VRMS
01-Jan-2022
SFH615AA VISHAY-SFH615AA_08 Datasheet
116Kb / 7P
   Optocoupler, Phototransistor Output, High Reliability, 5300 VRMS
Rev. 1.6, 10-Jan-08
SFH6156-3T VISHAY-SFH6156-3T Datasheet
135Kb / 7P
   Optocoupler, Phototransistor Output, High Reliability, 5300 VRMS
Rev. 2.4, 14-Jan-13
SFH615A VISHAY-SFH615A_15 Datasheet
197Kb / 10P
   Optocoupler, Phototransistor Output, High Reliability, 5300 VRMS
Rev. 1.4, 31-Aug-15
SFH6156 VISHAY-SFH6156_V02 Datasheet
173Kb / 9P
   Optocoupler, Phototransistor Output, High Reliability, 5300 VRMS
01-Jan-2023
SFH6106-4T VISHAY-SFH6106-4T Datasheet
163Kb / 10P
   Optocoupler, Phototransistor Output, High Reliability, 5300 VRMS
Rev. 2.0, 10-Dec-08
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com