Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SFH6156-2 Datasheet(PDF) 7 Page - Vishay Siliconix

Part # SFH6156-2
Description  Optocoupler, Phototransistor Output, High Reliability, 5300 VRMS
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SFH6156-2 Datasheet(HTML) 7 Page - Vishay Siliconix

  SFH6156-2 Datasheet HTML 1Page - Vishay Siliconix SFH6156-2 Datasheet HTML 2Page - Vishay Siliconix SFH6156-2 Datasheet HTML 3Page - Vishay Siliconix SFH6156-2 Datasheet HTML 4Page - Vishay Siliconix SFH6156-2 Datasheet HTML 5Page - Vishay Siliconix SFH6156-2 Datasheet HTML 6Page - Vishay Siliconix SFH6156-2 Datasheet HTML 7Page - Vishay Siliconix SFH6156-2 Datasheet HTML 8Page - Vishay Siliconix SFH6156-2 Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
SFH6156
www.vishay.com
Vishay Semiconductors
Rev. 2.8, 21-Apr-17
7
Document Number: 83671
For technical questions, contact: optocoupleranswers@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
PACKAGE MARKING (example of SFH6156-2X001T)
Notes
• VDE logo is only marked on option 1 parts
• Tape and reel suffix (T) is not part of the package marking
TAPE AND REEL PACKAGING (in millimeters)
The tape is 16 mm and is wound on a 33 cm reel. There are
1000 parts per reel. Taped and reeled 4 pin optocouplers
conform to EIA-481-2 and IEC60286-3.
SMD-4 (“T”)
SMD-4, 90° Rotation (“T1”)
YWW Y 68
SFH6156-2
V
Ø 1.5
13.3
4.07
0.3 max.
0.1 max.
16 ± 0.3
18005
4 ± 0.1
2 ± 0.05
10.2
5.05
12
7.5 ± 0.05
Embossment
Direction of feed
Center lines
of cavity
10 pitch cumulative
tolerance on tape
± 0.2
1.5 min.
Pin 1 and
top of component
Top
cover
tape
1.75 ± 0.1
16 ± 0.3
(0.630 ± 0.012)
16.00 + 0.30, -0.10
(0.013 (0.0008), -0.0004)
18401
4 ± 0.1
(0.157 ± 0.004)
1.5 + 0.10, - 0.00
(0.59 ± 0.004)
1.75 ± 0.1
(0.069 ± 0.004)
7.5 ± 0.01
(0.295 ± 0.004)
2 ± 0.10
(0.079 ± 0.004)
8.0 ± 0.10
(0.315 + 0.004)
10.36 ± 0.10
0.408 ± 0.004
10.36 ± 0.10
0.408 ± 0.004
4.92 ± 0.10
0.194 ± 0.004
1.5 + 0.25, - 0.0
0.059 + 0.001, - 0.0


Similar Part No. - SFH6156-2

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SFH6156-2 INFINEON-SFH6156-2 Datasheet
84Kb / 1P
   Optocouplers
May 31, 2000-10
logo
Vishay Siliconix
SFH6156-2 VISHAY-SFH6156-2 Datasheet
139Kb / 10P
   Optocoupler, Phototransistor Output, High Reliability, 5300 VRMS
Rev. 2.0, 06-Sep-06
SFH6156-2 VISHAY-SFH6156-2 Datasheet
135Kb / 7P
   Optocoupler, Phototransistor Output, High Reliability, 5300 VRMS
Rev. 2.4, 14-Jan-13
SFH6156-2 VISHAY-SFH6156-2 Datasheet
131Kb / 7P
   Optocoupler, Phototransistor Output, High Reliability, 5300 VRMS
Rev. 2.6, 26-Jun-13
SFH6156-2 VISHAY-SFH6156-2 Datasheet
140Kb / 9P
   Optocoupler, High Reliability, 5300 VRMS
Rev. 1.6, 20-Jul-04
More results

Similar Description - SFH6156-2

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VO617A-2X017T VISHAY-VO617A-2X017T Datasheet
189Kb / 9P
   Optocoupler, Phototransistor Output, High Reliability, 5300 VRMS
Rev. 2.3, 28-Oct-14
SFH6106-2T VISHAY-SFH6106-2T Datasheet
159Kb / 9P
   Optocoupler, Phototransistor Output, High Reliability, 5300 VRMS
Rev. 2.2, 23-May-13
SFH6156 VISHAY-SFH6156 Datasheet
148Kb / 8P
   Optocoupler, Phototransistor Output, High Reliability, 5300 VRMS
Rev. 2.7, 19-Oct-15
SFH610A VISHAY-SFH610A Datasheet
659Kb / 10P
   Optocoupler, Phototransistor Output, High Reliability, 5300 VRMS
Rev. 1.9, 23-Mar-06
SFH615A-3X018T VISHAY-SFH615A-3X018T_V02 Datasheet
133Kb / 7P
   Optocoupler, Phototransistor Output, High Reliability, 5300 VRMS
01-Jan-2023
SFH6156 VISHAY-SFH6156_V01 Datasheet
173Kb / 9P
   Optocoupler, Phototransistor Output, High Reliability, 5300 VRMS
01-Jan-2022
SFH615AA VISHAY-SFH615AA_08 Datasheet
116Kb / 7P
   Optocoupler, Phototransistor Output, High Reliability, 5300 VRMS
Rev. 1.6, 10-Jan-08
SFH6156-3T VISHAY-SFH6156-3T Datasheet
135Kb / 7P
   Optocoupler, Phototransistor Output, High Reliability, 5300 VRMS
Rev. 2.4, 14-Jan-13
SFH615A VISHAY-SFH615A_15 Datasheet
197Kb / 10P
   Optocoupler, Phototransistor Output, High Reliability, 5300 VRMS
Rev. 1.4, 31-Aug-15
SFH6156 VISHAY-SFH6156_V02 Datasheet
173Kb / 9P
   Optocoupler, Phototransistor Output, High Reliability, 5300 VRMS
01-Jan-2023
SFH6106-4T VISHAY-SFH6106-4T Datasheet
163Kb / 10P
   Optocoupler, Phototransistor Output, High Reliability, 5300 VRMS
Rev. 2.0, 10-Dec-08
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com