Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SFH6156-3X001 Datasheet(PDF) 6 Page - Vishay Siliconix

Part # SFH6156-3X001
Description  Optocoupler, Phototransistor Output, High Reliability, 5300 VRMS
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SFH6156-3X001 Datasheet(HTML) 6 Page - Vishay Siliconix

  SFH6156-3X001 Datasheet HTML 1Page - Vishay Siliconix SFH6156-3X001 Datasheet HTML 2Page - Vishay Siliconix SFH6156-3X001 Datasheet HTML 3Page - Vishay Siliconix SFH6156-3X001 Datasheet HTML 4Page - Vishay Siliconix SFH6156-3X001 Datasheet HTML 5Page - Vishay Siliconix SFH6156-3X001 Datasheet HTML 6Page - Vishay Siliconix SFH6156-3X001 Datasheet HTML 7Page - Vishay Siliconix SFH6156-3X001 Datasheet HTML 8Page - Vishay Siliconix SFH6156-3X001 Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
SFH6156
www.vishay.com
Vishay Semiconductors
Rev. 2.8, 21-Apr-17
6
Document Number: 83671
For technical questions, contact: optocoupleranswers@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Fig. 6 - Diode Forward Voltage (typ.) vs. Forward Current
Fig. 7 - Transistor Capacitance (typ.) vs. Collector Emitter Voltage
Fig. 8 - Permissible Pulse Handling Capability Forward Current
vs. Pulse Width
PACKAGE DIMENSIONS (in millimeters)
isfh615a_05
I
F (mA)
25°
50°
75°
1.2
1.1
1.0
0.9
10- 1
100
101
102
isfh615a_06
20
15
10
5
0
V
e (V)
10-2
10-1
100
101
102
C
CE
f = 1 MHz
isfh615a_07
t
p (s)
10- 5
10- 4
10- 3
10- 2
10- 1
100
101
104
103
102
101
D=
t
p
t
p
T
I
F
T
D = 0
0.005
0.01
0.02
0.05
0.1
0.2
0.5
DC
Pulse cycle D = parameter
i178029_11
6.48
6.81
34
4.55
4.83
pin one ID
0.76
1.14
4° typ.
2.54 typ.
3.30
3.81
0.249
0.102
0.508
1.02
0.79 typ.
1.27 typ.
0.25 typ.
10°
3° to 7°
9.53
10.03
7.52
7.90
8 min.
Lead
coplanarity
0.004 max.
ISO method A
2.54
R0.25
1.78
0.76
8 min.
1.52
11.05


Similar Part No. - SFH6156-3X001

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SFH6156-3X001 VISHAY-SFH6156-3X001 Datasheet
131Kb / 7P
   Optocoupler, Phototransistor Output, High Reliability, 5300 VRMS
Rev. 2.6, 26-Jun-13
SFH6156-3X001 VISHAY-SFH6156-3X001 Datasheet
173Kb / 9P
   Optocoupler, Phototransistor Output, High Reliability, 5300 VRMS
01-Jan-2022
SFH6156-3X001T VISHAY-SFH6156-3X001T Datasheet
131Kb / 7P
   Optocoupler, Phototransistor Output, High Reliability, 5300 VRMS
Rev. 2.6, 26-Jun-13
SFH6156-3X001T VISHAY-SFH6156-3X001T Datasheet
173Kb / 9P
   Optocoupler, Phototransistor Output, High Reliability, 5300 VRMS
01-Jan-2022
SFH6156-3X001T1 VISHAY-SFH6156-3X001T1 Datasheet
173Kb / 9P
   Optocoupler, Phototransistor Output, High Reliability, 5300 VRMS
01-Jan-2022
More results

Similar Description - SFH6156-3X001

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VO617A-2X017T VISHAY-VO617A-2X017T Datasheet
189Kb / 9P
   Optocoupler, Phototransistor Output, High Reliability, 5300 VRMS
Rev. 2.3, 28-Oct-14
SFH6106-2T VISHAY-SFH6106-2T Datasheet
159Kb / 9P
   Optocoupler, Phototransistor Output, High Reliability, 5300 VRMS
Rev. 2.2, 23-May-13
SFH6156 VISHAY-SFH6156 Datasheet
148Kb / 8P
   Optocoupler, Phototransistor Output, High Reliability, 5300 VRMS
Rev. 2.7, 19-Oct-15
SFH610A VISHAY-SFH610A Datasheet
659Kb / 10P
   Optocoupler, Phototransistor Output, High Reliability, 5300 VRMS
Rev. 1.9, 23-Mar-06
SFH615A-3X018T VISHAY-SFH615A-3X018T_V02 Datasheet
133Kb / 7P
   Optocoupler, Phototransistor Output, High Reliability, 5300 VRMS
01-Jan-2023
SFH6156 VISHAY-SFH6156_V01 Datasheet
173Kb / 9P
   Optocoupler, Phototransistor Output, High Reliability, 5300 VRMS
01-Jan-2022
SFH615AA VISHAY-SFH615AA_08 Datasheet
116Kb / 7P
   Optocoupler, Phototransistor Output, High Reliability, 5300 VRMS
Rev. 1.6, 10-Jan-08
SFH6156-3T VISHAY-SFH6156-3T Datasheet
135Kb / 7P
   Optocoupler, Phototransistor Output, High Reliability, 5300 VRMS
Rev. 2.4, 14-Jan-13
SFH615A VISHAY-SFH615A_15 Datasheet
197Kb / 10P
   Optocoupler, Phototransistor Output, High Reliability, 5300 VRMS
Rev. 1.4, 31-Aug-15
SFH6156 VISHAY-SFH6156_V02 Datasheet
173Kb / 9P
   Optocoupler, Phototransistor Output, High Reliability, 5300 VRMS
01-Jan-2023
SFH6106-4T VISHAY-SFH6106-4T Datasheet
163Kb / 10P
   Optocoupler, Phototransistor Output, High Reliability, 5300 VRMS
Rev. 2.0, 10-Dec-08
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com