Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SFH6156-3X001 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # SFH6156-3X001
Description  Optocoupler, Phototransistor Output, High Reliability, 5300 VRMS
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SFH6156-3X001 Datasheet(HTML) 3 Page - Vishay Siliconix

  SFH6156-3X001 Datasheet HTML 1Page - Vishay Siliconix SFH6156-3X001 Datasheet HTML 2Page - Vishay Siliconix SFH6156-3X001 Datasheet HTML 3Page - Vishay Siliconix SFH6156-3X001 Datasheet HTML 4Page - Vishay Siliconix SFH6156-3X001 Datasheet HTML 5Page - Vishay Siliconix SFH6156-3X001 Datasheet HTML 6Page - Vishay Siliconix SFH6156-3X001 Datasheet HTML 7Page - Vishay Siliconix SFH6156-3X001 Datasheet HTML 8Page - Vishay Siliconix SFH6156-3X001 Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
SFH6156
www.vishay.com
Vishay Semiconductors
Rev. 2.8, 21-Apr-17
3
Document Number: 83671
For technical questions, contact: optocoupleranswers@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Notes
• The thermal model is represented in the thermal network below. Each resistance value given in this model can be used to calculate the
temperatures at each node for a given operating condition. The thermal resistance from board to ambient will be dependent on the type of
PCB, layout and thickness of copper traces. For a detailed explanation of the thermal model, please reference Vishay’s thermal
characteristics of optocouplers application note
(1) For 2 layer FR4 board (4" x 3" x 0.062")
Note
• Minimum and maximum values are testing requirements. Typical values are characteristics of the device and are the result of engineering
evaluation. Typical values are for information only and are not part of the testing requirements
THERMAL CHARACTERISTICS
PARAMETER
SYMBOL
VALUE
UNIT
LED power dissipation
Pdiss
100
mW
Output power dissipation
Pdiss
150
mW
Maximum LED junction temperature
Tjmax.
125
°C
Maximum output die junction temperature
Tjmax.
125
°C
Thermal resistance, junction emitter to board
θEB
173
°C/W
Thermal resistance, junction emitter to case
θEC
149
°C/W
Thermal resistance, junction detector to board
θDB
111
°C/W
Thermal resistance, junction detector to case
θDC
127
°C/W
Thermal resistance, junction emitter to
junction detector
θED
95
°C/W
Thermal resistance, board to ambient (1)
θBA
195
°C/W
Thermal resistance, case to ambient (1)
θCA
3573
°C/W
ELECTRICAL CHARACTERISTICS (Tamb = 25 °C, unless otherwise specified)
PARAMETER
TEST CONDITION
PART
SYMBOL
MIN.
TYP.
MAX.
UNIT
INPUT
Forward voltage
IF = 60 mA
VF
-
1.25
1.65
V
Reverse current
VR = 6 V
IR
-0.01
10
μA
Capacitance
VR = 0 V, f = 1 MHz
CO
-13
-
pF
OUTPUT
Collector emitter capacitance
VCE = 5 V, f = 1 MHz
CCE
-5.2
-
pF
Collector emitter leakage current
VCE = 10 V
SFH6156-1
ICEO
-
2
50
nA
SFH6156-2
ICEO
-
2
50
nA
SFH6156-3
ICEO
-
5
100
nA
SFH6156-4
ICEO
-
5
100
nA
COUPLER
Collector emitter saturation voltage
IF = 10 mA, IC = 2.5 mA
VCEsat
-
0.25
0.4
V
Coupling capacitance
CC
-0.4
-
pF
T
A
θ
CA
T
C
T
JD
T
JE
T
B
θ
EC
θ
EB
θ
DC
θ
DB
θ
BA
θ
DE
T
A
19996
Package


Similar Part No. - SFH6156-3X001

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SFH6156-3X001 VISHAY-SFH6156-3X001 Datasheet
131Kb / 7P
   Optocoupler, Phototransistor Output, High Reliability, 5300 VRMS
Rev. 2.6, 26-Jun-13
SFH6156-3X001 VISHAY-SFH6156-3X001 Datasheet
173Kb / 9P
   Optocoupler, Phototransistor Output, High Reliability, 5300 VRMS
01-Jan-2022
SFH6156-3X001T VISHAY-SFH6156-3X001T Datasheet
131Kb / 7P
   Optocoupler, Phototransistor Output, High Reliability, 5300 VRMS
Rev. 2.6, 26-Jun-13
SFH6156-3X001T VISHAY-SFH6156-3X001T Datasheet
173Kb / 9P
   Optocoupler, Phototransistor Output, High Reliability, 5300 VRMS
01-Jan-2022
SFH6156-3X001T1 VISHAY-SFH6156-3X001T1 Datasheet
173Kb / 9P
   Optocoupler, Phototransistor Output, High Reliability, 5300 VRMS
01-Jan-2022
More results

Similar Description - SFH6156-3X001

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VO617A-2X017T VISHAY-VO617A-2X017T Datasheet
189Kb / 9P
   Optocoupler, Phototransistor Output, High Reliability, 5300 VRMS
Rev. 2.3, 28-Oct-14
SFH6106-2T VISHAY-SFH6106-2T Datasheet
159Kb / 9P
   Optocoupler, Phototransistor Output, High Reliability, 5300 VRMS
Rev. 2.2, 23-May-13
SFH6156 VISHAY-SFH6156 Datasheet
148Kb / 8P
   Optocoupler, Phototransistor Output, High Reliability, 5300 VRMS
Rev. 2.7, 19-Oct-15
SFH610A VISHAY-SFH610A Datasheet
659Kb / 10P
   Optocoupler, Phototransistor Output, High Reliability, 5300 VRMS
Rev. 1.9, 23-Mar-06
SFH615A-3X018T VISHAY-SFH615A-3X018T_V02 Datasheet
133Kb / 7P
   Optocoupler, Phototransistor Output, High Reliability, 5300 VRMS
01-Jan-2023
SFH6156 VISHAY-SFH6156_V01 Datasheet
173Kb / 9P
   Optocoupler, Phototransistor Output, High Reliability, 5300 VRMS
01-Jan-2022
SFH615AA VISHAY-SFH615AA_08 Datasheet
116Kb / 7P
   Optocoupler, Phototransistor Output, High Reliability, 5300 VRMS
Rev. 1.6, 10-Jan-08
SFH6156-3T VISHAY-SFH6156-3T Datasheet
135Kb / 7P
   Optocoupler, Phototransistor Output, High Reliability, 5300 VRMS
Rev. 2.4, 14-Jan-13
SFH615A VISHAY-SFH615A_15 Datasheet
197Kb / 10P
   Optocoupler, Phototransistor Output, High Reliability, 5300 VRMS
Rev. 1.4, 31-Aug-15
SFH6156 VISHAY-SFH6156_V02 Datasheet
173Kb / 9P
   Optocoupler, Phototransistor Output, High Reliability, 5300 VRMS
01-Jan-2023
SFH6106-4T VISHAY-SFH6106-4T Datasheet
163Kb / 10P
   Optocoupler, Phototransistor Output, High Reliability, 5300 VRMS
Rev. 2.0, 10-Dec-08
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com