Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SFH615A-2X016 Datasheet(PDF) 8 Page - Vishay Siliconix

Part # SFH615A-2X016
Description  Optocoupler, Phototransistor Output, High Reliability, 5300 VRMS
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SFH615A-2X016 Datasheet(HTML) 8 Page - Vishay Siliconix

Back Button SFH615A-2X016 Datasheet HTML 2Page - Vishay Siliconix SFH615A-2X016 Datasheet HTML 3Page - Vishay Siliconix SFH615A-2X016 Datasheet HTML 4Page - Vishay Siliconix SFH615A-2X016 Datasheet HTML 5Page - Vishay Siliconix SFH615A-2X016 Datasheet HTML 6Page - Vishay Siliconix SFH615A-2X016 Datasheet HTML 7Page - Vishay Siliconix SFH615A-2X016 Datasheet HTML 8Page - Vishay Siliconix SFH615A-2X016 Datasheet HTML 9Page - Vishay Siliconix SFH615A-2X016 Datasheet HTML 10Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
SFH615A
www.vishay.com
Vishay Semiconductors
Rev. 1.4, 31-Aug-15
8
Document Number: 83433
For technical questions, contact: optocoupleranswers@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
PACKING INFORMATION
Fig. 15 - Tape and Reel Shipping Medium
Fig. 16 - Tape and Packing for Option 7 and Option 9
Fig. 17 - Tape Packing for Option 7 and Option 9, T3 Rotation (2000 units per reel)
DEVICE PER TUBE
TYPE
UNITS/TUBE
TUBES/BOX
UNITS/BOX
DIP-4
100
40
4000
Regular, special,
or bar code label
Tape slot in core
13"
17999-1
Ø 1.55 ± 0.05
1.75 ± 0.1
7.5 ± 0.1
16 ± 0.3
0.3 ± 0.05
2 ± 0.1
4 ± 0.1
12 ± 0.1
Ø 1.55 ± 0.05
8 ± 0.1
2 ± 0.1
4 ± 0.1
7.5 ± 0.1
1.75 ± 0.1
16 ± 0.3
0.3 ± 0.05
22734


Similar Part No. - SFH615A-2X016

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SFH615A-2X016 VISHAY-SFH615A-2X016 Datasheet
155Kb / 8P
   Optocoupler, Phototransistor Output, High Reliability, 5300 VRMS
Rev. 1.2, 12-Oct-12
SFH615A-2X016 VISHAY-SFH615A-2X016 Datasheet
194Kb / 10P
   Optocoupler, Phototransistor Output, High Reliability, 5300 VRMSs
01-Jan-2022
More results

Similar Description - SFH615A-2X016

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VO617A-2X017T VISHAY-VO617A-2X017T Datasheet
189Kb / 9P
   Optocoupler, Phototransistor Output, High Reliability, 5300 VRMS
Rev. 2.3, 28-Oct-14
SFH6106-2T VISHAY-SFH6106-2T Datasheet
159Kb / 9P
   Optocoupler, Phototransistor Output, High Reliability, 5300 VRMS
Rev. 2.2, 23-May-13
SFH6156 VISHAY-SFH6156 Datasheet
148Kb / 8P
   Optocoupler, Phototransistor Output, High Reliability, 5300 VRMS
Rev. 2.7, 19-Oct-15
SFH610A VISHAY-SFH610A Datasheet
659Kb / 10P
   Optocoupler, Phototransistor Output, High Reliability, 5300 VRMS
Rev. 1.9, 23-Mar-06
SFH615A-3X018T VISHAY-SFH615A-3X018T_V02 Datasheet
133Kb / 7P
   Optocoupler, Phototransistor Output, High Reliability, 5300 VRMS
01-Jan-2023
SFH6156 VISHAY-SFH6156_V01 Datasheet
173Kb / 9P
   Optocoupler, Phototransistor Output, High Reliability, 5300 VRMS
01-Jan-2022
SFH615AA VISHAY-SFH615AA_08 Datasheet
116Kb / 7P
   Optocoupler, Phototransistor Output, High Reliability, 5300 VRMS
Rev. 1.6, 10-Jan-08
SFH6156-3T VISHAY-SFH6156-3T Datasheet
135Kb / 7P
   Optocoupler, Phototransistor Output, High Reliability, 5300 VRMS
Rev. 2.4, 14-Jan-13
SFH6156 VISHAY-SFH6156_V02 Datasheet
173Kb / 9P
   Optocoupler, Phototransistor Output, High Reliability, 5300 VRMS
01-Jan-2023
SFH6106-4T VISHAY-SFH6106-4T Datasheet
163Kb / 10P
   Optocoupler, Phototransistor Output, High Reliability, 5300 VRMS
Rev. 2.0, 10-Dec-08
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com