Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SFH617A-2X001 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # SFH617A-2X001
Description  Optocoupler, Phototransistor Output, High Reliability
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SFH617A-2X001 Datasheet(HTML) 1 Page - Vishay Siliconix

  SFH617A-2X001 Datasheet HTML 1Page - Vishay Siliconix SFH617A-2X001 Datasheet HTML 2Page - Vishay Siliconix SFH617A-2X001 Datasheet HTML 3Page - Vishay Siliconix SFH617A-2X001 Datasheet HTML 4Page - Vishay Siliconix SFH617A-2X001 Datasheet HTML 5Page - Vishay Siliconix SFH617A-2X001 Datasheet HTML 6Page - Vishay Siliconix SFH617A-2X001 Datasheet HTML 7Page - Vishay Siliconix SFH617A-2X001 Datasheet HTML 8Page - Vishay Siliconix SFH617A-2X001 Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
SFH617A
www.vishay.com
Vishay Semiconductors
Rev. 2.4, 31-Aug-15
1
Document Number: 83740
For technical questions, contact: optocoupleranswers@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Optocoupler, Phototransistor Output, High Reliability,
5300 VRMS, 110 °C Rated
DESCRIPTION
The 110 °C rated SFH617A (DIP) feature a high current
transfer ratio, low coupling capacitance and high isolation
voltage. These couplers have a GaAs infrared diode emitter,
which is optically coupled to a silicon planar phototransistor
detector, and is incorporated in a plastic DIP-4 package.
The coupling devices are designed for signal transmission
between two electrically separated circuits.
The couplers are end-stackable with 2.54 mm spacing.
Creepage and clearance distances of > 8.0 mm are
achieved with option 6.
FEATURES
• Operating temperature from -55 °C to +110 °C
• Good CTR linearity depending on forward current
• Isolation test voltage, 5300 VRMS
• High collector emitter voltage, VCEO = 70 V
• Low saturation voltage
• Fast switching times
• Low CTR degradation
• Temperature stable
• Low coupling capacitance
• End stackable, 0.100" (2.54 mm) spacing
• High common mode interference immunity
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912
APPLICATIONS
•AC adapter
•SMPS
•PLC
• Factory automation
• Game consoles
AGENCY APPROVALS
The safety application model number covering all products
in this datasheet is SFH617A. This model number should be
used when consulting safety agency documents.
• UL1577, file no. E52744
• cUL tested to CSA 22.2 bulletin 5A
• DIN EN 60747-5-5 (VDE 0884-5) available with option 1
• BSI IEC 60950; IEC 60065
•FIMKO
•CQC
Notes
• Additional options may be possible, please contact sales office.
(1) Also available in tubes; do not add T to end.
1
2
4
3
E
C
A
C
17918-20
ORDERING INFORMATION
SF
H
6
1
7
A
-
#
X
0
#
#
T
PART NUMBER
CTR
BIN
PACKAGE OPTION
TAPE
AND
REEL
AGENCY CERTIFIED/PACKAGE
CTR (%)
UL, BSI, FIMKO, cUL
40 to 80
63 to 125
100 to 200
160 to 320
DIP-4
SFH617A-1
SFH617A-2
SFH617A-3
SFH617A-4
DIP-4, 400 mil, option 6
SFH617A-1X006
SFH617A-2X006
SFH617A-3X006
SFH617A-4X006
SMD-4, option 7
SFH617A-1X007T
-
SFH617A-3X007T
-
SMD-4, option 9
-
SFH617A-2X009T
-
-
VDE, UL, BSI, FIMKO, cUL
40 to 80
63 to 125
100 to 200
160 to 320
DIP-4
SFH617A-1X001
SFH617A-2X001
SFH617A-3X001
SFH617A-4X001
DIP-4, 400 mil, option 6
SFH617A-1X016
SFH617A-2X016
SFH617A-3X016
SFH617A-4X016
SMD-4, option 7
-
SFH617A-2X017T
SFH617A-3X017T (1)
-
SMD-4, option 9
-
SFH617A-2X019T (1)
--
7.62 mm
10.16 mm
Option 7
Option 6
Option 9
DIP-4
> 8 mm
8 mm typ.


Similar Part No. - SFH617A-2X001

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SFH617A-2X001 VISHAY-SFH617A-2X001 Datasheet
170Kb / 9P
   Optocoupler, Phototransistor Output, High Reliability, 5300 VRMS, 110 °C Rateds
01-Jan-2022
More results

Similar Description - SFH617A-2X001

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SFH610A VISHAY-SFH610A_18 Datasheet
192Kb / 9P
   Optocoupler, Phototransistor Output, High Reliability, 5300 VRMS
Rev. 2.5, 28-Mar-18
VO617A VISHAY-VO617A_15 Datasheet
207Kb / 10P
   Optocoupler, Phototransistor Output, High Reliability
Rev. 2.5, 27-Aug-15
VO618A VISHAY-VO618A Datasheet
176Kb / 9P
   Optocoupler, Phototransistor Output, High Reliability, 5300 VRMS
Rev. 1.4, 18-Apr-13
SFH615A-2 VISHAY-SFH615A-2 Datasheet
131Kb / 7P
   Optocoupler, Phototransistor Output, High Reliability, 5300 VRMS
Rev. 2.6, 26-Jun-13
SFH615A-3 VISHAY-SFH615A-3 Datasheet
155Kb / 8P
   Optocoupler, Phototransistor Output, High Reliability, 5300 VRMS
Rev. 1.2, 12-Oct-12
SFH6156 VISHAY-SFH6156_17 Datasheet
154Kb / 9P
   Optocoupler, Phototransistor Output, High Reliability, 5300 VRMS
Rev. 2.8, 21-Apr-17
VO617A VISHAY-VO617A_V02 Datasheet
218Kb / 10P
   Optocoupler, Phototransistor Output, High Reliability, 5300 VRMS
01-Jan-2023
SFH6106-4T VISHAY-SFH6106-4T Datasheet
163Kb / 10P
   Optocoupler, Phototransistor Output, High Reliability, 5300 VRMS
Rev. 2.0, 10-Dec-08
SFH610A VISHAY-SFH610A_16 Datasheet
163Kb / 9P
   Optocoupler, Phototransistor Output, High Reliability, 5300 VRMS
Rev. 2.4, 27-Jun-16
SFH615A VISHAY-SFH615A_08 Datasheet
139Kb / 10P
   Optocoupler, Phototransistor Output, High Reliability, 5300 VRMS
Rev. 2.0, 06-Sep-06
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com