Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

THS3096 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # THS3096
Description  HIGH-VOLTAGE, LOW-DISTORTION, CURRENT-FEEDBACK OPERATIONAL AMPLIFIERS
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS3096 Datasheet(HTML) 11 Page - Texas Instruments

Back Button THS3096 Datasheet HTML 7Page - Texas Instruments THS3096 Datasheet HTML 8Page - Texas Instruments THS3096 Datasheet HTML 9Page - Texas Instruments THS3096 Datasheet HTML 10Page - Texas Instruments THS3096 Datasheet HTML 11Page - Texas Instruments THS3096 Datasheet HTML 12Page - Texas Instruments THS3096 Datasheet HTML 13Page - Texas Instruments THS3096 Datasheet HTML 14Page - Texas Instruments THS3096 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 34 page
background image
www.ti.com
−100
−90
−80
−70
−60
−50
−40
−30
100 k
1 M
10 M
100 M
f − Frequency − Hz
G = 5
RF = 715 Ω,
RL = 100 Ω,
Vs = ±15 V
VO = 20 VPP
VO = 10 VPP
VO = 5 VPP
VO = 2 VPP
−90
−80
−70
−60
−50
−40
100 k
1 M
10 M
100 M
f − Frequency − Hz
VS = ±15 V,
VO = 2 VPP
G = 1
RF = 1.1 kΩ,
RL = 1 kΩ
G = 2
RF = 909 Ω,
RL = 1 kΩ
G = 2
RF = 909 Ω,
RL = 100 Ω
G = 1
RF = 1.1 kΩ,
RL = 100 Ω
−100
−90
−80
−70
−60
−50
−40
−30
100 k
1 M
10 M
100 M
f − Frequency − Hz
G = 5
RF = 715 Ω,
RL = 100 Ω,
Vs = ±15 V
VO = 20 VPP
VO = 10 VPP
VO = 5 VPP
VO = 2 VPP
0
500
1000
1500
2000
2500
3000
3500
4000
0
1
2
3
4
5
6
7
8
9
10
VO − Output Voltage −VPP
Gain = 2
RL = 100 Ω
RF = 909 Ω
VS = ±15 V
Fall
Rise
0
1000
2000
3000
4000
5000
6000
0
2
4
6
8
10
12
14 16
18
20
VO − Output Voltage −VPP
Gain = 5
RL = 100 Ω
RF = 715 Ω
VS = ±15 V
Fall
Rise
0
100
200
300
400
500
600
700
800
0
0.5
1
1.5
2
2.5
3
3.5
4
VO − Output Voltage − VPP
Gain = 1
RL = 100 Ω
RF = 1.1 kΩ
VS = ±15 V
Fall
Rise
1
10
100
1000
10
100
1 k
10 k
100 k
f − Frequency − Hz
In−
In+
Vn
−1.25
−1
−0.75
−0.5
−0.25
0
0.25
0.5
0.75
1
1.25
0
1
2
3
4
5
6
7
8
9
10
t − Time − ns
Gain = −2
RL = 100 Ω
RF =806 Ω
VS = ±15 V
Rising Edge
Falling Edge
−4.5
−4
−3.5
−3
−2.5
−2
−1.5
−1
−0.5
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
0
2
4
6
8
10
12
t − Time − ns
Gain = −2
RL = 100 Ω
RF = 806 Ω
VS = ±15 V
Rising Edge
Falling Edge
THS3092
THS3096
SLOS428A – DECEMBER 2003 – REVISED FEBRUARY 2004
TYPICAL CHARACTERISTICS (
±15 V) (continued)
3RD HARMONIC DISTORTION
2ND HARMONIC DISTORTION
3RD HARMONIC DISTORTION
vs
vs
vs
FREQUENCY
FREQUENCY
FREQUENCY
Figure 10.
Figure 11.
Figure 12.
SLEW RATE
SLEW RATE
SLEW RATE
vs
vs
vs
OUTPUT VOLTAGE STEP
OUTPUT VOLTAGE STEP
OUTPUT VOLTAGE STEP
Figure 13.
Figure 14.
Figure 15.
NOISE
vs
FREQUENCY
SETTLING TIME
SETTLING TIME
Figure 16.
Figure 17.
Figure 18.
11


Similar Part No. - THS3096

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS3096 TI1-THS3096 Datasheet
2Mb / 45P
[Old version datasheet]   HIGH-VOLTAGE, LOW-DISTORTION, CURRENT-FEEDBACK OPERATIONAL AMPLIFIERS
THS3096D TI1-THS3096D Datasheet
2Mb / 45P
[Old version datasheet]   HIGH-VOLTAGE, LOW-DISTORTION, CURRENT-FEEDBACK OPERATIONAL AMPLIFIERS
THS3096DG4 TI1-THS3096DG4 Datasheet
2Mb / 45P
[Old version datasheet]   HIGH-VOLTAGE, LOW-DISTORTION, CURRENT-FEEDBACK OPERATIONAL AMPLIFIERS
THS3096PWP TI1-THS3096PWP Datasheet
2Mb / 45P
[Old version datasheet]   HIGH-VOLTAGE, LOW-DISTORTION, CURRENT-FEEDBACK OPERATIONAL AMPLIFIERS
THS3096PWPG4 TI1-THS3096PWPG4 Datasheet
2Mb / 45P
[Old version datasheet]   HIGH-VOLTAGE, LOW-DISTORTION, CURRENT-FEEDBACK OPERATIONAL AMPLIFIERS
More results

Similar Description - THS3096

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS3091 TI1-THS3091 Datasheet
770Kb / 45P
[Old version datasheet]   High-voltage, Low-distortion, Current-feedback Operational Amplifiers
THS3095 TI1-THS3095_14 Datasheet
1Mb / 37P
[Old version datasheet]   HIGH-VOLTAGE, LOW-DISTORTION, CURRENT-FEEDBACK OPERATIONAL AMPLIFIERS
THS3092 TI1-THS3092_14 Datasheet
2Mb / 45P
[Old version datasheet]   HIGH-VOLTAGE, LOW-DISTORTION, CURRENT-FEEDBACK OPERATIONAL AMPLIFIERS
THS3091DG4 TI1-THS3091DG4 Datasheet
1Mb / 36P
[Old version datasheet]   HIGH-VOLTAGE, LOW-DISTORTION, CURRENT-FEEDBACK OPERATIONAL AMPLIFIERS
THS3091 TI-THS3091 Datasheet
1Mb / 31P
[Old version datasheet]   HIGH-VOLTAGE, LOW-DISTORTION, CURRENT-FEEDBACK OPERATIONAL AMPLIFIERS
THS3091 TI-THS3091_V02 Datasheet
3Mb / 46P
[Old version datasheet]   THS309x High-Voltage, Low-Distortion, Current-Feedback Operational Amplifiers
REVISED APRIL 2023
THS3091 TI-THS3091_V01 Datasheet
2Mb / 55P
[Old version datasheet]   THS309x High-Voltage, Low-Distortion, Current-Feedback Operational Amplifiers
REVISED DECEMBER 2022
logo
Intersil Corporation
HFA1100 INTERSIL-HFA1100_04 Datasheet
335Kb / 10P
   850MHz, Low Distortion Current Feedback Operational Amplifiers
HFA1100IP INTERSIL-HFA1100IP Datasheet
340Kb / 10P
   850MHz, Low Distortion Current Feedback Operational Amplifiers
October 26, 2004
logo
Renesas Technology Corp
HFA1100 RENESAS-HFA1100 Datasheet
594Kb / 10P
   850MHz, Low Distortion Current Feedback Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com