Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

THS4504D Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # THS4504D
Description  WIDEBAND, LOW-DISTORTION, FULLY DIFFERENTIAL AMPLIFIERS
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS4504D Datasheet(HTML) 4 Page - Texas Instruments

  THS4504D Datasheet HTML 1Page - Texas Instruments THS4504D Datasheet HTML 2Page - Texas Instruments THS4504D Datasheet HTML 3Page - Texas Instruments THS4504D Datasheet HTML 4Page - Texas Instruments THS4504D Datasheet HTML 5Page - Texas Instruments THS4504D Datasheet HTML 6Page - Texas Instruments THS4504D Datasheet HTML 7Page - Texas Instruments THS4504D Datasheet HTML 8Page - Texas Instruments THS4504D Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 38 page
background image
www.ti.com
ELECTRICAL CHARACTERISTICS
THS4504
THS4505
SLOS363C – AUGUST 2002 – REVISED MARCH 2004
V
S = ±5 V, Rf = Rg = 499 Ω, RL = 800 Ω, G = +1, Single-ended input unless otherwise noted.
THS4504 AND THS4505
TYP
OVER TEMPERATURE
PARAMETER
TEST CONDITIONS
MIN/TYP
0
°C to
-40
°C to
/MAX
25
°C
25
°C
UNITS
70
°C
85
°C
AC PERFORMANCE
G = 1, PIN= -20 dBm, Rf = 499Ω
260
MHz
Typ
G = 2, PIN= -20 dBm, Rf = 499Ω
110
MHz
Typ
Small-signal bandwidth
G = 5, PIN= -20 dBm, Rf = 499Ω
40
MHz
Typ
G = 10, PIN= -20 dBm,
20
MHz
Typ
Rf = 499Ω
Gain-bandwidth product
G > +10
210
MHz
Typ
Bandwidth for 0.1dB flatness
PIN = -20 dBm
65
MHz
Typ
Large-signal bandwidth
G = 1, VP = 2 V
250
MHz
Typ
Slew rate
4 VPP Step
1800
V/µs
Typ
Rise time
2 VPP Step
0.8
ns
Typ
Fall time
2 VPP Step
1
ns
Typ
Settling time to 0.01%
VO = 4 VPP
100
ns
Typ
0.1%
VO = 4 VPP
20
ns
Typ
Harmonic distortion
G = 1, VO = 2 VPP
Typ
f = 8 MHz
-79
dBc
Typ
2nd harmonic
f = 30 MHz
-66
dBc
Typ
f = 8 MHz
-93
dBc
Typ
3rd harmonic
f = 30 MHz
-65
dBc
Typ
VO = 2 VPP, fc= 30 MHz,
Third-order intermodulation
Rf = 499Ω ,
-73
dBc
Typ
distortion
200 kHz tone spacing
fc = 30 MHz, Rf = 499Ω ,
Third-order output intercept point
29
dBm
Typ
Referenced to 50
Input voltage noise
f > 1 MHz
8
nV/
√Hz
Typ
Input current noise
f > 100 kHz
2
pA/
√Hz
Typ
Overdrive recovery time
Overdrive = 5.5 V
60
ns
Typ
DC PERFORMANCE
Open-loop voltage gain
55
52
50
50
dB
Min
Input offset voltage
-4
-7 / -1
-8 / 0
-9 / +1
mV
Max
Average offset voltage drift
±10
±10
µV/
°C
Typ
Input bias current
4
4.6
5
5.2
µA
Max
Average bias current drift
±10
±10
nA/
°C
Typ
Input offset current
0.5
1
2
2
µA
Max
Average offset current drift
±40
±40
nA/
°C
Typ
4


Similar Part No. - THS4504D

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
THS4504D NSC-THS4504D Datasheet
1Mb / 45P
   WIDEBAND, LOW-DISTORTION, FULLY DIFFERENTIAL AMPLIFIERS
THS4504DG4 NSC-THS4504DG4 Datasheet
1Mb / 45P
   WIDEBAND, LOW-DISTORTION, FULLY DIFFERENTIAL AMPLIFIERS
THS4504DGK NSC-THS4504DGK Datasheet
1Mb / 45P
   WIDEBAND, LOW-DISTORTION, FULLY DIFFERENTIAL AMPLIFIERS
THS4504DGKG4 NSC-THS4504DGKG4 Datasheet
1Mb / 45P
   WIDEBAND, LOW-DISTORTION, FULLY DIFFERENTIAL AMPLIFIERS
THS4504DGN NSC-THS4504DGN Datasheet
1Mb / 45P
   WIDEBAND, LOW-DISTORTION, FULLY DIFFERENTIAL AMPLIFIERS
More results

Similar Description - THS4504D

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
THS4504 NSC-THS4504 Datasheet
1Mb / 45P
   WIDEBAND, LOW-DISTORTION, FULLY DIFFERENTIAL AMPLIFIERS
THS4503-EP NSC-THS4503-EP Datasheet
1Mb / 40P
   WIDEBAND, LOW-DISTORTION FULLY DIFFERENTIAL AMPLIFIERS
logo
Texas Instruments
THS4503-EP TI1-THS4503-EP_17 Datasheet
1Mb / 40P
[Old version datasheet]   WIDEBAND, LOW-DISTORTION FULLY DIFFERENTIAL AMPLIFIERS
THS4502 TI1-THS4502_16 Datasheet
1Mb / 48P
[Old version datasheet]   Wideband, Low-Distortion Fully Differential Amplifiers
THS4503-EP TI1-THS4503-EP Datasheet
768Kb / 38P
[Old version datasheet]   WIDEBAND, LOW-DISTORTION FULLY DIFFERENTIAL AMPLIFIERS
logo
National Semiconductor ...
THS4502 NSC-THS4502 Datasheet
1Mb / 49P
   Wideband, Low-Distortion Fully Differential Amplifiers
THS4501 NSC-THS4501 Datasheet
1Mb / 48P
   WIDEBAND, LOW-DISTORTION, FULLY DIFFERENTIAL AMPLIFIERS
logo
Texas Instruments
THS4500IDR TI1-THS4500IDR Datasheet
1Mb / 48P
[Old version datasheet]   WIDEBAND, LOW-DISTORTION, FULLY DIFFERENTIAL AMPLIFIERS
THS4500 TI-THS4500 Datasheet
585Kb / 37P
[Old version datasheet]   WIDEBAND, LOW DISTORTION FULLY DIFFERENTIAL AMPLIFIERS
THS4502 TI-THS4502 Datasheet
609Kb / 40P
[Old version datasheet]   WIDEBAND, LOW-DISTORTION FULLY DIFFERENTIAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com