Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RB886CS Datasheet(PDF) 1 Page - Rohm

Part # RB886CS
Description  Detection Schottky Diodes
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

RB886CS Datasheet(HTML) 1 Page - Rohm

  RB886CS_15 Datasheet HTML 1Page - Rohm RB886CS_15 Datasheet HTML 2Page - Rohm RB886CS_15 Datasheet HTML 3Page - Rohm RB886CS_15 Datasheet HTML 4Page - Rohm RB886CS_15 Datasheet HTML 5Page - Rohm RB886CS_15 Datasheet HTML 6Page - Rohm RB886CS_15 Datasheet HTML 7Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
RB886CS
Detection Schottky Diodes
Data sheet
 
   
   
   
   
   
   
   
   
   
   
   
   
   
   
   
   
   
   
   
   
          Outline
VR
15
V
SOD-923 VMN2
IF
10
mA
 
 
 
 
VF
0.35
V
 
 
 
 
Ct
0.8
pF
 
 
 
 
 
 
   
   
Feature
Inner Circuit
High reliability
Small mold type
Low capacitance
High Detection efficiency
Application
Packaging Specification
High frequency detection
Packing
Embossed Tape
Reel Size(mm)
180
Taping Width(mm)
8
Structure
Basic Ordering Unit(pcs)
8000
EPITAXIAL PLANAR
Taping Code
T2RA
Marking
4
Absolute Maximum Rating (Ta = 25ºC)
Parameter
Symbol
Limits
Unit
Reverse voltage
VR
15
V
Forward current
IF
10
mA
Junction temperature
Tj
125
Storage temperature
Tstg
-40 125
Electrical Characteristic (Ta = 25ºC)
Parameter
Symbol
Conditions
Min.
Typ. Max.
Unit
Forward voltage
VF
IF=1.0mA
-
-
0.35
V
Reverse current
IR
VR=5.0V
-
-
120
μA
Capacitance between terminals
Ct
VR=1.0V f=1.0MHz
-
0.53
0.8
pF
Cautionstatic electricity
                                                                                         
www.rohm.com
1/3
 
2015/08/06_Rev.001
© 2015 ROHMCo., Ltd. All rights reserved.


Similar Part No. - RB886CS_15

ManufacturerPart #DatasheetDescription
logo
Rohm
RB886CS ROHM-RB886CS Datasheet
263Kb / 3P
   Schottky barrier diode
More results

Similar Description - RB886CS_15

ManufacturerPart #DatasheetDescription
logo
Rohm
RB886G ROHM-RB886G_15 Datasheet
1Mb / 7P
   Detection Schottky Diodes
RB886CM ROHM-RB886CM Datasheet
1Mb / 7P
   Detection Schottky Diodes
RB876W ROHM-RB876W_15 Datasheet
1Mb / 7P
   Detection Schottky Diodes
RB886Y ROHM-RB886Y_15 Datasheet
1Mb / 7P
   Detection Schottky Diodes
RB861Y ROHM-RB861Y_15 Datasheet
1Mb / 7P
   Detection Schottky Diodes
RB886ASAFH ROHM-RB886ASAFH Datasheet
1Mb / 6P
   Detection Schottky Diodes
2022/11/25_Rev.002
RB851Y ROHM-RB851Y_15 Datasheet
1Mb / 7P
   Detection Schottky Diode
logo
AiT Semiconductor Inc.
B0520W AITSEMI-B0520W Datasheet
531Kb / 5P
   SCHOTTKY DIODES SCHOTTKY BARRIER DIODES
REV1.0
B0520WS AITSEMI-B0520WS Datasheet
522Kb / 4P
   SCHOTTKY DIODES SCHOTTKY BARRIER DIODES
REV1.0
logo
Unisonic Technologies
SD106WS UTC-SD106WS Datasheet
84Kb / 3P
   SCHOTTKY DIODES
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com