Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STK14C88-3N45I Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # STK14C88-3N45I
Description  32K x 8 AutoStore??nvSRAM QuantumTrap CMOS Nonvolatile StaticRAM
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

STK14C88-3N45I Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  STK14C88-3N45I Datasheet HTML 1Page - List of Unclassifed Manufacturers STK14C88-3N45I Datasheet HTML 2Page - List of Unclassifed Manufacturers STK14C88-3N45I Datasheet HTML 3Page - List of Unclassifed Manufacturers STK14C88-3N45I Datasheet HTML 4Page - List of Unclassifed Manufacturers STK14C88-3N45I Datasheet HTML 5Page - List of Unclassifed Manufacturers STK14C88-3N45I Datasheet HTML 6Page - List of Unclassifed Manufacturers STK14C88-3N45I Datasheet HTML 7Page - List of Unclassifed Manufacturers STK14C88-3N45I Datasheet HTML 8Page - List of Unclassifed Manufacturers STK14C88-3N45I Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
November 2003
1
Document Control # ML0015 rev 0.3
PIN CONFIGURATIONS
32 - DIP
32 - SOIC
48 - SSOP
VCAP
A14
A12
A7
A6
A5
A4
A3
NC
A2
A1
A0
DQ0
DQ1
DQ2
VSS
VCCX
HSB
A13
A8
A9
A11
G
NC
A10
E
DQ7
DQ6
DQ5
DQ4
DQ3
W
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
32
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
(not to scale)
PIN NAMES
A0 - A14
DQ0 -DQ7
E
W
G
HSB
VCCX
VCAP
VSS
Address
Inputs
Data In/Out
Chip
Enable
Write
Enable
Output
Enable
Hardware
Store
Busy (I/O)
Power
(+ 3.3V)
Capacitor
Ground
STK14C88-3
32K x 8 AutoStore™nvSRAM
QuantumTrap™ CMOS
Nonvolatile Static RAM
FEATURES
• 35ns, 45ns and 55ns Access Times
• “Hands-off” Automatic STORE with External
68
µF Capacitor on Power Down
• STORE to nonvolatile elements Initiated by
Hardware, Software or AutoStore™
• RECALL to SRAM Initiated by Software or
Power Restore
• 10mA Typical I
CC at 200ns Cycle Time
• Unlimited READ, WRITE and RECALL Cycles
• 1,000,000 STORE Cycles to nonvolatile ele-
ments (Commercial/Industrial)
• 100-Year Data Retention in nonvolatile ele-
ments (Commercial/Industrial)
• Single 3.3V + 0.3V Operation
• Commercial and Industrial Temperatures
• 32-Pin SOIC and DIP Packages
DESCRIPTION
The Simtek STK14C88-3 is a fast static RAM with a
nonvolatile element incorporated in each static
memory cell. The SRAM can be read and written an
unlimited number of times, while independent, non-
volatile data resides in nonvolatile elements. Data
transfers from the SRAM to the nonvolatile elements
(the STORE operation) can take place automatically
on power down. A 68
µF or larger capacitor tied from
V
CAP to ground guarantees the STORE operation,
regardless of power-down slew rate or loss of power
from “hot swapping”. Transfers from the nonvolatile
elements to the SRAM (the RECALL operation) take
place automatically on restoration of power. Initia-
tion of STORE and RECALL cycles can also be soft-
ware
controlled
by
entering
specific
read
sequences. A hardware STORE may be initiated with
the HSB pin.
BLOCK DIAGRAM
A0 A1 A2 A3 A4 A10
COLUMN I/O
COLUMN DEC
STATIC RAM
ARRAY
512 x 512
Quantum Trap
512 x 512
STORE/
RECALL
CONTROL
STORE
RECALL
POWER
CONTROL
A5
A6
A7
A8
A9
A11
A12
A13
A14
DQ0
DQ1
DQ2
DQ3
DQ4
DQ5
DQ6
DQ7
SOFTWARE
DETECT
G
E
W
HSB
VCCX
VCAP
A0 - A13


Similar Part No. - STK14C88-3N45I

ManufacturerPart #DatasheetDescription
logo
Simtek Corporation
STK14C88-3NF35 SIMTEK-STK14C88-3NF35 Datasheet
492Kb / 17P
   32Kx8 AutoStore nvSRAM
STK14C88-3NF35 SIMTEK-STK14C88-3NF35 Datasheet
425Kb / 18P
   32Kx8 AutoStore nvSRAM
logo
Cypress Semiconductor
STK14C88-3NF35 CYPRESS-STK14C88-3NF35 Datasheet
618Kb / 17P
   256 Kbit (32K x 8) AutoStore nvSRAM
STK14C88-3NF35 CYPRESS-STK14C88-3NF35 Datasheet
1Mb / 18P
   256 Kbit (32K x 8) AutoStore nvSRAM Unlimited Read/Write endurance
logo
Simtek Corporation
STK14C88-3NF35I SIMTEK-STK14C88-3NF35I Datasheet
492Kb / 17P
   32Kx8 AutoStore nvSRAM
More results

Similar Description - STK14C88-3N45I

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
STK14C88 ETC-STK14C88 Datasheet
386Kb / 13P
   32K x 8 AutoStore nvSRAM QuantumTrap CMOS Nonvolatile Static RAM
logo
Simtek Corporation
STK25C48 SIMTEK-STK25C48 Datasheet
310Kb / 10P
   2K x 8 AutoStore??nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
logo
List of Unclassifed Man...
STK22C48 ETC1-STK22C48 Datasheet
297Kb / 11P
   2K x 8 AutoStore??nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
logo
Simtek Corporation
STK15C68 SIMTEK-STK15C68 Datasheet
382Kb / 10P
   8K x 8 AutoStore??nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
logo
List of Unclassifed Man...
STK12C68 ETC-STK12C68 Datasheet
388Kb / 13P
   8K x 8 AutoStore??nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
STK14D88 ETC-STK14D88 Datasheet
216Kb / 15P
   32K x 8 AutoStore nvSRAM CMOS Nonvolatile Static RAM
STK16C88 ETC1-STK16C88 Datasheet
197Kb / 10P
   32K x 8 AutoStorePlus nvSRAM QuantumTrap CMOS Nonvolatile Static RAM
logo
Simtek Corporation
STK11C88-3 SIMTEK-STK11C88-3 Datasheet
366Kb / 10P
   32K x 8 nvSRAM 3.3V QuantumTrap??CMOS Nonvolatile Static RAM
logo
List of Unclassifed Man...
STK16C88-3 ETC1-STK16C88-3 Datasheet
319Kb / 11P
   32K x 8 AutoStorePlus nvSRAM 3.3V QuantumTrap CMOS Nonvolatile Static RAM
logo
Simtek Corporation
STK17T88 SIMTEK-STK17T88 Datasheet
581Kb / 28P
   32K x 8 AutoStore nvSRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com