Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CKSR-15-NP Datasheet(PDF) 9 Page - LEM

Part # CKSR-15-NP
Description  CAS / CASR / CKSR series Current Transducers
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEM [LEM]
Direct Link  http://www.lem.co.jp/HQ/en
Logo LEM - LEM

CKSR-15-NP Datasheet(HTML) 9 Page - LEM

Back Button CKSR-15-NP Datasheet HTML 5Page - LEM CKSR-15-NP Datasheet HTML 6Page - LEM CKSR-15-NP Datasheet HTML 7Page - LEM CKSR-15-NP Datasheet HTML 8Page - LEM CKSR-15-NP Datasheet HTML 9Page - LEM CKSR-15-NP Datasheet HTML 10Page - LEM CKSR-15-NP Datasheet HTML 11Page - LEM CKSR-15-NP Datasheet HTML 12Page - LEM CKSR-15-NP Datasheet HTML 13Page - LEM Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
CASR 6-NP LTSR 6-NP CASR 15-NP LTSR 15-NP CASR25-NP LTSR25-NP
Nominal current, I
PN
A
6
15
25
Measuring range
A
20
19.2
51
48
85
80
Response time
us
< 0.3
0.4
< 0.3
0.4
< 0.3
0.4
Bandwidth (±1 dB)
kHz
200
200
200
200
200
200
Output voltage noise, 100 Hz..10 kHz (typ.)
mVpp
1.7
10
0.7
4.2
0.4
2.5
Output
Voltage
Voltage
Voltage
Sensitivity
mV/A
104.2
41.7
25.0
Sensitivity error (max)
% of I
PN
0.7
0.6
0.7
0.6
0.7
0.6
Offset drift (25°C .. 85°C) (max)
% of I
PN
0.72
3.6
0.48
1.5
0.24
0.9
Sensitivity drift (25°C .. 85°C) (max)
% of I
PN
0.24
0.3
0.24
0.3
0.24
0.3
Linearity (max)
% of I
PN
0.1
0.1
0.1
0.1
0.1
0.1
Accuracy at +25 °C (max)
% of I
PN
0.8
0.70
0.8
0.70
0.8
0.70
Accuracy at +85 °C (max)
% of I
PN
1.8
4.60
1.5
2.54
1.3
1.90
Offset max
mV
5.3
25
2.2
25
1.4
25
Operating temperature range
°C
-40 .. 85
-40 .. 85
-40 .. 85
-40 .. 85
-40 .. 85
-40 .. 85
Fig. 7. Comparison between CAS and LTS ; CASR and LTSR models – Electrical performances

CAS 6-NP LTS 6-NP CAS 15-NP LTS 15-NP CAS 25-NP LTS 25-NP
Nominal current, I
PN
A
6
15
25
Measuring range
A
20
19.2
51
48
85
80
Response time
us
< 0.3
0.4
< 0.3
0.4
< 0.3
0.4
Bandwidth (±1 dB)
kHz
200
200
200
200
200
200
Output voltage noise, 100 Hz..10 kHz (typ.)
mVpp
2.4
10
1.0
4.2
0.6
2.5
Output
Voltage
Voltage
Voltage
Sensitivity
mV/A
104.2
41.7
25.0
Sensitivity error (max)
% of I
PN
0.7
0.6
0.7
0.6
0.7
0.6
Offset drift (25°C .. 85°C) (max)
% of I
PN
1.92
4.8
1.68
2.9
1.44
2.4
Sensitivity drift (25°C .. 85°C) (max)
% of I
PN
0.24
0.3
0.24
0.3
0.24
0.3
Linearity (max)
% of I
PN
0.1
0.1
0.1
0.1
0.1
0.1
Accuracy at +25 °C (max)
% of I
PN
0.80
0.70
0.80
0.70
0.80
0.70
Accuracy at +85 °C (max)
% of I
PN
3.0
5.80
2.7
3.58
2.5
3.40
Offset (max)
mV
10.4
25
7.1
25
6.3
25
Operating temperature range
°C
-40 .. 85
-40 .. 85
-40 .. 85
-40 .. 85
-40 .. 85
-40 .. 85
It is also possible to cancel the offset drift of the reference voltage when working over the defined temperature range by
using the same method.
The use of the Closed Loop Fluxgate technology allowed achieving significantly better performances for the following
parameters:
• Initial offset at +25°C
• Offset drift
• Gain drift
as expressed per the following charts (Fig. 7: Comparison between CAS and LTS ; CASR and LTSR models).


Similar Part No. - CKSR-15-NP

ManufacturerPart #DatasheetDescription
logo
LEM
CKSR-25-NP LEM-CKSR-25-NP Datasheet
3Mb / 24P
   CAS / CASR / CKSR series Current Transducers
CKSR-50-NP LEM-CKSR-50-NP Datasheet
3Mb / 24P
   CAS / CASR / CKSR series Current Transducers
More results

Similar Description - CKSR-15-NP

ManufacturerPart #DatasheetDescription
logo
LEM
CASR-15-NP LEM-CASR-15-NP Datasheet
3Mb / 24P
   CAS / CASR / CKSR series Current Transducers
CASR-50-NP LEM-CASR-50-NP Datasheet
3Mb / 24P
   CAS / CASR / CKSR series Current Transducers
CKSR-25-NP LEM-CKSR-25-NP Datasheet
3Mb / 24P
   CAS / CASR / CKSR series Current Transducers
CKSR-50-NP LEM-CKSR-50-NP Datasheet
3Mb / 24P
   CAS / CASR / CKSR series Current Transducers
CASR-6-NP LEM-CASR-6-NP Datasheet
3Mb / 24P
   CAS / CASR / CKSR series Current Transducers
CASR-25-NP LEM-CASR-25-NP Datasheet
3Mb / 24P
   CAS / CASR / CKSR series Current Transducers
CAS-25-NP LEM-CAS-25-NP Datasheet
1Mb / 16P
   Current Transducer CAS series
HY50P LEM-HY50P_12 Datasheet
321Kb / 2P
   Current Transducers
HAC100 LEM-HAC100 Datasheet
840Kb / 3P
   Current Transducers
HAZ4000-SRU LEM-HAZ4000-SRU Datasheet
250Kb / 3P
   Current Transducers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com