Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CKSR-50-NP Datasheet(PDF) 5 Page - LEM

Part # CKSR-50-NP
Description  CAS / CASR / CKSR series Current Transducers
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEM [LEM]
Direct Link  http://www.lem.co.jp/HQ/en
Logo LEM - LEM

CKSR-50-NP Datasheet(HTML) 5 Page - LEM

  CKSR-50-NP Datasheet HTML 1Page - LEM CKSR-50-NP Datasheet HTML 2Page - LEM CKSR-50-NP Datasheet HTML 3Page - LEM CKSR-50-NP Datasheet HTML 4Page - LEM CKSR-50-NP Datasheet HTML 5Page - LEM CKSR-50-NP Datasheet HTML 6Page - LEM CKSR-50-NP Datasheet HTML 7Page - LEM CKSR-50-NP Datasheet HTML 8Page - LEM CKSR-50-NP Datasheet HTML 9Page - LEM Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
Number
of primary
turns
Primary nominal
current rms
I
PN [ A ]
Nominal*
output voltage
V
OUT [ V ]
Primary resistance
R
P [ mΩ ] ( typ. )
at +25° C
Recommended
connections
1
± 25
2.5 ± 0.625
0.24
2
± 12
2.5 ± 0.600
1.08
3
± 8
2.5 ± 0.600
2.16
* Output voltage CASR 25-NP is used with internal reference.
5
Multifunctional primary circuit
The CAS and CASR construction uses three U-shaped primary terminals integrated into the housing, providing the
designer with a great flexibility to perfectly adapt the measuring range of the current transducer to his application.
Fig. 4a shows the different connection possibilities.
Fig. 4a. Different nominal current ranges possible according to the primary current circuit configuration (as example: CAS or CASR 25-NP)
When all three U-shaped terminals are connected in
parallel (variant 1 Fig. 4b) the user can measure the
maximum nominal primary current.
The variant 2 (Fig.4b) corresponds to a series connection
of the primary terminals and leads to a reduction of the
nominal measuring range by a factor of 3, but offering a
3 times higher accuracy for low currents.
Fig. 4b. The 2 extreme possibilities for connecting the primary
current circuit (as example: CAS or CASR 25-NP)
Variant 1
Variant 2
Expected for:
IPN (IPMAX) = 25 A (85 A max)
Expected for:
IPN/ 3 (IPMAX/ 3) = 8.33 A (28.33 A max)
The CAS / CASR models are 100% compatible
with the LTS and LTSR models in regards to
the footprint mounting and also with all the
other models that are available on the market
with the same footprint as the LTS / LTSR.
Fig. 3. CAS and CASR transducers can be mounted at the
exact place of the LTS and LTSR transducers


Similar Part No. - CKSR-50-NP

ManufacturerPart #DatasheetDescription
logo
LEM
CKSR-15-NP LEM-CKSR-15-NP Datasheet
3Mb / 24P
   CAS / CASR / CKSR series Current Transducers
CKSR-25-NP LEM-CKSR-25-NP Datasheet
3Mb / 24P
   CAS / CASR / CKSR series Current Transducers
More results

Similar Description - CKSR-50-NP

ManufacturerPart #DatasheetDescription
logo
LEM
CKSR-15-NP LEM-CKSR-15-NP Datasheet
3Mb / 24P
   CAS / CASR / CKSR series Current Transducers
CASR-15-NP LEM-CASR-15-NP Datasheet
3Mb / 24P
   CAS / CASR / CKSR series Current Transducers
CASR-50-NP LEM-CASR-50-NP Datasheet
3Mb / 24P
   CAS / CASR / CKSR series Current Transducers
CKSR-25-NP LEM-CKSR-25-NP Datasheet
3Mb / 24P
   CAS / CASR / CKSR series Current Transducers
CASR-6-NP LEM-CASR-6-NP Datasheet
3Mb / 24P
   CAS / CASR / CKSR series Current Transducers
CASR-25-NP LEM-CASR-25-NP Datasheet
3Mb / 24P
   CAS / CASR / CKSR series Current Transducers
CAS-25-NP LEM-CAS-25-NP Datasheet
1Mb / 16P
   Current Transducer CAS series
HY50P LEM-HY50P_12 Datasheet
321Kb / 2P
   Current Transducers
HAC100 LEM-HAC100 Datasheet
840Kb / 3P
   Current Transducers
HAZ4000-SRU LEM-HAZ4000-SRU Datasheet
250Kb / 3P
   Current Transducers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com