Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FHS-40-P-SP600 Datasheet(PDF) 7 Page - LEM

Part # FHS-40-P-SP600
Description  Current transducer FHS 40-P/SP600
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEM [LEM]
Direct Link  http://www.lem.co.jp/HQ/en
Logo LEM - LEM

FHS-40-P-SP600 Datasheet(HTML) 7 Page - LEM

Back Button FHS-40-P-SP600 Datasheet HTML 3Page - LEM FHS-40-P-SP600 Datasheet HTML 4Page - LEM FHS-40-P-SP600 Datasheet HTML 5Page - LEM FHS-40-P-SP600 Datasheet HTML 6Page - LEM FHS-40-P-SP600 Datasheet HTML 7Page - LEM FHS-40-P-SP600 Datasheet HTML 8Page - LEM FHS-40-P-SP600 Datasheet HTML 9Page - LEM FHS-40-P-SP600 Datasheet HTML 10Page - LEM FHS-40-P-SP600 Datasheet HTML 11Page - LEM Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
Page 7/18
LEM reserves the right to carry out modifications on its transducers, in order to improve them, without prior notice.
www.lem.com
100727/10
FHS 40-P/SP600
0 - 100A
Typical connection diagram and ground plane
Values of the electrical data given page 3 are according to the following connection diagram.
Figure 6: Typical connection diagram (C
1 = C3 = 47 nF, C2 = 4.7 nF)
Careful design of the PCB is needed to ensure minimum disturbance by surrounding currents and external fields.
C
1 to C3 should be mounted as close as possible to the pins.
The maximum capacitor value allowed on
V
OUT is 18 nF. It is recommended to use 4.7 nF.
The maximum capacitor value allowed on
V
OUTFast is 330 pF.
A positive output voltage V
S is obtained with a current (IP) flowing under Minisens from the pin 4/5 end of the package to the pin
1/8 end.
V
SFast is negative when VS is positive.
If the pin
V
OUTFast is not used, it should be connected only to a small solder pad. Coupling to other tracks should be minimized.
An internally generated reference voltage of 2.5 V with a source resistance of 200 Ω is available on the pin
V
REF. The voltage
on this pin may be forced externally with a voltage in the range 1.5 - 2.8 V. The output voltage
V
S is limited to approximately the
value of
V
REF in both positive and negative polarities.
V
STANDBY should be connected to a low impedance so that capacitive coupling from adjacent tracks does not disturb it (there is an
internal pull-down whose resistance is 500 kΩ). It should be connected to 0 V if not used.
Connect
V
STANDBY to the same voltage as VC to activate the Standby mode. VREF should not be forced in Standby mode.
Minisens can be directly mounted above the PCB track in which the current to be measured flows (see kit 4, for example).
+5V
VSTANDBY
Primary
conductor
IP
C3
VC
VOUT
0 V
isolation
barrier
STANDBY
VREF
VS
1
VOUTFast
0 V
C1
C2
VSFast
8
2
3
4
5, 6
7


Similar Part No. - FHS-40-P-SP600

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
FHS-A6025B00 DELTA-FHS-A6025B00 Datasheet
153Kb / 2P
   Intel Nehalem Socket 1366 2U
FHS-A6025B01 DELTA-FHS-A6025B01 Datasheet
153Kb / 2P
   Intel Nehalem Socket 1366 2U
FHS-A6025B02A DELTA-FHS-A6025B02A Datasheet
2Mb / 22P
   THIS SPECIFICATION DEFINES THE ELECTRICAL AND MECHANICAL CHARACTERISTICS OF THE FAN HEATSINK
FHS-A7015A40 DELTA-FHS-A7015A40 Datasheet
156Kb / 5P
   Intel Socket 478 Prescott FMB1.5
FHS-A7015A41 DELTA-FHS-A7015A41 Datasheet
156Kb / 5P
   Intel Socket 478 Prescott FMB1.5
More results

Similar Description - FHS-40-P-SP600

ManufacturerPart #DatasheetDescription
logo
LEM
LA100P LEM-LA100P Datasheet
69Kb / 2P
   CURRENT TRANSDUCER LA 100-P
LA150-P LEM-LA150-P Datasheet
26Kb / 2P
   Current Transducer LA 150-P
LA55P LEM-LA55P Datasheet
68Kb / 2P
   Current Transducer LA 55-P
LT100-P LEM-LT100-P Datasheet
721Kb / 3P
   Current Transducer LT 100-P
HY50-P LEM-HY50-P Datasheet
130Kb / 2P
   Current Transducer HY 50-P
LAH50-P LEM-LAH50-P Datasheet
219Kb / 2P
   Current Transducer LAH 50-P
LA55-P LEM-LA55-P Datasheet
68Kb / 2P
   Current Transducer LA 55-P
HLSR-50-P LEM-HLSR-50-P Datasheet
1Mb / 13P
   Current Transducer HLSR-P series
LA-150-P LEM-LA-150-P Datasheet
336Kb / 4P
   Current Transducer LA 150-P
LA100-P LEM-LA100-P Datasheet
69Kb / 2P
   Current Transducer LA 100-P
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com