Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LAX-100-NP Datasheet(PDF) 9 Page - LEM

Part # LAX-100-NP
Description  Current Transducer LAX SERIES
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEM [LEM]
Direct Link  http://www.lem.co.jp/HQ/en
Logo LEM - LEM

LAX-100-NP Datasheet(HTML) 9 Page - LEM

Back Button LAX-100-NP Datasheet HTML 4Page - LEM LAX-100-NP Datasheet HTML 5Page - LEM LAX-100-NP Datasheet HTML 6Page - LEM LAX-100-NP Datasheet HTML 7Page - LEM LAX-100-NP Datasheet HTML 8Page - LEM LAX-100-NP Datasheet HTML 9Page - LEM LAX-100-NP Datasheet HTML 10Page - LEM LAX-100-NP Datasheet HTML 11Page - LEM LAX-100-NP Datasheet HTML 12Page - LEM  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
Page 9/12
www .lem.com
LEM reserves the right to carry out modifications on its transducers, in order to improve them, without prior notice.
070615/8
Response and reaction times
The response time t
r and the reaction time tra are shown in the
next figure.
Both depend on the primary current di/dt. They are measured at
nominal ampere-turns.
The "di/dt accurately followed" mentionned in the electrical data
table is defined as the di/dt of the primary current for which the
response time is equal to 1 µs.
Figure 20: response time t
r and reaction time
t
ra
Electrical offset
The electrical offset current I
OE can either be measured
when the ferro-magnetic parts of the transducer are:
completely demagnetized, which is difficult to realize, or
in a known magnetization state, like in the current cycle
shown above.
Using the current cycle shown in figure 19, the electrical
offset is:
The temperature variation I
OT of the electrical offset current
I
OE is the variation of the electrical offset from 25°C to the
considered temperature:
Note: the transducer has to be demagnetized prior to the
application of the current cycle (for example with a
demagnetization tunnel).
Overall accuracy
The overall accuracy at 25°C X
G is the error in the - IPN .. + IPN
range, relative to the rated value I
PN.
It includes:
the electrical offset I
OE
the sensitivity error
ε
G
the linearity error
ε
L (to IPN)
The magnetic offset is part of the overall accuracy. It is
taken into account in the linearity error figure provided the
transducer has not been magnetized by a current higher
than I
PN.
2
)
(
)
(
2
1
t
Is
t
Is
OE
I
+
=
)
25
(
)
(
)
(
C
I
T
I
T
OT
I
OE
OE
°
=
Performance parameters definition (continued)
LAX series 16-100 A
I
t ra
I s
t r
I p
90
%
10
%
t
100
%


Similar Part No. - LAX-100-NP

ManufacturerPart #DatasheetDescription
logo
LEM
LAX100-NP LEM-LAX100-NP Datasheet
273Kb / 12P
   Current Transducer LAX SERIES
logo
List of Unclassifed Man...
LAXC021T0B-Q1 ETC2-LAXC021T0B-Q1 Datasheet
33Kb / 1P
   IC for LCD TV
logo
Taiyo Yuden (U.S.A.), I...
LAXHG5050XAT100MMR TAIYO-YUDEN-LAXHG5050XAT100MMR Datasheet
407Kb / 3P
   Wire-wound Ferrite Power Inductors LAXH series for Automotive Powertrain and Safety
2023/12/13
LAXHG5050XAT150MMR TAIYO-YUDEN-LAXHG5050XAT150MMR Datasheet
406Kb / 3P
   Wire-wound Ferrite Power Inductors LAXH series for Automotive Powertrain and Safety
2024/1/9
LAXHG5050XAT220MMR TAIYO-YUDEN-LAXHG5050XAT220MMR Datasheet
406Kb / 3P
   Wire-wound Ferrite Power Inductors LAXH series for Automotive Powertrain and Safety
2023/12/13
More results

Similar Description - LAX-100-NP

ManufacturerPart #DatasheetDescription
logo
LEM
LAX100-NP LEM-LAX100-NP Datasheet
273Kb / 12P
   Current Transducer LAX SERIES
CAS-25-NP LEM-CAS-25-NP Datasheet
1Mb / 16P
   Current Transducer CAS series
CTSR-0.6-P LEM-CTSR-0.6-P Datasheet
675Kb / 11P
   Current Transducer CTSR series
HO50-S LEM-HO50-S Datasheet
1Mb / 14P
   Current Transducer
HO60-P LEM-HO60-P Datasheet
1Mb / 15P
   Current Transducer
HO-NP-0000 LEM-HO-NP-0000 Datasheet
2Mb / 16P
   Current Transducer
HXS20-NP-SP2 LEM-HXS20-NP-SP2 Datasheet
757Kb / 3P
   Current Transducer
LA55-P LEM-LA55-P_09 Datasheet
515Kb / 3P
   Current Transducer
LA150-TP LEM-LA150-TP Datasheet
243Kb / 3P
   Current Transducer
LTS15-NP LEM-LTS15-NP_11 Datasheet
471Kb / 3P
   Current Transducer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com