Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0022552083 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 0022552083
Description  2.54mm Pitch SL Crimp Housing, Dual Row, Version C, Back Ribs, 8 Circuits
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX1 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX1 - Molex Electronics Ltd.

0022552083 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  0022552083_17 Datasheet HTML 1Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
This document was generated on 08/29/2017
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0022552083
Status:
Active
Overview:
SL™ Modular Connectors
Description:
2.54mm Pitch SL™ Crimp Housing, Dual Row, Version C, Back Ribs, 8 Circuits
Documents:
3D Model
Product Specification TS-70058-001-001 (PDF)
Drawing (PDF)
Product Specification TS-70541-001-001 (PDF)
Product Specification PS-70058-001 (PDF)
RoHS Certificate of Compliance (PDF)
Product Specification PS-70400-001 (PDF)
Agency Certification
CSA
LR19980
UL
E29179
General
Product Family
Crimp Housings
Series
70450
Application
Signal, Wire-to-Board
Comments
Version C
Overview
SL™ Modular Connectors
Product Name
SL™
UPC
800754396189
Physical
Breakaway
No
Circuits (maximum)
8
Color - Resin
Black
Flammability
94V-0
Gender
Receptacle
Glow-Wire Compliant
No
Material - Resin
Polyester
Net Weight
0.712/g
Number of Rows
2
Packaging Type
Bag
Panel Mount
No
Pitch - Mating Interface
2.54mm
Stackable
Yes
Temperature Range - Operating
-40°C to +105°C
Solder Process Data
Lead-freeProcess Capability
N/A
Material Info
Engineering Number
704500102
Reference - Drawing Numbers
Product Specification
PS-70058-001, PS-70400-001, TS-70058-001-001,
TS-70541-001-001
Sales Drawing
SD-70450-0100-0125
Series image - Reference only
EU ELV
Not Relevant
EU RoHS
China RoHS
Compliant
REACH SVHC
Not Contained Per -
ED/30/2017 (7 July
2017)
Halogen-Free
Status
Not Low-Halogen
Need more information on product
environmental compliance?
Email productcompliance@molex.com
Please visit the Contact Us section for any
non-product compliance questions.
China ROHS
Green Image
ELV
Not Relevant
RoHS Phthalates
Not Contained
Search Parts in this Series
70450 Series
Mates With
2.54mm Pitch C-Grid® Header 70229 ,
70280 , 70246 , 70247
Use With
70058 , 71851
This document was generated on 08/29/2017
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 0022552083_17

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0022552083 MOLEX1-0022552083_18 Datasheet
49Kb / 1P
   2.54mm Pitch SL Crimp Housing, Dual Row, Version C, Back Ribs, 8 Circuits, Black
More results

Similar Description - 0022552083_17

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0022552083 MOLEX3-0022552083 Datasheet
125Kb / 2P
   2.54mm (.100") Pitch SL??Crimp Housing, Dual Row, Version C, Back Ribs, 8 Circuits
0022552083 MOLEX1-0022552083_18 Datasheet
49Kb / 1P
   2.54mm Pitch SL Crimp Housing, Dual Row, Version C, Back Ribs, 8 Circuits, Black
0022552223 MOLEX1-0022552223_17 Datasheet
41Kb / 1P
   2.54mm Pitch SL Crimp Housing, Dual Row, Version C, Back Ribs, 22 Circuits
0022552043 MOLEX1-0022552043_17 Datasheet
41Kb / 1P
   2.54mm Pitch SL Crimp Housing, Dual Row, Version C, Back Ribs, 4 Circuits
0022552103 MOLEX1-0022552103_17 Datasheet
41Kb / 1P
   2.54mm Pitch SL Crimp Housing, Dual Row, Version C, Back Ribs, 10 Circuits
0022552183 MOLEX1-0022552183_17 Datasheet
41Kb / 1P
   2.54mm Pitch SL Crimp Housing, Dual Row, Version C, Back Ribs, 18 Circuits
0022552503 MOLEX1-0022552503_17 Datasheet
41Kb / 1P
   2.54mm Pitch SL??Crimp Housing, Dual Row, Version C, Back Ribs, 50 Circuits
0022552343 MOLEX1-0022552343_17 Datasheet
41Kb / 1P
   2.54mm Pitch SL Crimp Housing, Dual Row, Version C, Back Ribs, 34 Circuits
0022552203 MOLEX1-0022552203_17 Datasheet
41Kb / 1P
   2.54mm Pitch SL Crimp Housing, Dual Row, Version C, Back Ribs, 20 Circuits
0022552303 MOLEX1-0022552303_17 Datasheet
41Kb / 1P
   2.54mm Pitch SL Crimp Housing, Dual Row, Version C, Back Ribs, 30 Circuits
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com