Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CNY64AGRST Datasheet(PDF) 7 Page - Vishay Siliconix

Part # CNY64AGRST
Description  Optocoupler, Phototransistor Output, Very High Isolation Voltage
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

CNY64AGRST Datasheet(HTML) 7 Page - Vishay Siliconix

Back Button CNY64AGRST Datasheet HTML 3Page - Vishay Siliconix CNY64AGRST Datasheet HTML 4Page - Vishay Siliconix CNY64AGRST Datasheet HTML 5Page - Vishay Siliconix CNY64AGRST Datasheet HTML 6Page - Vishay Siliconix CNY64AGRST Datasheet HTML 7Page - Vishay Siliconix CNY64AGRST Datasheet HTML 8Page - Vishay Siliconix CNY64AGRST Datasheet HTML 9Page - Vishay Siliconix CNY64AGRST Datasheet HTML 10Page - Vishay Siliconix CNY64AGRST Datasheet HTML 11Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
CNY64AYST, CNY64ABST, CNY64AGRST, CNY65AYST, CNY65ABST, CNY65AGRST
www.vishay.com
Vishay Semiconductors
Rev. 1.1, 26-Jun-14
7
Document Number: 82387
For technical questions, contact: optocoupleranswers@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
SOLDERING GUIDLINES
Soldering Condition
The CNY64AxST, CNY65AxST are lead (Pb)-free devices.
They are suitable for reflow soldering. However due to large
package size, the peak package body temperature should
not go above 245 °C.
Drypack
Devices are packed in moisture barrier bags (MBB) to
prevent moisture absorption during transportation and
storage. Each bag contains a desiccant bag.
Floor Life
Floor life (time between soldering and removing from MBB)
must not exceed the time indicated on MBB label:
Floor life: 72 h
Conditions: Tamb < 30 °C, RH < 60 %
Moisture sensitivity level 4, according to J-STD-020.
Drying
In case of moisture absorption devices should be baked
before soldering according to the recommended conditions
shown below
48 h at 125 °C ± 5 °C, RH < 5%
(Not suitable for tape and reel)
In case the floor time has not exceeded 10 days the units
can be baked in tape and reel according to the following
conditions
168 h at 60 °C ± 5 °C, RH < 5 %
(Not suitable, if the floor time was exceeded by more than
10 days, or the allowed factory condition is exceeded)
PACKAGE DIMENSIONS in millimeters FOR CNY64A...ST
0
50
100
150
200
250
300
0
50
100
150
200
250
300
Time (s)
240 °C
245 °C
max. 120 s
max. 100 s
217 °C
max. 20 s
max. ramp up 3 °C/s
max. ramp down 6 °C/s
max. 2 cycles allowed
22550
Cathode
Emitter
Anode
Collector
5.08 ± 0.4
9
15.9
Recommended footprint
specifications
according to DIN
technical drawings
7.2 ± 0.2
14.4 ± 0.3
12.8 ± 0.2
0.5 ± 0.2
2.1 ± 0.5
Leads coplanarity
0.1 max.
Z
Z 10:1
6.544-5406.01-4


Similar Part No. - CNY64AGRST

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
CNY64AGRST VISHAY-CNY64AGRST Datasheet
166Kb / 11P
   Optocoupler, Phototransistor Output, Very High Isolation Voltage
Rev. 1.0, 20-Sep-11
CNY64AGRST VISHAY-CNY64AGRST Datasheet
164Kb / 11P
   Optocoupler, Phototransistor Output, Very High Isolation Voltage
Rev. 1.0, 20-Sep-11
CNY64AGRST VISHAY-CNY64AGRST Datasheet
189Kb / 12P
   Optocoupler, Phototransistor Output, Very High Isolation Voltage
01-Jan-2022
CNY64AGRST VISHAY-CNY64AGRST Datasheet
189Kb / 12P
   Optocoupler, Phototransistor Output, Very High Isolation Voltage
01-Jan-2023
More results

Similar Description - CNY64AGRST

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
CNY64AYST VISHAY-CNY64AYST Datasheet
166Kb / 11P
   Optocoupler, Phototransistor Output, Very High Isolation Voltage
Rev. 1.0, 20-Sep-11
CNY64AYST VISHAY-CNY64AYST_V01 Datasheet
189Kb / 12P
   Optocoupler, Phototransistor Output, Very High Isolation Voltage
01-Jan-2022
CNY66 VISHAY-CNY66_V01 Datasheet
164Kb / 10P
   Optocoupler, Phototransistor Output, Very High Isolation Voltage
01-Jan-2022
CNY651 VISHAY-CNY651 Datasheet
152Kb / 10P
   Optocoupler, Phototransistor Output, Very High Isolation Voltage
Rev. 1.0, 12-Feb-14
CNY64 VISHAY-CNY64_05 Datasheet
198Kb / 11P
   Optocoupler, Phototransistor Output, Very High Isolation Voltage
Rev. 1.6, 26-Oct-04
CNY651 VISHAY-CNY651_V01 Datasheet
179Kb / 11P
   Optocoupler, Phototransistor Output, Very High Isolation Voltage
01-Jan-2022
CNY64 VISHAY-CNY64_08 Datasheet
132Kb / 9P
   Optocoupler, Phototransistor Output,Very High Isolation Voltage
Rev. 1.7, 20-Oct-08
CNY64ST VISHAY-CNY64ST Datasheet
164Kb / 11P
   Optocoupler, Phototransistor Output, Very High Isolation Voltage
Rev. 1.0, 20-Sep-11
CNY64AYST VISHAY-CNY64AYST_V02 Datasheet
189Kb / 12P
   Optocoupler, Phototransistor Output, Very High Isolation Voltage
01-Jan-2023
CNY651 VISHAY-CNY651_V02 Datasheet
180Kb / 11P
   Optocoupler, Phototransistor Output, Very High Isolation Voltage
01-Jan-2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com