Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CNY64AGRST Datasheet(PDF) 3 Page - Vishay Siliconix

Part # CNY64AGRST
Description  Optocoupler, Phototransistor Output, Very High Isolation Voltage
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

CNY64AGRST Datasheet(HTML) 3 Page - Vishay Siliconix

  CNY64AGRST Datasheet HTML 1Page - Vishay Siliconix CNY64AGRST Datasheet HTML 2Page - Vishay Siliconix CNY64AGRST Datasheet HTML 3Page - Vishay Siliconix CNY64AGRST Datasheet HTML 4Page - Vishay Siliconix CNY64AGRST Datasheet HTML 5Page - Vishay Siliconix CNY64AGRST Datasheet HTML 6Page - Vishay Siliconix CNY64AGRST Datasheet HTML 7Page - Vishay Siliconix CNY64AGRST Datasheet HTML 8Page - Vishay Siliconix CNY64AGRST Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
CNY64AYST, CNY64ABST, CNY64AGRST, CNY65AYST, CNY65ABST, CNY65AGRST
www.vishay.com
Vishay Semiconductors
Rev. 1.1, 26-Jun-14
3
Document Number: 82387
For technical questions, contact: optocoupleranswers@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Note
• According to DIN EN 60747-5-2 (see figure 2). This optocoupler is suitable for safe electrical isolation only within the safety ratings.
Compliance with the safety ratings shall be ensured by means of suitable protective circuits.
Fig. 1 - Safety Derating Diagram
Fig. 2 - Test Pulse Diagram for Sample Test According to
DIN EN 60747-5-2 (VDE 0884); IEC60747-5-5
CURRENT TRANSFER RATIO (Tamb = 25 °C, unless otherwise specified)
PARAMETER
TEST CONDITION
PART
SYMBOL
MIN.
TYP.
MAX.
UNIT
IC/IF
VCE = 5 V, IF = 5 mA
CNY64ST
CTR
50
300
%
CNY65ST
CTR
50
300
%
CNY64AYST
CTR
50
150
%
CNY65AYST
CTR
50
150
%
CNY64ABST
CTR
80
240
%
CNY65ABST
CTR
80
240
%
CNY64AGRST
CTR
100
300
%
CNY65AGRST
CTR
100
300
%
SAFETY AND INSULATION PARAMETERS
PARAMETER
TEST CONDITION
PART
SYMBOL
MIN.
TYP.
MAX.
UNIT
Partial discharge test voltage -
routine test
100 %, ttest = 1 s
Vpd
2.8
kV
Partial discharge test voltage -
lot test (sample test)
tTr = 60 s, ttest = 10 s,
(see figure 2)
Vpd
2.2
kV
Insulation resistance
VIO = 500 V, Tamb = 25 °C
RIO
1012
Ω
VIO = 500 V, Tamb = 100 °C
RIO
1011
Ω
VIO = 500 V, Tamb = 150 °C
(construction test only)
RIO
109
Ω
Forward current
Isi
120
mA
Power dissipation
Pso
250
mW
Rated impulse voltage
VIOTM
12
kV
Safety temperature
Tsi
150
°C
Tracking resistance
(comparative tracking index)
Insulation group IVa
CTI
475
Minimum external tracking
(creepage distance)
Measured from
input pins to output pins
CNY64ST
≥ 9.5
mm
CNY65ST
≥ 14
mm
0
25
50
75
100
125
150
175
200
225
250
0
25
50
75 100 125 150 175 200
Tamb (°C)
22292
P
so (mW)
I
si (mA)
t
13930
t1, t2 = 1 s to 10 s
t3, t4 = 1 s
ttest = 10 s
tstres = 12 s
VIOTM
Vpd
VIOWM
VIORM
0
t1
ttest
tTr = 60 s
tstres
t3
t4
t2


Similar Part No. - CNY64AGRST

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
CNY64AGRST VISHAY-CNY64AGRST Datasheet
166Kb / 11P
   Optocoupler, Phototransistor Output, Very High Isolation Voltage
Rev. 1.0, 20-Sep-11
CNY64AGRST VISHAY-CNY64AGRST Datasheet
164Kb / 11P
   Optocoupler, Phototransistor Output, Very High Isolation Voltage
Rev. 1.0, 20-Sep-11
CNY64AGRST VISHAY-CNY64AGRST Datasheet
189Kb / 12P
   Optocoupler, Phototransistor Output, Very High Isolation Voltage
01-Jan-2022
CNY64AGRST VISHAY-CNY64AGRST Datasheet
189Kb / 12P
   Optocoupler, Phototransistor Output, Very High Isolation Voltage
01-Jan-2023
More results

Similar Description - CNY64AGRST

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
CNY64AYST VISHAY-CNY64AYST Datasheet
166Kb / 11P
   Optocoupler, Phototransistor Output, Very High Isolation Voltage
Rev. 1.0, 20-Sep-11
CNY64AYST VISHAY-CNY64AYST_V01 Datasheet
189Kb / 12P
   Optocoupler, Phototransistor Output, Very High Isolation Voltage
01-Jan-2022
CNY66 VISHAY-CNY66_V01 Datasheet
164Kb / 10P
   Optocoupler, Phototransistor Output, Very High Isolation Voltage
01-Jan-2022
CNY651 VISHAY-CNY651 Datasheet
152Kb / 10P
   Optocoupler, Phototransistor Output, Very High Isolation Voltage
Rev. 1.0, 12-Feb-14
CNY64 VISHAY-CNY64_05 Datasheet
198Kb / 11P
   Optocoupler, Phototransistor Output, Very High Isolation Voltage
Rev. 1.6, 26-Oct-04
CNY651 VISHAY-CNY651_V01 Datasheet
179Kb / 11P
   Optocoupler, Phototransistor Output, Very High Isolation Voltage
01-Jan-2022
CNY64 VISHAY-CNY64_08 Datasheet
132Kb / 9P
   Optocoupler, Phototransistor Output,Very High Isolation Voltage
Rev. 1.7, 20-Oct-08
CNY64ST VISHAY-CNY64ST Datasheet
164Kb / 11P
   Optocoupler, Phototransistor Output, Very High Isolation Voltage
Rev. 1.0, 20-Sep-11
CNY64AYST VISHAY-CNY64AYST_V02 Datasheet
189Kb / 12P
   Optocoupler, Phototransistor Output, Very High Isolation Voltage
01-Jan-2023
CNY651 VISHAY-CNY651_V02 Datasheet
180Kb / 11P
   Optocoupler, Phototransistor Output, Very High Isolation Voltage
01-Jan-2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com