Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IL213AT Datasheet(PDF) 2 Page - Vishay Siliconix

Part # IL213AT
Description  Optocoupler, Phototransistor Output, with Base Connection in SOIC-8 Package
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

IL213AT Datasheet(HTML) 2 Page - Vishay Siliconix

  IL213AT Datasheet HTML 1Page - Vishay Siliconix IL213AT Datasheet HTML 2Page - Vishay Siliconix IL213AT Datasheet HTML 3Page - Vishay Siliconix IL213AT Datasheet HTML 4Page - Vishay Siliconix IL213AT Datasheet HTML 5Page - Vishay Siliconix IL213AT Datasheet HTML 6Page - Vishay Siliconix IL213AT Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
IL211AT, IL212AT, IL213AT
www.vishay.com
Vishay Semiconductors
Rev. 1.9, 21-Dec-10
2
Document Number: 83615
For technical questions, contact: optocoupleranswers@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Note
• Stresses in excess of the absolute maximum ratings can cause permanent damage to the device. Functional operation of the device is not
implied at these or any other conditions in excess of those given in the operational sections of this document. Exposure to absolute
maximum ratings for extended periods of the time can adversely affect reliability.
Note
• Minimum and maximum values were tested requirements. Typical values are characteristics of the device and are the result of engineering
evaluations. Typical values are for information only and are not part of the testing requirements.
COUPLER
Isolation test voltage
VISO
4000
VRMS
Total package dissipation
LED and detector
Ptot
240
mW
Derate linearly from 25 °C
3.2
mW/°C
Storage temperature
Tstg
-55 to +150
°C
Operating temperature
Tamb
-55 to +100
°C
Soldering time
at 260 °C
10
s
ELECTRICAL CHARACTERISTICS (Tamb = 25 °C, unless otherwise specified)
PARAMETER
TEST CONDITION
PART
SYMBOL
MIN.
TYP.
MAX.
UNIT
INPUT
Forward voltage
IF = 10 mA
VF
-1.3
1.5
V
Reverse current
VR = 6 V
IR
-
0.1
100
μA
Capacitance
VR = 0 V
CO
-13
-
pF
OUTPUT
Collector emitter breakdown voltage
IC = 10 μA
BVCEO
30
-
-
V
Emitter collector breakdown voltage
IE = 10 μA
BVECO
7-
-
V
Collector dark current
VCE = 10 V
ICEO
-
5
50
nA
Collector emitter capacitance
VCE = 0 V
CCE
-10
pF
COUPLER
Saturation voltage, collector emitter
IF = 10 mA
VCEsat
--
0.4
V
Isolation test voltage
1 s
VISO
4000
-
-
VRMS
Capacitance (input to output)
CIO
-0.5
50
pF
Resistance (input to output)
RIO
-100
-
G
Ω
Collector emitter breakdown voltage
IC = 10 μA
BVCEO
30
-
-
V
CURRENT TRANSFER RATIO
PARAMETER
TEST CONDITION
PART
SYMBOL
MIN.
TYP.
MAX.
UNIT
Current transfer ratio
IF = 10 mA, VCE = 5 V
IL211AT
CTR
20
50
-
%
IL212AT
CTR
50
80
-
%
IL213AT
CTR
100
130
-
%
SWITCHING CHARACTERISTICS
PARAMETER
TEST CONDITION
PART
SYMBOL
MIN.
TYP.
MAX.
UNIT
Switching time
IC = 2 mA, RL = 100
Ω,
VCC = 10 V
ton, toff
-3
-
μs
ABSOLUTE MAXIMUM RATINGS (Tamb = 25 °C, unless otherwise specified)
PARAMETER
TEST CONDITION
SYMBOL
VALUE
UNIT


Similar Part No. - IL213AT

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
IL213AT SIEMENS-IL213AT Datasheet
44Kb / 3P
   PHOTOTRANSISTOR SMALL OUTLINE SURFACE MOUNT OPTOCOUPLER
logo
Vishay Siliconix
IL213AT VISHAY-IL213AT Datasheet
132Kb / 6P
   Optocoupler, Phototransistor Output, With Base Connection in
Rev. 1.5, 26-Oct-04
IL213AT VISHAY-IL213AT Datasheet
138Kb / 7P
   Optocoupler, Phototransistor Output, with Base Connection in SOIC-8 Package
01-Jan-2022
IL213AT VISHAY-IL213AT Datasheet
138Kb / 7P
   Optocoupler, Phototransistor Output, with Base Connection in SOIC-8 Package
01-Jan-2023
IL213AT VISHAY-IL213AT_V01 Datasheet
138Kb / 7P
   Optocoupler, Phototransistor Output, with Base Connection in SOIC-8 Package
01-Jan-2022
More results

Similar Description - IL213AT

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
IL211AT VISHAY-IL211AT_V02 Datasheet
138Kb / 7P
   Optocoupler, Phototransistor Output, with Base Connection in SOIC-8 Package
01-Jan-2023
IL213AT VISHAY-IL213AT_V01 Datasheet
138Kb / 7P
   Optocoupler, Phototransistor Output, with Base Connection in SOIC-8 Package
01-Jan-2022
VO208AT VISHAY-VO208AT_V01 Datasheet
114Kb / 6P
   Optocoupler, Phototransistor Output, with Base Connection in SOIC-8 Package
01-Jan-2022
VO211AT VISHAY-VO211AT Datasheet
115Kb / 8P
   Optocoupler, Phototransistor Output, with Base Connection in SOIC-8 Package
Rev. 1.0, 02-Dec-08
IL205AT VISHAY-IL205AT_05 Datasheet
259Kb / 7P
   Optocoupler, Phototransistor Output, With Base Connection in SOIC-8 package
Rev. 1.6, 18-Apr-05
VO205AT VISHAY-VO205AT_V02 Datasheet
114Kb / 6P
   Optocoupler, Phototransistor Output, with Base Connection in SOIC-8 Package
VO205AT VISHAY-VO205AT Datasheet
112Kb / 6P
   Optocoupler, Phototransistor Output, with Base Connection in SOIC-8 Package
Rev. 1.2, 22-Nov-12
IL1205AT VISHAY-IL1205AT Datasheet
146Kb / 9P
   Optocoupler, Phototransistor Output, with Base Connection in SOIC-8 Package, 110 °C Rated
Rev. 1.7, 08-May-08
IL1207AT VISHAY-IL1207AT Datasheet
148Kb / 10P
   Optocoupler, Phototransistor Output, with Base Connection in SOIC-8 Package, 110 °C Rated
Rev. 1.7, 08-May-08
IL1208AT VISHAY-IL1208AT_V01 Datasheet
152Kb / 8P
   Optocoupler, Phototransistor Output, With Base Connection in SOIC-8 Package, 110 °C Rated
01-Jan-2022
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com