Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ILQ32 Datasheet(PDF) 5 Page - Vishay Siliconix

Part # ILQ32
Description  Optocoupler, Photodarlington Output, High Gain (Quad Channel)
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

ILQ32 Datasheet(HTML) 5 Page - Vishay Siliconix

  ILQ32 Datasheet HTML 1Page - Vishay Siliconix ILQ32 Datasheet HTML 2Page - Vishay Siliconix ILQ32 Datasheet HTML 3Page - Vishay Siliconix ILQ32 Datasheet HTML 4Page - Vishay Siliconix ILQ32 Datasheet HTML 5Page - Vishay Siliconix ILQ32 Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Document Number: 83650
For technical questions, contact: optocoupleranswers@vishay.com
www.vishay.com
Rev. 1.8, 24-May-11
5
This document is subject to change without notice.
THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
ILQ32
Optocoupler, Photodarlington Output,
High Gain (Quad Channel)
Vishay Semiconductors
PACKAGE DIMENSIONS in millimeters
PACKAGE MARKING
Notes
• Only options 1 and 7 reflected in the package marking
• The VDE logo is only marked on option 1 parts
• Tape and reel suffix (T) is not part of the package marking
i178007
6.48
6.81
19.77
20.07
0.76
1.14
2.54 typ.
10°
typ.
3° to 9°
0.46
0.56
0.20
0.30
2.79
3.30
Pin one ID
3.30
3.81
8
7
6
5
4
3
2
1
9
10
11
12
13
14
15
16
7.62 typ.
5.84
6.35
1.27
ISO method A
0.51
0.89
0.79
18450-7
8 min.
0.51
1.02
7.62 ref.
9.53
10.03
0.25 typ.
0.102
0.249
15° max.
Option 9
8 min.
7.62 typ.
4.6
4.1
8.4 min.
10.3 max.
0.7
Option 7
2.54
R 0.25
1.78
0.76
1.52
8 min.
11.05
2.54
R 0.25
1.78
0.76
1.52
8 min.
11.05
ILQ32
V YWW H 68


Similar Part No. - ILQ32

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
ILQ32 SIEMENS-ILQ32 Datasheet
50Kb / 2P
   PHOTODARLINGTON OPTOCOUPLER
logo
Vishay Siliconix
ILQ32 VISHAY-ILQ32 Datasheet
181Kb / 8P
   Optocoupler, Photodarlington Output, High Gain (Dual, Quad Channel)
Rev. 1.5, 26-Oct-04
ILQ32 VISHAY-ILQ32 Datasheet
180Kb / 6P
   Optocoupler, Photodarlington Output, High Gain (Quad Channel)s
01-Jan-2022
ILQ32 VISHAY-ILQ32 Datasheet
180Kb / 6P
   Optocoupler, Photodarlington Output, High Gain (Quad Channel)
01-Jan-2023
ILQ32-X001 VISHAY-ILQ32-X001 Datasheet
180Kb / 6P
   Optocoupler, Photodarlington Output, High Gain (Quad Channel)s
01-Jan-2022
More results

Similar Description - ILQ32

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
ILQ32 VISHAY-ILQ32_V02 Datasheet
180Kb / 6P
   Optocoupler, Photodarlington Output, High Gain (Quad Channel)
01-Jan-2023
ILQ32 VISHAY-ILQ32_V01 Datasheet
180Kb / 6P
   Optocoupler, Photodarlington Output, High Gain (Quad Channel)s
01-Jan-2022
ILD32 VISHAY-ILD32 Datasheet
181Kb / 8P
   Optocoupler, Photodarlington Output, High Gain (Dual, Quad Channel)
Rev. 1.5, 26-Oct-04
IL55B VISHAY-IL55B Datasheet
115Kb / 6P
   Optocoupler, Photodarlington Output, High Gain
Rev. 1.5, 26-Oct-04
TCED2100 VISHAY-TCED2100_08 Datasheet
163Kb / 8P
   Optocoupler, Photodarlington Output, Dual Channel, High Gain
Rev. 1.6, 16-May-08
TCED2100 VISHAY-TCED2100_V01 Datasheet
155Kb / 8P
   Optocoupler, Photodarlington Output, Dual Channel, High Gain
01-Jan-2022
TCED2100 VISHAY-TCED2100_V02 Datasheet
155Kb / 8P
   Optocoupler, Photodarlington Output, Dual Channel, High Gain
01-Jan-2023
SFH619A VISHAY-SFH619A Datasheet
134Kb / 6P
   Optocoupler, Photodarlington Output, High Gain, 300 V
Rev. 1.8, 13-Jan-12
SFH619A VISHAY-SFH619A_08 Datasheet
113Kb / 7P
   Optocoupler, Photodarlington Output, High Gain, 300 BVCEO
Rev. 1.5, 25-Jan-08
ILQ55 VISHAY-ILQ55_V01 Datasheet
259Kb / 11P
   Optocoupler, Photodarlington Output, (Single, Dual, Quad Channel)
01-Jan-2022
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com