Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CNY17-4X009T Datasheet(PDF) 3 Page - Vishay Siliconix

Part # CNY17-4X009T
Description  Optocoupler, Phototransistor Output, with Base Connection
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

CNY17-4X009T Datasheet(HTML) 3 Page - Vishay Siliconix

  CNY17-4X009T Datasheet HTML 1Page - Vishay Siliconix CNY17-4X009T Datasheet HTML 2Page - Vishay Siliconix CNY17-4X009T Datasheet HTML 3Page - Vishay Siliconix CNY17-4X009T Datasheet HTML 4Page - Vishay Siliconix CNY17-4X009T Datasheet HTML 5Page - Vishay Siliconix CNY17-4X009T Datasheet HTML 6Page - Vishay Siliconix CNY17-4X009T Datasheet HTML 7Page - Vishay Siliconix CNY17-4X009T Datasheet HTML 8Page - Vishay Siliconix CNY17-4X009T Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
CNY17
www.vishay.com
Vishay Semiconductors
Rev. 2.1, 08-Jan-14
3
Document Number: 83606
For technical questions, contact: optocoupleranswers@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Note
• Minimum and maximum values were tested requierements. Typical values are characteristics of the device and are the result of engineering
evaluations. Typical values are for information only and are not part of the testing requirements.
OUTPUT
Collector emitter capacitance
VCE = 5 V, f = 1 MHz
CCE
5.2
pF
Collector base capacitance
VCE = 5 V, f = 1 MHz
CCB
6.5
pF
Emitter base capacitance
VCE = 5 V, f = 1 MHz
CEB
7.5
pF
Thermal resistance
Rth
500
K/W
COUPLER
Collector emitter, saturation voltage
VF = 10 mA, IC = 2.5 mA
VCEsat
0.25
0.4
V
Coupling capacitance
CC
0.6
pF
Collector emitter, leakage current
VCE = 10 V
CNY17-1
ICEO
250
nA
CNY17-2
ICEO
250
nA
CNY17-3
ICEO
5
100
nA
CNY17-4
ICEO
5
100
nA
CURRENT TRANSFER RATIO (Tamb = 25 °C, unless otherwise specified)
PARAMETER
TEST CONDITION
PART
SYMBOL
MIN.
TYP.
MAX.
UNIT
IC/IF
VCE = 5 V, IF = 10 mA
CNY17-1
CTR
40
80
%
CNY17-2
CTR
63
125
%
CNY17-3
CTR
100
200
%
CNY17-4
CTR
160
320
%
VCE = 5 V, IF = 1 mA
CNY17-1
CTR
13
30
%
CNY17-2
CTR
22
45
%
CNY17-3
CTR
34
70
%
CNY17-4
CTR
56
90
%
SWITCHING CHARACTERISTICS (Tamb = 25 °C, unless otherwise specified)
PARAMETER
TEST CONDITION
PART
SYMBOL
MIN.
TYP.
MAX.
UNIT
LINEAR OPERATION (without saturation)
Turn-on time
IF = 10 mA, VCC = 5 V, RL = 75
Ω
ton
3μs
Rise time
IF = 10 mA, VCC = 5 V, RL = 75
Ω
tr
2μs
Turn-off time
IF = 10 mA, VCC = 5 V, RL = 75
Ω
toff
2.3
μs
Fall time
IF = 10 mA, VCC = 5 V, RL = 75
Ω
tf
2μs
Cut-off frequency
IF = 10 mA, VCC = 5 V, RL = 75
Ω
fCO
110
kHz
SWITCHING OPERATION (with saturation)
Turn-on time
IF = 20 mA
CNY17-1
ton
3μs
IF = 10 mA
CNY17-2
ton
4.2
μs
CNY17-3
ton
4.2
μs
IF = 5 mA
CNY17-4
ton
6μs
Rise time
IF = 20 mA
CNY17-1
tr
2μs
IF = 10 mA
CNY17-2
tr
3μs
CNY17-3
tr
3μs
IF = 5 mA
CNY17-4
tr
4.6
μs
Turn-off time
IF = 20 mA
CNY17-1
toff
18
μs
IF = 10 mA
CNY17-2
toff
23
μs
CNY17-3
toff
23
μs
IF = 5 mA
CNY17-4
toff
25
μs
Fall time
IF = 20 mA
CNY17-1
tf
11
μs
IF = 10 mA
CNY17-2
tf
14
μs
CNY17-3
tf
14
μs
IF = 5 mA
CNY17-4
tf
15
μs
ELECTRICAL CHARACTERISTICS (Tamb = 25 °C, unless otherwise specified)
PARAMETER
TEST CONDITION
PART
SYMBOL
MIN.
TYP.
MAX.
UNIT


Similar Part No. - CNY17-4X009T

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
CNY17-4X009T VISHAY-CNY17-4X009T Datasheet
190Kb / 8P
   Optocoupler, Phototransistor Output, with Base Connection
Rev. 1.9, 25-Oct-12
CNY17-4X009T VISHAY-CNY17-4X009T Datasheet
209Kb / 9P
   Optocoupler, Phototransistor Output, with Base Connection
01-Jan-2022
More results

Similar Description - CNY17-4X009T

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
4N25 VISHAY-4N25 Datasheet
147Kb / 9P
   Optocoupler, Phototransistor Output, With Base Connection
Rev. 1.4, 26-Jan-05
IL1 VISHAY-IL1 Datasheet
136Kb / 9P
   Optocoupler, Phototransistor Output, with Base Connection
Rev. 1.5, 08-May-08
SFH601 VISHAY-SFH601_15 Datasheet
171Kb / 10P
   Optocoupler, Phototransistor Output, with Base Connection
Rev. 1.6, 23-Jul-15
IL2 VISHAY-IL2_V02 Datasheet
136Kb / 9P
   Optocoupler, Phototransistor Output, With Base Connection
01-Jan-2023
H11A1 VISHAY-H11A1 Datasheet
144Kb / 8P
   Optocoupler, Phototransistor Output, with Base Connection
Rev. 1.7, 23-Jul-15
CNY17G VISHAY-CNY17G Datasheet
132Kb / 9P
   Optocoupler, Phototransistor Output,with Base Connection
Rev. 1.4, 08-May-08
CNY17 VISHAY-CNY17_V02 Datasheet
209Kb / 9P
   Optocoupler, Phototransistor Output, with Base Connection
01-Jan-2023
CNY17 VISHAY-CNY17_V01 Datasheet
209Kb / 9P
   Optocoupler, Phototransistor Output, with Base Connection
01-Jan-2022
SFH601 VISHAY-SFH601 Datasheet
2Mb / 9P
   Optocoupler, Phototransistor Output, With Base Connection
Rev. 1.4, 26-Oct-04
SFH600 VISHAY-SFH600 Datasheet
137Kb / 9P
   Optocoupler, Phototransistor Output, with Base Connection
Rev. 1.5, 10-Jan-08
CNY17 VISHAY-CNY17 Datasheet
192Kb / 10P
   Optocoupler, Phototransistor Output, With Base Connection
Rev. 1.5, 26-Oct-04
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com