Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SFH601-2X007T Datasheet(PDF) 4 Page - Vishay Siliconix

Part # SFH601-2X007T
Description  Optocoupler, Phototransistor Output, with Base Connection
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SFH601-2X007T Datasheet(HTML) 4 Page - Vishay Siliconix

  SFH601-2X007T Datasheet HTML 1Page - Vishay Siliconix SFH601-2X007T Datasheet HTML 2Page - Vishay Siliconix SFH601-2X007T Datasheet HTML 3Page - Vishay Siliconix SFH601-2X007T Datasheet HTML 4Page - Vishay Siliconix SFH601-2X007T Datasheet HTML 5Page - Vishay Siliconix SFH601-2X007T Datasheet HTML 6Page - Vishay Siliconix SFH601-2X007T Datasheet HTML 7Page - Vishay Siliconix SFH601-2X007T Datasheet HTML 8Page - Vishay Siliconix SFH601-2X007T Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
SFH601
www.vishay.com
Vishay Semiconductors
Rev. 1.6, 23-Jul-15
4
Document Number: 83663
For technical questions, contact: optocoupleranswers@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Note
• As per IEC 60747-5-5, § 7.4.3.8.2, this optocoupler is suitable for “safe electrical insulation” only within the safety ratings. Compliance with
the safety ratings shall be ensured by means of protective circuits.
TYPICAL CHARACTERISTICS (Tamb = 25 °C, unless otherwise specified)
Fig. 3 - Current Transfer Ratio vs. Diode Current
Fig. 4 - Current Transfer Ratio vs. Diode Current
SAFETY AND INSULATION RATINGS
PARAMETER
TEST CONDITION
SYMBOL
VALUE
UNIT
Climatic classification
According to IEC 68 part 1
55 / 100 / 21
Comparative tracking index
CTI
175
Maximum rated withstanding isolation voltage
t = 1 min
VISO
4420
VRMS
Maximum transient isolation voltage
VIOTM
8000
V
Maximum repetitive peak isolation voltage
VIORM
890
V
Isolation resistance
VIO = 500 V, Tamb = 25 °C
RIO
1012
VIO = 500 V, Tamb = 100 °C
RIO
1011
Output safety power
PSO
700
mW
Input safety current
ISI
400
mA
Input safety temperature
TSI
175
°C
Creepage distance
Standard DIP-4
 7mm
Clearance distance
Standard DIP-4
 7mm
Creepage distance
400 mil DIP-4
 8mm
Clearance distance
400 mil DIP-4
 8mm
Insulation thickness
DTI
 0.4
mm
103
5
1
2
3
4
102
100
10-1
101
2
100
55
5
IF (mA)
isfh601_03
(T
A = - 25 ˚C, VCE = 5.0 V)
I
C/IF = f (IF)
103
5
1
2
3
4
102
100
10-1
101
2
100
55
5
IF (mA)
isfh601_04
(T
A = 0 °C, VCE = 5.0 V)
I
C/IF = f (IF)
DC
Pulsmode
Pulse


Similar Part No. - SFH601-2X007T

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SFH601-2X007 VISHAY-SFH601-2X007 Datasheet
2Mb / 9P
   Optocoupler, Phototransistor Output, With Base Connection
Rev. 1.4, 26-Oct-04
SFH601-2X007 VISHAY-SFH601-2X007 Datasheet
142Kb / 10P
   Optocoupler, Phototransistor Output, with Base Connection
Rev. 1.3, 25-Jan-08
More results

Similar Description - SFH601-2X007T

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
4N25 VISHAY-4N25 Datasheet
147Kb / 9P
   Optocoupler, Phototransistor Output, With Base Connection
Rev. 1.4, 26-Jan-05
IL1 VISHAY-IL1 Datasheet
136Kb / 9P
   Optocoupler, Phototransistor Output, with Base Connection
Rev. 1.5, 08-May-08
IL2 VISHAY-IL2_V02 Datasheet
136Kb / 9P
   Optocoupler, Phototransistor Output, With Base Connection
01-Jan-2023
H11A1 VISHAY-H11A1 Datasheet
144Kb / 8P
   Optocoupler, Phototransistor Output, with Base Connection
Rev. 1.7, 23-Jul-15
CNY17G VISHAY-CNY17G Datasheet
132Kb / 9P
   Optocoupler, Phototransistor Output,with Base Connection
Rev. 1.4, 08-May-08
CNY17 VISHAY-CNY17_V02 Datasheet
209Kb / 9P
   Optocoupler, Phototransistor Output, with Base Connection
01-Jan-2023
CNY17 VISHAY-CNY17_V01 Datasheet
209Kb / 9P
   Optocoupler, Phototransistor Output, with Base Connection
01-Jan-2022
SFH601 VISHAY-SFH601 Datasheet
2Mb / 9P
   Optocoupler, Phototransistor Output, With Base Connection
Rev. 1.4, 26-Oct-04
SFH600 VISHAY-SFH600 Datasheet
137Kb / 9P
   Optocoupler, Phototransistor Output, with Base Connection
Rev. 1.5, 10-Jan-08
CNY17 VISHAY-CNY17 Datasheet
192Kb / 10P
   Optocoupler, Phototransistor Output, With Base Connection
Rev. 1.5, 26-Oct-04
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com