Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SFH601-2X009 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # SFH601-2X009
Description  Optocoupler, Phototransistor Output, with Base Connection
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SFH601-2X009 Datasheet(HTML) 1 Page - Vishay Siliconix

  SFH601-2X009 Datasheet HTML 1Page - Vishay Siliconix SFH601-2X009 Datasheet HTML 2Page - Vishay Siliconix SFH601-2X009 Datasheet HTML 3Page - Vishay Siliconix SFH601-2X009 Datasheet HTML 4Page - Vishay Siliconix SFH601-2X009 Datasheet HTML 5Page - Vishay Siliconix SFH601-2X009 Datasheet HTML 6Page - Vishay Siliconix SFH601-2X009 Datasheet HTML 7Page - Vishay Siliconix SFH601-2X009 Datasheet HTML 8Page - Vishay Siliconix SFH601-2X009 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
SFH601
www.vishay.com
Vishay Semiconductors
Rev. 1.6, 23-Jul-15
1
Document Number: 83663
For technical questions, contact: optocoupleranswers@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Optocoupler, Phototransistor Output, with Base Connection
DESCRIPTION
The SFH601 is an optocoupler with a gallium arsenide LED
emitter which is optically coupled with a silicon planar
phototransistor detector. The component is packaged in a
plastic plug-in case 20 AB DIN 41866.
The coupler transmits signals between two electrically
isolated circuits.
FEATURES
• Isolation test voltage (1.0 s), 5300 VRMS
•VCEsat 0.25 ( 0.4) V, IF = 10 mA, IC = 2.5 mA
• Built to conform to VDE requirements
• Highest quality premium device
• Long term stability
• Storage temperature, -55 ° to +150 °C
• Material
categorization:
for
definitions
of
compliance please see www.vishay.com/doc?99912
AGENCY APPROVALS
• UL1577, file no. E52744 system code H or J, double
protection
• DIN EN 60747-5-5 (VDE 0884-5) available with option 1
• CSA 93751
• BSI IEC 60950; IEC 60065
Note
• For additional information on the available options refer to option information.
1
2
3
6
5
4
B
C
E
A
C
NC
i179004-11
i179004-3
ORDERING INFORMATION
S
F
H
601
-
#
X
0##
PART NUMBER
CTR
BIN
PACKAGE OPTION
AGENCY CERTIFIED/PACKAGE
CTR (%)
UL, BSI, CSA
40 to 80
63 to 125
100 to 200
160 to 320
DIP-6
SFH601-1
SFH601-2
SFH601-3
SFH601-4
DIP-6, 400 mil, option 6
SFH601-1X006
SFH601-2X006
SFH601-3X006
SFH601-4X006
SMD-6, option 7
SFH601-1X007
SFH601-2X007T
SFH601-3X007(T)
SFH601-4X007(T)
SMD-6, option 9
SFH601-1X009T
SFH601-2X009
SFH601-3X009
SFH601-4X009(T)
VDE, cUL, UL, BSI
40 to 80
63 to 125
100 to 200
160 to 320
DIP-6, option 1
SFH601-1X001
SFH601-2X001
-
SFH601-4X001
DIP-6, 400 mil, option 6
SFH601-1X016
-
SFH601-3X016
SFH601-4X016
SMD-6, option 7
SFH601-1X017
SFH601-2X017(T)
SFH601-3X017(T)
-
SMD-6, option 9
-
-
SFH601-3X019(T)
-
> 0.1 mm
10.16 mm
> 0.7 mm
7.62 mm
DIP
Option 7
Option 6
Option 9


Similar Part No. - SFH601-2X009

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SFH601-2X009 VISHAY-SFH601-2X009 Datasheet
2Mb / 9P
   Optocoupler, Phototransistor Output, With Base Connection
Rev. 1.4, 26-Oct-04
SFH601-2X009 VISHAY-SFH601-2X009 Datasheet
142Kb / 10P
   Optocoupler, Phototransistor Output, with Base Connection
Rev. 1.3, 25-Jan-08
More results

Similar Description - SFH601-2X009

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
4N25 VISHAY-4N25 Datasheet
147Kb / 9P
   Optocoupler, Phototransistor Output, With Base Connection
Rev. 1.4, 26-Jan-05
IL1 VISHAY-IL1 Datasheet
136Kb / 9P
   Optocoupler, Phototransistor Output, with Base Connection
Rev. 1.5, 08-May-08
IL2 VISHAY-IL2_V02 Datasheet
136Kb / 9P
   Optocoupler, Phototransistor Output, With Base Connection
01-Jan-2023
H11A1 VISHAY-H11A1 Datasheet
144Kb / 8P
   Optocoupler, Phototransistor Output, with Base Connection
Rev. 1.7, 23-Jul-15
CNY17G VISHAY-CNY17G Datasheet
132Kb / 9P
   Optocoupler, Phototransistor Output,with Base Connection
Rev. 1.4, 08-May-08
CNY17 VISHAY-CNY17_V02 Datasheet
209Kb / 9P
   Optocoupler, Phototransistor Output, with Base Connection
01-Jan-2023
CNY17 VISHAY-CNY17_V01 Datasheet
209Kb / 9P
   Optocoupler, Phototransistor Output, with Base Connection
01-Jan-2022
SFH601 VISHAY-SFH601 Datasheet
2Mb / 9P
   Optocoupler, Phototransistor Output, With Base Connection
Rev. 1.4, 26-Oct-04
SFH600 VISHAY-SFH600 Datasheet
137Kb / 9P
   Optocoupler, Phototransistor Output, with Base Connection
Rev. 1.5, 10-Jan-08
CNY17 VISHAY-CNY17 Datasheet
192Kb / 10P
   Optocoupler, Phototransistor Output, With Base Connection
Rev. 1.5, 26-Oct-04
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com