Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CNY17F-3X016 Datasheet(PDF) 4 Page - Vishay Siliconix

Part # CNY17F-3X016
Description  Optocoupler, Phototransistor Output, no Base Connection
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

CNY17F-3X016 Datasheet(HTML) 4 Page - Vishay Siliconix

  CNY17F-3X016 Datasheet HTML 1Page - Vishay Siliconix CNY17F-3X016 Datasheet HTML 2Page - Vishay Siliconix CNY17F-3X016 Datasheet HTML 3Page - Vishay Siliconix CNY17F-3X016 Datasheet HTML 4Page - Vishay Siliconix CNY17F-3X016 Datasheet HTML 5Page - Vishay Siliconix CNY17F-3X016 Datasheet HTML 6Page - Vishay Siliconix CNY17F-3X016 Datasheet HTML 7Page - Vishay Siliconix CNY17F-3X016 Datasheet HTML 8Page - Vishay Siliconix CNY17F-3X016 Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
CNY17F
www.vishay.com
Vishay Semiconductors
Rev. 2.2, 08-Jan-14
4
Document Number: 83607
For technical questions, contact: optocoupleranswers@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Fig. 2 - Test Circuit, Non-Saturated Operation
Fig. 3 - Test Circuit, Saturated Operation
Fig. 4 - Switching Times
Note
• As per DIN EN 60747-5-5, § 7.4.3.8.2, this optocoupler is suitable for “safe electrical insulation” only within the safety ratings. Compliance
with the safety ratings shall be ensured by means of protective circuits.
Channel I
Channel II
95 10804-3
R G = 50 Ω
tp
tp = 50 µs
T
= 0.01
+ 5 V
IF
0
50
Ω
R
L
IF
Oscilloscope
R L = 1 MΩ
C L = 20 pF
Channel I
Channel II
95 10843
RG = 50 Ω
t p
t p = 50 µs
T
= 0.01
+ 5 V
IC
IF
0
50
Ω
1 k
Ω
IF = 10 mA
Oscilloscope
RL
CL
20 pF
1 M
Ω
t p
t
t
0
0
10 %
90 %
100 %
t r
t d
t on
t s
t f
t off
I F
IC
tp
Pulse duration
td
Delay time
tr
Rise time
ton (= td + tr)
Turn-on time
ts
Storage time
t f
Fall time
t
off (= ts + tf)
Turn-off time
96 11698
SAFETY AND INSULATION RATINGS
PARAMETER
SYMBOL
VALUE
UNIT
MAXIMUM SAFETY RATINGS
Output safety power
PSO
700
mW
Input safety current
ISI
400
mA
Safety temperature
TSI
175
°C
Comparative tracking index
CTI
175
INSULATION RATED PARAMETERS
Maximum withstanding isolation voltage
VISO
5000
VRMS
Maximum transient isolation voltage
VIOTM
8000
Vpeak
Maximum repetitive peak isolation voltage
VIORM
890
Vpeak
Insulation resistance
Tamb = 25 °C, VDC = 500 V
RIO
≥ 1012
Ω
Isolation resistance
Tamb = 100 °C, VDC = 500 V
RIO
≥ 1011
Ω
Climatic classification (according to IEC 68 part 1)
55/115/21
Environment (pollution degree in accordance to DIN VDE 0109)
2
Creepage distance
Standard DIP-4
≥ 7mm
SMD
≥ 7mm
Clearance distance
Standard DIP-4
≥ 8mm
SMD
≥ 8mm
Insulation thickness
DTI
≥ 0.4
mm


Similar Part No. - CNY17F-3X016

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
CNY17F-3X016 VISHAY-CNY17F-3X016 Datasheet
197Kb / 9P
   Optocoupler, Phototransistor Output, no Base Connection
Rev. 2.1, 02-Jul-13
CNY17F-3X016 VISHAY-CNY17F-3X016 Datasheet
210Kb / 9P
   Optocoupler, Phototransistor Output, no Base Connection
01-Jan-2022
More results

Similar Description - CNY17F-3X016

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
CNY17F VISHAY-CNY17F_08 Datasheet
135Kb / 10P
   Optocoupler, Phototransistor Output,no Base Connection
Rev. 1.5, 07-May-08
MOC8101 VISHAY-MOC8101_V02 Datasheet
162Kb / 6P
   Optocoupler, Phototransistor Output, no Base Connection
01-Jan-2023
CNY17F-2X016 VISHAY-CNY17F-2X016 Datasheet
193Kb / 9P
   Optocoupler, Phototransistor Output, no Base Connection
Rev. 2.0, 25-Oct-12
MOC8101 VISHAY-MOC8101_11 Datasheet
168Kb / 7P
   Optocoupler, Phototransistor Output, no Base Connection
Rev. 1.6, 13-Sep-11
CNY17F-3X007 VISHAY-CNY17F-3X007 Datasheet
1Mb / 9P
   Optocoupler, Phototransistor Output, No Base Connection
Rev. 1.5, 26-Oct-04
CNY17F-3X001 VISHAY-CNY17F-3X001 Datasheet
197Kb / 9P
   Optocoupler, Phototransistor Output, no Base Connection
Rev. 2.1, 02-Jul-13
MOC8111 VISHAY-MOC8111 Datasheet
107Kb / 5P
   Optocoupler, Phototransistor Output, No Base Connection
Rev. 1.5, 11-Jan-08
CNY17F VISHAY-CNY17F_V02 Datasheet
210Kb / 9P
   Optocoupler, Phototransistor Output, no Base Connection
01-Jan-2023
MOC8101 VISHAY-MOC8101 Datasheet
129Kb / 7P
   Optocoupler, Phototransistor Output, No Base Connection
Rev. 1.5, 11-Jan-08
MOC8104 VISHAY-MOC8104_V01 Datasheet
161Kb / 6P
   Optocoupler, Phototransistor Output, no Base Connection
01-Jan-2022
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com