Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CNY17-4X016 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # CNY17-4X016
Description  Optocoupler, Phototransistor Output, with Base Connection
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

CNY17-4X016 Datasheet(HTML) 1 Page - Vishay Siliconix

  CNY17-4X016 Datasheet HTML 1Page - Vishay Siliconix CNY17-4X016 Datasheet HTML 2Page - Vishay Siliconix CNY17-4X016 Datasheet HTML 3Page - Vishay Siliconix CNY17-4X016 Datasheet HTML 4Page - Vishay Siliconix CNY17-4X016 Datasheet HTML 5Page - Vishay Siliconix CNY17-4X016 Datasheet HTML 6Page - Vishay Siliconix CNY17-4X016 Datasheet HTML 7Page - Vishay Siliconix CNY17-4X016 Datasheet HTML 8Page - Vishay Siliconix CNY17-4X016 Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
CNY17
www.vishay.com
Vishay Semiconductors
Rev. 2.1, 08-Jan-14
1
Document Number: 83606
For technical questions, contact: optocoupleranswers@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Optocoupler, Phototransistor Output, with Base Connection
DESCRIPTION
The CNY17 is an optically coupled pair consisting of a
gallium arsenide infrared emitting diode optically coupled to
a silicon NPN phototransitor.
Signal information, including a DC level, can be transmitted
by the device while maintaining a high degree of electrical
isolation between input and output.
The CNY17 can be used to replace relays and transformers
in many digital interface applications, as well as analog
applications such as CRT modulation.
FEATURES
• Isolation test voltage: 5000 VRMS
• Long term stability
• Industry standard dual-in-line package
• Material categorization:
For definitions of compliance please see
www.vishay.com/doc?99912
AGENCY APPROVALS
Safety application model number covering all products in
this datasheet is CNY17. This model number should be used
when consulting safety agency documents.
• UL file no. E52744
• cUL tested to CSA 22.2 bulletin 5A
• DIN EN 60747-5-5 (VDE 0884-5)
• BSI IEC 60950, IEC 60065
• FIMKO EN60950
• CQC GB8898-2011
Note
(1) Also available in tubes, do not put T on the end.
B
C
E
A
C
NC
1
2
3
6
5
4
i179004-14
ORDERING INFORMATION
CN
Y
1
7
-
#
X
0
#
#
T
PART NUMBER
CTR
BIN
PACKAGE OPTION
TAPE
AND
REEL
AGENCY CERTIFIED/PACKAGE
CTR (%)
UL, cUL, BSI, FIMKO
40 to 80
63 to 125
100 to 200
160 to 320
DIP-6
CNY17-1
CNY17-2
CNY17-3
CNY17-4
DIP-6, 400 mil, option 6
CNY17-1X006
CNY17-2X006
CNY17-3X006
CNY17-4X006
SMD-6, option 7
CNY17-1X007T (1)
CNY17-2X007T (1)
CNY17-3X007T (1)
CNY17-4X007T (1)
SMD-6, option 9
CNY17-1X009T (1)
CNY17-2X009T (1)
CNY17-3X009T (1)
CNY17-4X009T (1)
VDE, UL, cUL, BSI, FIMKO
40 to 80
63 to 125
100 to 200
160 to 320
DIP-6
CNY17-1X001
CNY17-2X001
CNY17-3X001
CNY17-4X001
DIP-6, 400 mil, option 6
CNY17-1X016
CNY17-2X016
CNY17-3X016
CNY17-4X016
SMD-6, option 7
CNY17-1X017
CNY17-2X017T (1)
CNY17-3X017T (1)
CNY17-4X017T (1)
SMD-6, option 9
-
CNY17-2X019T (1)
--
7.62 mm
10.16 mm
> 8 mm
8 mm typ.
Option 7
Option 6
Option 9
DIP-6


Similar Part No. - CNY17-4X016

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
CNY17-4X016 VISHAY-CNY17-4X016 Datasheet
209Kb / 9P
   Optocoupler, Phototransistor Output, with Base Connection
01-Jan-2022
More results

Similar Description - CNY17-4X016

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
4N25 VISHAY-4N25 Datasheet
147Kb / 9P
   Optocoupler, Phototransistor Output, With Base Connection
Rev. 1.4, 26-Jan-05
IL1 VISHAY-IL1 Datasheet
136Kb / 9P
   Optocoupler, Phototransistor Output, with Base Connection
Rev. 1.5, 08-May-08
SFH601 VISHAY-SFH601_15 Datasheet
171Kb / 10P
   Optocoupler, Phototransistor Output, with Base Connection
Rev. 1.6, 23-Jul-15
IL2 VISHAY-IL2_V02 Datasheet
136Kb / 9P
   Optocoupler, Phototransistor Output, With Base Connection
01-Jan-2023
H11A1 VISHAY-H11A1 Datasheet
144Kb / 8P
   Optocoupler, Phototransistor Output, with Base Connection
Rev. 1.7, 23-Jul-15
CNY17G VISHAY-CNY17G Datasheet
132Kb / 9P
   Optocoupler, Phototransistor Output,with Base Connection
Rev. 1.4, 08-May-08
CNY17 VISHAY-CNY17_V02 Datasheet
209Kb / 9P
   Optocoupler, Phototransistor Output, with Base Connection
01-Jan-2023
CNY17 VISHAY-CNY17_V01 Datasheet
209Kb / 9P
   Optocoupler, Phototransistor Output, with Base Connection
01-Jan-2022
SFH601 VISHAY-SFH601 Datasheet
2Mb / 9P
   Optocoupler, Phototransistor Output, With Base Connection
Rev. 1.4, 26-Oct-04
SFH600 VISHAY-SFH600 Datasheet
137Kb / 9P
   Optocoupler, Phototransistor Output, with Base Connection
Rev. 1.5, 10-Jan-08
CNY17 VISHAY-CNY17 Datasheet
192Kb / 10P
   Optocoupler, Phototransistor Output, With Base Connection
Rev. 1.5, 26-Oct-04
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com