Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SFH620A-3X001 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # SFH620A-3X001
Description  Optocoupler, Phototransistor Output, AC Input
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SFH620A-3X001 Datasheet(HTML) 2 Page - Vishay Siliconix

  SFH620A-3X001 Datasheet HTML 1Page - Vishay Siliconix SFH620A-3X001 Datasheet HTML 2Page - Vishay Siliconix SFH620A-3X001 Datasheet HTML 3Page - Vishay Siliconix SFH620A-3X001 Datasheet HTML 4Page - Vishay Siliconix SFH620A-3X001 Datasheet HTML 5Page - Vishay Siliconix SFH620A-3X001 Datasheet HTML 6Page - Vishay Siliconix SFH620A-3X001 Datasheet HTML 7Page - Vishay Siliconix SFH620A-3X001 Datasheet HTML 8Page - Vishay Siliconix SFH620A-3X001 Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
SFH620A, SFH6206
www.vishay.com
Vishay Semiconductors
Rev. 2.3, 31-Aug-15
2
Document Number: 83675
For technical questions, contact: optocoupleranswers@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Notes
• Stresses in excess of the absolute maximum ratings can cause permanent damage to the device. Functional operation of the device is not
implied at these or any other conditions in excess of those given in the operational sections of this document. Exposure to absolute
maximum ratings for extended periods of the time can adversely affect reliability.
(1) Refer to reflow profile for soldering conditions for surface mounted devices (SMD). Refer to wave profile for soldering conditions for through
hole devices (DIP).
Note
• Minimum and maximum values are testing requirements. Typical values are characteristics of the device and are the result of engineering
evaluation. Typical values are for information only and are not part of the testing requirements.
Still air, coupler soldered to PCB or base.
ABSOLUTE MAXIMUM RATINGS (Tamb = 25 °C, unless otherwise specified)
PARAMETER
TEST CONDITION
SYMBOL
VALUE
UNIT
INPUT
DC forward current
IF
± 60
mA
Surge forward current
tp
≤ 10 μs
IFSM
± 2.5
A
Power dissipation
Pdiss
100
mW
OUTPUT
Collector emitter voltage
VCEO
70
V
Emitter collector voltage
VECO
7V
Collector current
IC
50
mA
tp
≤ 1 μs
IC
100
mA
Power dissipation
Pdiss
150
mW
COUPLER
Total power dissipation
Ptot
250
mW
Storage temperature range
Tstg
-55 to +150
°C
Ambient temperature range
Tamb
-55 to +100
°C
Junction temperature
Tj
100
°C
Soldering temperature (1)
max. 10 s, dip soldering distance
to seating plane
≥ 1.5 mm
Tsld
260
°C
ELECTRICAL CHARACTERISTICS (Tamb = 25 °C, unless otherwise specified)
PARAMETER
TEST CONDITION
PART
SYMBOL
MIN.
TYP.
MAX.
UNIT
INPUT
Forward voltage
IF = ± 60 mA
VF
1.25
1.65
V
Capacitance
VR = 0 V, f = 1 MHz
CO
50
pF
Thermal resistance
Rthja
750
K/W
OUTPUT
Collector emitter capacitance
VCE = 5 V, f = 1 MHz
CCE
6.8
pF
Thermal resistance
Rthja
500
°C/W
COUPLER
Collector emitter saturation voltage
IF = ± 10 mA, IC = 2.5 mA
VCEsat
0.25
0.4
V
Coupling capacitance
CC
0.2
pF
Collector emitter leakage current
VCE = 10 V
SFH620A-1
ICEO
250
nA
SFH6206-1
ICEO
250
nA
SFH620A-2
ICEO
250
nA
SFH6206-2
ICEO
250
nA
SFH620A-3
ICEO
5
100
nA
SFH6206-3
ICEO
5
100
nA


Similar Part No. - SFH620A-3X001

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SFH620A-3X001 VISHAY-SFH620A-3X001 Datasheet
160Kb / 7P
   Optocoupler, Phototransistor Output, AC Input
Rev. 1.9, 23-Feb-11
SFH620A-3X001 VISHAY-SFH620A-3X001 Datasheet
167Kb / 9P
   Optocoupler, Phototransistor Output, AC Input
01-Jan-2022
More results

Similar Description - SFH620A-3X001

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SFH6206-3T VISHAY-SFH6206-3T Datasheet
160Kb / 7P
   Optocoupler, Phototransistor Output, AC Input
Rev. 1.9, 23-Feb-11
SFH620A VISHAY-SFH620A_V02 Datasheet
168Kb / 9P
   Optocoupler, Phototransistor Output, AC Input
01-Jan-2023
TCET1600 VISHAY-TCET1600_V02 Datasheet
154Kb / 8P
   Optocoupler, Phototransistor Output, AC Input
01-Jan-2023
TCET2600 VISHAY-TCET2600_10 Datasheet
167Kb / 8P
   Optocoupler, Phototransistor Output, AC Input
Rev. 1.6, 10-Dec-10
SFH620A VISHAY-SFH620A_05 Datasheet
400Kb / 9P
   Optocoupler, Phototransistor Output, AC Input
Rev. 1.6, 01-Dec-05
SFH620A VISHAY-SFH620A_V01 Datasheet
167Kb / 9P
   Optocoupler, Phototransistor Output, AC Input
01-Jan-2022
K814P VISHAY-K814P_V02 Datasheet
184Kb / 8P
   Optocoupler, Phototransistor Output, AC Input
01-Jan-2023
TCET1600 VISHAY-TCET1600_05 Datasheet
195Kb / 9P
   Optocoupler, Phototransistor Output, AC Input
Rev. 1.8, 01-Dec-05
K814P VISHAY-K814P_04 Datasheet
262Kb / 9P
   Optocoupler, Phototransistor Output, AC input
Rev. 1.8, 26-Oct-04
TCET1600 VISHAY-TCET1600_10 Datasheet
156Kb / 8P
   Optocoupler, Phototransistor Output, AC Input
Rev. 1.9, 10-Dec-10
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com