Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VOLTAGEREGULATOR Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # VOLTAGEREGULATOR
Description  austriamicrosystems
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

VOLTAGEREGULATOR Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  VOLTAGEREGULATOR Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Copyright © 2003 austriamicros ystems. Trademarks registered ®. All rights reser ved. The material her ein m ay not be reproduced, adapted, merged,
trans lated , stored , or used without the prior w ritten co nsent of the co p yrig ht ow ner. To the best of its kno w led g e, austriamicros ystems asserts that the
informati on co ntai ned in this p ub licati on is a ccurate and correct.
Re vis ion 1. 0, 08/27/0 3
Key Features
-
Vbat monitor with fault signal generation when Vbat is
out of operative range
-
Vdd monitor with intelligent reset generation based on
Vdd level
-
Internal protections against transients up to 40V
-
Over-temperature monitor
-
Power down mode
General Description
This block provides a stable regulated output voltage
starting from a battery input with the maximum current load
allowed by the thermal package limitation (worst case
20mA). Higher current can be delivered using an external
NPN transistor. External capacitors are required on the
regulated line (VDD) and the battery supply voltage (VBAT).
Battery input is monitored and a fault signal becomes active
when VBAT is out of its operative range (an hysteresis is
provided). VDD also is monitored and a fault signal
becomes active when VDD is below a defined voltage
threshold (an hysteresis is provided). Internal protections
are designed to handle transients up to 40V. An external
45V zener diode between VBAT and ground with a 500
resistor in series with the battery supply and the VBAT pin
is required to protect the device from power transients. An
external blocking diode is required to provide reverse
battery protection. Over-temperature monitor turns off the
circuit when the die temperature exceeds the fixed
threshold. The circuit has a power-down mode to permit
very low standby currents.
Typical Application Diagrams
VBAT_FAULT
VDD_FAULT
TEMP_FAULT
PD
VBAT
BC
GND
BATTERY
VOLTAGE
REGULATOR
VDD
CONFIGURATION FOR LOAD
CURRENT < 20 mA
VBAT_FAULT
VDD_FAULT
TEMP_FAULT
PD
VBAT
BC
GND
BATTERY
VOLTAGE
REGULATOR
VDD
CONFIGURATION FOR LOAD
CURRENT > 20 mA
Key Parameters
Symbol
Min.
Max.
Notes
Battery Supply Voltage
VBAT
7V
18V
Load dump 42V.
Output Voltage
VDD
4.75V
5.25V
Recommended external capacitor
≥100nF.
20mA max. load, higher current with
external transistor.
Temperature Threshold
Toff
160° C
Hysteresis >10 degrees
Ambient Temperature
Tamb
-40° C
85° C
For detailed information:
info@austriamicrosystems.com
http://www.austriamicrosystems.com/
Voltage Regulator


Similar Part No. - VOLTAGEREGULATOR

ManufacturerPart #DatasheetDescription
logo
Visual Communications C...
Voltage VCC-Voltage Datasheet
54Kb / 1P
   Sub-Midget Flange Base
logo
Vectron International, ...
Voltage1 VECTRON-Voltage1 Datasheet
716Kb / 9P
   Single Frequency HPLL VCXO
Voltage1 VECTRON-Voltage1 Datasheet
727Kb / 9P
   Dual Frequency HPLL VCXO
Voltage1 VECTRON-Voltage1 Datasheet
726Kb / 9P
   Quad Frequency HPLL VCXO
logo
Schurter Inc.
VOLTAGESELECTORSINSERT1 SCHURTER-VOLTAGESELECTORSINSERT1 Datasheet
213Kb / 3P
   Voltage selector inserts for power entry modules, types KE, CE, KG, CG
More results

Similar Description - VOLTAGEREGULATOR

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
MA5532-AE COILCRAFT-MA5532-AE Datasheet
122Kb / 1P
   Developed for austriamicrosystems AS3935 Franklin
logo
ams AG
AS3993 AMSCO-AS3993 Datasheet
1Mb / 2P
   The AS3993 UHF reader chip is the next generation integrated analog front end and protocol handling system for a 900MHz RFID reader system from austriamicrosystems
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com