Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CP20.241-S1 Datasheet(PDF) 8 Page - PULS GmbH

Part # CP20.241-S1
Description  24V, 20A, SINGLE PHASE INPUT
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULS [PULS GmbH]
Direct Link  http://www.pulspower.com/
Logo PULS - PULS GmbH

CP20.241-S1 Datasheet(HTML) 8 Page - PULS GmbH

Back Button CP20.241-S1 Datasheet HTML 4Page - PULS GmbH CP20.241-S1 Datasheet HTML 5Page - PULS GmbH CP20.241-S1 Datasheet HTML 6Page - PULS GmbH CP20.241-S1 Datasheet HTML 7Page - PULS GmbH CP20.241-S1 Datasheet HTML 8Page - PULS GmbH CP20.241-S1 Datasheet HTML 9Page - PULS GmbH CP20.241-S1 Datasheet HTML 10Page - PULS GmbH CP20.241-S1 Datasheet HTML 11Page - PULS GmbH CP20.241-S1 Datasheet HTML 12Page - PULS GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 27 page
background image
CP20.241, CP20.241-C1,
CP20.241-S1, CP20.241-S2
CP-Series
24V, 20A, SINGLE PHASE INPUT
May 2017 / Rev. 0.3 DS-CP20.241-EN
All parameters are typical values specified at 24V, 20A output, 230Vac input, 25°C ambient and
after a 5 minutes run-in time unless otherwise noted.
www.pulspower.com Phone +49 89 9278 0
Germany
P R E L I M I N A R Y
7. HOLD-UP TIME
AC 100V
AC 120V
AC 230V
Hold-up Time
typ.
65ms
65ms
65ms
At 24V, 10A, see Fig. 7-1
min.
54ms
54ms
54ms
At 24V, 10A, see Fig. 7-1
typ.
32ms
32ms
32ms
At 24V, 20A, see Fig. 7-1
min.
24ms
24ms
24ms
At 24V, 20A, see Fig. 7-1
Fig. 7-1 Hold-up time vs. input voltage
Fig. 7-2 Shut-down behavior, definitions
0
10
20
30
40
80ms
90
120
155
190
230Vac
Input Voltage
50
60
Hold-up Time
24V, 20A, typ.
24V, 10A, min.
24V, 10A, typ.
70
24V, 20A, min.
- 5%
Hold-up Time
Zero Transition
Output
Voltage
Input
Voltage
8. DC-OK RELAY CONTACT
The DC-OK relay contact reports an output voltage above 90% of the adjusted output voltage of a running device.
Contact closes
As soon as the output voltage reaches typ. 90% of the adjusted output voltage level.
Contact opens
As soon as the output voltage dips more than 10% below the adjusted output voltage.
Short dips will be extended to a signal length of 100ms. Dips shorter than 1ms will be ignored.
Contact ratings
Maximal 60Vdc 0.3A, 30Vdc 1A, 30Vac 0.5A, resistive load
Minimal permissible load: 1mA at 5Vdc
Isolation voltage
See dielectric strength table in section 18.
Fig. 8-1 DC-ok relay contact behavior
100ms
0.9* V
ADJ
<
1ms
10%
open
V
OUT = VADJ
open
closed
closed
>
1ms
8/27


Similar Part No. - CP20.241-S1

ManufacturerPart #DatasheetDescription
logo
PULS GmbH
CP20.241-S1 PULS-CP20.241-S1 Datasheet
1Mb / 32P
   24V, 20A, 480W, SINGLE PHASE
More results

Similar Description - CP20.241-S1

ManufacturerPart #DatasheetDescription
logo
PULS GmbH
CP20.241-R1 PULS-CP20.241-R1 Datasheet
827Kb / 30P
   24V, 20A, SINGLE PHASE INPUT
PIC480.241C PULS-PIC480.241C Datasheet
555Kb / 21P
   24V, 20A, SINGLE PHASE INPUT
QS20.244 PULS-QS20.244 Datasheet
754Kb / 25P
   24V, 20A, SINGLE PHASE INPUT
QS20.241 PULS-QS20.241 Datasheet
828Kb / 26P
   24V, 20A, SINGLE PHASE INPUT
CP20.241 PULS-CP20.241_18 Datasheet
1Mb / 32P
   24V, 20A, 480W, SINGLE PHASE
CP20.241-R1 PULS-CP20.241-R1_18 Datasheet
840Kb / 33P
   24V, 20A, 480W, SINGLE PHASE
QS3.241 PULS-QS3.241 Datasheet
793Kb / 25P
   24V, 3.4A, SINGLE PHASE INPUT
CP10.241-M1 PULS-CP10.241-M1 Datasheet
704Kb / 27P
   24V, 10A, SINGLE PHASE INPUT
CS10.243 PULS-CS10.243 Datasheet
682Kb / 25P
   24V, 10A, SINGLE PHASE INPUT
PIC240.241D PULS-PIC240.241D Datasheet
549Kb / 21P
   24V, 10A, SINGLE PHASE INPUT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com