Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CP10.242 Datasheet(PDF) 7 Page - PULS GmbH

Part # CP10.242
Description  24V, 10A, 240W, SINGLE PHASE INPUT
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULS [PULS GmbH]
Direct Link  http://www.pulspower.com/
Logo PULS - PULS GmbH

CP10.242 Datasheet(HTML) 7 Page - PULS GmbH

Back Button CP10.242 Datasheet HTML 3Page - PULS GmbH CP10.242 Datasheet HTML 4Page - PULS GmbH CP10.242 Datasheet HTML 5Page - PULS GmbH CP10.242 Datasheet HTML 6Page - PULS GmbH CP10.242 Datasheet HTML 7Page - PULS GmbH CP10.242 Datasheet HTML 8Page - PULS GmbH CP10.242 Datasheet HTML 9Page - PULS GmbH CP10.242 Datasheet HTML 10Page - PULS GmbH CP10.242 Datasheet HTML 11Page - PULS GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 30 page
background image
CP10.241, CP10.241-C1, CP10.241-S1,
CP10.241-S2, CP10.242
CP-Series
24V, 10A, 240W, SINGLE PHASE INPUT
Aug. 2017 / Rev. 1.4 DS-CP10.241-EN
All values are typical at 24V, 10A, 230Vac, 50Hz, 25°C ambient and after a 5 minutes run-in time unless otherwise noted.
www.pulspower.com Phone +49 89 9278 0
Germany
7/30
6. OUTPUT
Output voltage
Nom.
24V
Adjustment range
Min.
24-28V
Guaranteed value
Max.
30.0V
This is the maximum output voltage which can occur
at the clockwise end position of the potentiometer
due to tolerances. It is not a guaranteed value which
can be achieved.
Factory settings
Typ.
24.1V
±0.2%, at full load and cold unit
Line regulation
Max.
10mV
Between 85 and 300Vac
Load regulation
Max.
50mV
Between 0 and 12A, static value, see Fig. 6-1
Ripple and noise voltage
Max.
50mVpp
Bandwidth 20Hz to 20MHz, 50Ohm
Output current
Nom.
12A1)
At 24V and an ambient temperature below 45°C,
see Fig. 16-1
Nom.
10A
At 24V and 60°C ambient temperature, see Fig. 6-1
Nom.
7.5A
At 24V and 70°C ambient temperature, see Fig. 16-1
Nom.
10.3A1)
At 28V and an ambient temperature below 45°C,
see Fig. 16-1
Nom.
8.6A
At 28V and 60°C ambient temperature, see Fig. 6-1
Nom.
6.45A
At 28V and 70°C ambient temperature, see Fig. 16-1
Typ.
30A
For minimal 12ms once every five seconds, see Fig. 6-2.
The output voltage stays above 20V. See chapter 24.1
for more peak current measurements. For AC 100V
mains, the pulse length is shorter than 12ms.
Overload behaviour
Continuous current
Output voltage above 13Vdc, see Fig. 6-1
HiccupPLUS mode2)
Output voltage below 13Vdc, see Fig. 6-1
Short-circuit current
Min.
12.5A3)
Load impedance <45mOhm, see Fig. 6-3
Max.
15.5A3)
Load impedance <45mOhm, see Fig. 6-3
Max.
5A
Average (R.M.S.) current, load impedance 50mOhm,
see Fig. 6-3
Min.
28A
Up to 12ms, load impedance <45mOhm, see Fig. 6-2
Typ.
30.5A
Up to 12ms, load impedance <45mOhm, see Fig. 6-2
Output capacitance
Typ.
4 400μF
Included inside the power supply
1) Power Boost
This power/ current is continuously allowed up to an ambient temperature of 45°C.
Above 45°C, do not use this power or current longer than a duty cycle of 10% and/ or not longer than 1 minute every 10 minutes.
2) HiccupPLUS Mode
At heavy overloads (when output voltage falls below 13V), the power supply delivers continuous output current for 2s. After this, the
output is switched off for approx. 18s before a new start attempt is automatically performed. This cycle is repeated as long as the overload
exists. If the overload has been cleared, the device will operate normally. See Fig. 6-3
3) Discharge current of output capacitors is not included.


Similar Part No. - CP10.242

ManufacturerPart #DatasheetDescription
logo
PULS GmbH
CP10.242 PULS-CP10.242 Datasheet
772Kb / 27P
   SINGLE PHASE INPUT
CP10.242 PULS-CP10.242 Datasheet
955Kb / 30P
   24V, 10A, 240W, SINGLE PHASE INPUT
CP10.242-R2 PULS-CP10.242-R2 Datasheet
893Kb / 31P
   24V, 10A, 240W, SINGLE PHASE
More results

Similar Description - CP10.242

ManufacturerPart #DatasheetDescription
logo
PULS GmbH
CP10.241 PULS-CP10.241_17 Datasheet
955Kb / 30P
   24V, 10A, 240W, SINGLE PHASE INPUT
CP10.241-R1 PULS-CP10.241-R1 Datasheet
893Kb / 31P
   24V, 10A, 240W, SINGLE PHASE
CP10.241-M1 PULS-CP10.241-M1 Datasheet
704Kb / 27P
   24V, 10A, SINGLE PHASE INPUT
CS10.243 PULS-CS10.243 Datasheet
682Kb / 25P
   24V, 10A, SINGLE PHASE INPUT
PIC240.241D PULS-PIC240.241D Datasheet
549Kb / 21P
   24V, 10A, SINGLE PHASE INPUT
PIC240.241C PULS-PIC240.241C Datasheet
507Kb / 21P
   24V, 10A, SINGLE PHASE INPUT
QS10.241 PULS-QS10.241 Datasheet
856Kb / 28P
   24V, 10A, SINGLE PHASE INPUT
CS10.244 PULS-CS10.244 Datasheet
670Kb / 24P
   24V, 10A, SINGLE PHASE INPUT
logo
Weidmuller
2838460000 WEIDMULLER-2838460000 Datasheet
734Kb / 5P
   PRO BAS 240W 24V 10A
logo
PULS GmbH
CD10.241 PULS-CD10.241 Datasheet
616Kb / 25P
   DC/DC Converter 24V/24V, 10A, 240W
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com