Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPX2954A Datasheet(PDF) 1 Page - Exar Corporation

Part # SPX2954A
Description  250mA Low Dropout Voltage Regulator
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

SPX2954A Datasheet(HTML) 1 Page - Exar Corporation

  SPX2954A Datasheet HTML 1Page - Exar Corporation SPX2954A Datasheet HTML 2Page - Exar Corporation SPX2954A Datasheet HTML 3Page - Exar Corporation SPX2954A Datasheet HTML 4Page - Exar Corporation SPX2954A Datasheet HTML 5Page - Exar Corporation SPX2954A Datasheet HTML 6Page - Exar Corporation SPX2954A Datasheet HTML 7Page - Exar Corporation SPX2954A Datasheet HTML 8Page - Exar Corporation SPX2954A Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
250mA Low Dropout Voltage Regulator
SP
X2954
1/15
REV1A
FEATURES
5.0V and 3.3V versions at 250mA output
Accurate 0.5% for SPX2954A
Very low quiescent current
Low dropout: 310mV at 250mA
Extremely tight load and line regulation
Very low temperature coefficient
Current and thermal limiting
Need only 1µF for stability
Direct replacement for LP2954
Error flag warns of output dropout
Logic-controlled electronic shutdown
Programmable output from 1.24V to 30V
Description
The SPX2954 and SPX2954A are low power voltage regulators.
These devices are an excellent choice for use in battery-powered
applications such as cordless telephones, radio control systems,
and portable computers. The SPX2954 and SPX2954A feature low
quiescent current and low dropout voltage (typ. 20mV at 100µA and
310mV at 250mA). This includes a tight initial tolerance (0.5% for
SPX2954A), extremely good load and line regulation (0.05% typ.),
and very low output temperature coefficient (20 ppm/°C typ.), making
the SPX2954/SPX2954A useful as a low-power voltage reference.
The error flag output feature is used as a power-on reset for warning
of a low output voltage, due to a falling input voltage. The logic-
compatible shutdown feature enables the regulator to be switched
ON and OFF. The SPX2954/SPX2954A is offered in a 3-pin SOT-223
package and an 8-pin SOIC package.
Typical Application
Typical Application
100K
OUTPUT
ERROR
ERROR
SD
VOUT
GND
FB
VIN
1.23V
1.2 to 30V
R1
VIN
.01 F
3.3 F
VREF
R2
3
8
5
1
4
7
SHUTDOWN
INPUT
+
SPX2954


Similar Part No. - SPX2954A

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SPX2954AM3-3-3 SIPEX-SPX2954AM3-3-3 Datasheet
214Kb / 17P
   250mA Low Dropout Voltage Regulator
SPX2954AM3-3.3 SIPEX-SPX2954AM3-3.3 Datasheet
204Kb / 7P
   250 mA Low Drop Out Voltage Regulator
SPX2954AM3-3.3 SIPEX-SPX2954AM3-3.3 Datasheet
178Kb / 17P
   250mA Low Dropout Voltage Regulator
SPX2954AM3-5-0 SIPEX-SPX2954AM3-5-0 Datasheet
214Kb / 17P
   250mA Low Dropout Voltage Regulator
SPX2954AM3-5.0 SIPEX-SPX2954AM3-5.0 Datasheet
204Kb / 7P
   250 mA Low Drop Out Voltage Regulator
More results

Similar Description - SPX2954A

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SPX2954 SIPEX-SPX2954 Datasheet
178Kb / 17P
   250mA Low Dropout Voltage Regulator
logo
Advanced Monolithic Sys...
AMS2954 ADMOS-AMS2954_08 Datasheet
188Kb / 15P
   250mA LOW DROPOUT VOLTAGE REGULATOR
AMS2954 ADMOS-AMS2954 Datasheet
169Kb / 15P
   250mA LOW DROPOUT VOLTAGE REGULATOR
logo
Sipex Corporation
SPX2954 SIPEX-SPX2954_05 Datasheet
214Kb / 17P
   250mA Low Dropout Voltage Regulator
SPX2954AM3-L-5-0 SIPEX-SPX2954AM3-L-5-0 Datasheet
214Kb / 17P
   250mA Low Dropout Voltage Regulator
logo
SHENZHEN FUMAN ELECTRON...
SC662K FUMAN-SC662K Datasheet
966Kb / 3P
   250mA Low Dropout Voltage Regulator IC
SC6207 FUMAN-SC6207 Datasheet
1Mb / 4P
   250mA Low Dropout Voltage Regulator IC
logo
Taiwan Semiconductor Co...
TS9011 TSC-TS9011 Datasheet
60Kb / 4P
   250mA CMOS Low Dropout Voltage Regulator
logo
Micrel Semiconductor
MIC2954 MICREL-MIC2954_07 Datasheet
525Kb / 15P
   250mA Low-Dropout Regulator
logo
Texas Instruments
REG102-25 TI1-REG102-25 Datasheet
961Kb / 25P
[Old version datasheet]   250mA Low-Dropout Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com