Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS27C210A Datasheet(PDF) 4 Page - Texas Instruments

Part # TMS27C210A
Description  PROGRAMMABLE READ-ONLY MEMORIES
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS27C210A Datasheet(HTML) 4 Page - Texas Instruments

  TMS27C210A Datasheet HTML 1Page - Texas Instruments TMS27C210A Datasheet HTML 2Page - Texas Instruments TMS27C210A Datasheet HTML 3Page - Texas Instruments TMS27C210A Datasheet HTML 4Page - Texas Instruments TMS27C210A Datasheet HTML 5Page - Texas Instruments TMS27C210A Datasheet HTML 6Page - Texas Instruments TMS27C210A Datasheet HTML 7Page - Texas Instruments TMS27C210A Datasheet HTML 8Page - Texas Instruments TMS27C210A Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
TMS27C210A 65536 BY 16-BIT UV ERASABLE
TMS27PC210A 65536 BY 16-BIT
PROGRAMMABLE READ-ONLY MEMORIES
SMLS310D– NOVEMBER 1990 – REVISED SEPTEMBER 1997
4
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251–1443
SNAP! Pulse programming
The TMS27C210A and TMS27PC210A are programmed using the TI SNAP! Pulse programming algorithm
(shown in the flow chart in Figure 1), which can program in a nominal time of seven seconds. Actual
programming time varies as a function of the programmer used.
The SNAP! Pulse programming algorithm uses an initial pulse of 100 microseconds (
µs) followed by a byte
verification to determine when the addressed byte has been successfully programmed. Up to 10 (ten) 100-
µs
pulses per byte are provided before a failure is recognized.
The programming mode is achieved when VPP = 13 V, VCC = 6.5 V, E = VIL, G = VIH. Data is presented in parallel
(16 bits) on pins DQ0 through DQ15. Once addresses and data are stable, PGM is pulsed low.
More than one device can be programmed when the devices are connected in parallel. Locations can be
programmed in any order. When the SNAP! Pulse programming routine is complete, all bits are verified with
VCC = VPP = 5 V ± 10%.
program inhibit
Programming can be inhibited by maintaining a high level input on the E or PGM pins.
program verify
Programmed bits can be verified with VPP = 13 V when G = VIL, E = VIL, and PGM = VIH.
signature mode
The signature mode provides access to a binary code identifying the manufacturer and type. This mode is
activated when A9 is forced to 12 V. Two identifier bytes are accessed by toggling A0. DQ0 – DQ7 contain the
valid codes. All other addresses must be held low. The signature code for these devices is 97AB. A0 low selects
the manufacturer’s code 97 ( Hex), and A0 high selects the device code AB (Hex), as shown in Table 3.
Table 3. Signature Mode
IDENTIFIER†
PINS
IDENTIFIER†
A0
DQ7
DQ6
DQ5
DQ4
DQ3
DQ2
DQ1
DQ0
HEX
Manufacturer Code
VIL
1
0
0
1
0
1
1
1
97
Device Code
VIH
1
0
1
0
1
0
1
1
AB
† E = G = VIL, A9 = VH, A1–A8 = VIL, A10–A15 = VIL, VPP = VCC, PGM = VIH or VIL.


Similar Part No. - TMS27C210A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS27C210A TI1-TMS27C210A Datasheet
413Kb / 29P
[Old version datasheet]   PROGRAMMABLE READ-ONLY MEMORIES
TMS27C210A-10JL TI1-TMS27C210A-10JL Datasheet
413Kb / 29P
[Old version datasheet]   PROGRAMMABLE READ-ONLY MEMORIES
TMS27C210A-12JE TI1-TMS27C210A-12JE Datasheet
413Kb / 29P
[Old version datasheet]   PROGRAMMABLE READ-ONLY MEMORIES
TMS27C210A-12JL TI1-TMS27C210A-12JL Datasheet
413Kb / 29P
[Old version datasheet]   PROGRAMMABLE READ-ONLY MEMORIES
TMS27C210A-15JL TI1-TMS27C210A-15JL Datasheet
413Kb / 29P
[Old version datasheet]   PROGRAMMABLE READ-ONLY MEMORIES
More results

Similar Description - TMS27C210A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS27C210A TI1-TMS27C210A_08 Datasheet
413Kb / 29P
[Old version datasheet]   PROGRAMMABLE READ-ONLY MEMORIES
TMS27C010A TI-TMS27C010A Datasheet
172Kb / 13P
[Old version datasheet]   PROGRAMMABLE READ-ONLY MEMORIES
SN74S478 TI-SN74S478 Datasheet
362Kb / 5P
[Old version datasheet]   PROGRAMMABLE READ-ONLY MEMORIES
TMS27C240-15JL TI1-TMS27C240-15JL Datasheet
203Kb / 15P
[Old version datasheet]   16-BIT PROGRAMMABLE READ-ONLY MEMORIES
TMS27C256-20JL TI1-TMS27C256-20JL Datasheet
196Kb / 13P
[Old version datasheet]   8-BIT PROGRAMMABLE READ-ONLY MEMORIES
TMS27C256JL TI1-TMS27C256JL Datasheet
196Kb / 13P
[Old version datasheet]   8-BIT PROGRAMMABLE READ-ONLY MEMORIES
TMS27C010A-12JL TI1-TMS27C010A-12JL Datasheet
185Kb / 13P
[Old version datasheet]   8-BIT PROGRAMMABLE READ-ONLY MEMORIES
TMS27C240-12JL TI1-TMS27C240-12JL Datasheet
203Kb / 15P
[Old version datasheet]   16-BIT PROGRAMMABLE READ-ONLY MEMORIES
logo
Motorola, Inc
MCM7643 MOTOROLA-MCM7643 Datasheet
187Kb / 4P
   4096 BIT PROGRAMMABLE READ ONLY MEMORIES
logo
Texas Instruments
TMS27C240 TI-TMS27C240 Datasheet
190Kb / 15P
[Old version datasheet]   16-BIT PROGRAMMABLE READ-ONLY MEMORIES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com