Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS320C6202GJL250 Datasheet(PDF) 9 Page - Texas Instruments

Part # TMS320C6202GJL250
Description  FIXED-POINT DIGITAL SIGNAL PROCESSORS
Download  105 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320C6202GJL250 Datasheet(HTML) 9 Page - Texas Instruments

Back Button TMS320C6202GJL250 Datasheet HTML 5Page - Texas Instruments TMS320C6202GJL250 Datasheet HTML 6Page - Texas Instruments TMS320C6202GJL250 Datasheet HTML 7Page - Texas Instruments TMS320C6202GJL250 Datasheet HTML 8Page - Texas Instruments TMS320C6202GJL250 Datasheet HTML 9Page - Texas Instruments TMS320C6202GJL250 Datasheet HTML 10Page - Texas Instruments TMS320C6202GJL250 Datasheet HTML 11Page - Texas Instruments TMS320C6202GJL250 Datasheet HTML 12Page - Texas Instruments TMS320C6202GJL250 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 105 page
background image
TMS320C6202, TMS320C6202B
FIXED-POINT DIGITAL SIGNAL PROCESSORS
SPRS104I − OCTOBER 1999 − REVISED MARCH 2004
9
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251−1443
functional and CPU (DSP core) block diagram
32
Multichannel
Buffered Serial
Port 1
32
Direct Memory
Access Controller
(DMA)
(See Table 1)
Test
C62x CPU (DSP Core)
Data Path B
B Register File
Program
Access/Cache
Controller
Instruction Fetch
Instruction Dispatch
Instruction Decode
Data Path A
A Register File
Data
Access
Controller
Power-
Down
Logic
.L1 .S1 .M1 .D1
.D2 .M2 .S2
.L2
SDRAM or
SBSRAM
ROM/FLASH
SRAM
I/O Devices
Synchronous
FIFOs
I/O Devices
Timer 0
Timer 1
External Memory
Interface (EMIF)
Multichannel
Buffered Serial
Port 0
Multichannel
Buffered Serial
Port 2
Expansion
Bus (XBus)
32-Bit
Internal Program Memory
(See Table 1)
Control
Registers
Control
Logic
Internal Data
Memory
(See Table 1)
In-Circuit
Emulation
Interrupt
Control
Framing Chips:
H.100, MVIP,
SCSA, T1, E1
AC97 Devices,
SPI Devices,
Codecs
HOST CONNECTION
Master /Slave
TI PCI2040
Power PC
683xx
960
C6202/02B Digital Signal Processors
Peripheral Control Bus
Boot Configuration
Interrupt
Selector
PLL
(x1, x4, x6, x7, x8,
x9, x10, x11)
For additional details on the PLL clock module and specific options for the C6202/02B devices, see Table 1 and the Clock PLL section of this
data sheet.


Similar Part No. - TMS320C6202GJL250

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320C6202GJL250 TI-TMS320C6202GJL250 Datasheet
1Mb / 86P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSORS
TMS320C6202GJL250 TI1-TMS320C6202GJL250 Datasheet
2Mb / 110P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSORS
TMS320C6202GJL250X TI-TMS320C6202GJL250X Datasheet
1Mb / 86P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSORS
TMS320C6202GJL250X TI1-TMS320C6202GJL250X Datasheet
2Mb / 110P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSORS
More results

Similar Description - TMS320C6202GJL250

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320VC5407 TI-TMS320VC5407 Datasheet
1Mb / 110P
[Old version datasheet]   Fixed-Point Digital Signal Processors
TMS320C6211B TI-TMS320C6211B Datasheet
1Mb / 83P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSORS
SM320C6414-EP TI1-SM320C6414-EP Datasheet
1,019Kb / 93P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSORS
SMJ320C6414 TI1-SMJ320C6414_16 Datasheet
1Mb / 134P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSORS
TMS320C6414 TI-TMS320C6414_04 Datasheet
1Mb / 139P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSORS
TMS320C6202 TI-TMS320C6202 Datasheet
1Mb / 86P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSORS
TMS320C6202 TI1-TMS320C6202_16 Datasheet
2Mb / 110P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSORS
TMS320C54X TI1-TMS320C54X_16 Datasheet
1Mb / 118P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSORS
TMS320VC5510 TI1-TMS320VC5510_17 Datasheet
1Mb / 90P
[Old version datasheet]   Fixed-Point Digital Signal Processors
SM320C6414-EP TI1-SM320C6414-EP_16 Datasheet
1,010Kb / 93P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSORS
TMS320C6416TBGLZA8 TI-TMS320C6416TBGLZA8 Datasheet
2Mb / 148P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com