Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SD1499 Datasheet(PDF) 1 Page - Jiangsu Changjiang Electronics Technology Co., Ltd

Part # 2SD1499
Description  TO-252-2L Plastic-Encapsulate Transistors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JIANGSU [Jiangsu Changjiang Electronics Technology Co., Ltd]
Direct Link  http://www.cj-elec.com/en/
Logo JIANGSU - Jiangsu Changjiang Electronics Technology Co., Ltd

2SD1499 Datasheet(HTML) 1 Page - Jiangsu Changjiang Electronics Technology Co., Ltd

  2SD1499 Datasheet HTML 1Page - Jiangsu Changjiang Electronics Technology Co., Ltd 2SD1499 Datasheet HTML 2Page - Jiangsu Changjiang Electronics Technology Co., Ltd 2SD1499 Datasheet HTML 3Page - Jiangsu Changjiang Electronics Technology Co., Ltd 2SD1499 Datasheet HTML 4Page - Jiangsu Changjiang Electronics Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
JIANGSU CHANGJIANG ELECTRONICS TECHNOLOGY CO., LTD
TO-2
Plastic-Encapsulate Transistors
2SD1499
TRANSISTOR (NPN)
FEATURES
Extremely Satisfactory Linearity of the Forward Current
Transfer Ratio hFE
Wide Safe Operation Area
High Transition Frequency fT
Full-pack Package which can be Installed to the Heat Sink with
One Screw.
MAXIMUM RATINGS (Ta=25
℃ unless otherwise noted)
Symbol
Parameter
Value
Unit
VCBO
Collector-Base Voltage
100
V
VCEO
Collector-Emitter Voltage
100
V
VEBO
Emitter-Base Voltage
5
V
IC
Collector Current -Continuous
5
A
PC
Collector Power Dissipation
1.25
W
TJ
Junction temperature
150
Tstg
Storage Temperature
ELECTRICAL
CHARACTERISTICS (Ta=25
℃ unless otherwise specified)
Parameter
Symbol
Test
conditions
Min
Typ
Max
Unit
Collector-base breakdown voltage
V(BR)CBO
IC=100μA,IE=0
100
V
Collector-emitter breakdown voltage
V(BR)CEO
IC=10mA,IB=0
100
V
Emitter-base breakdown voltage
V(BR)EBO
IE=100μA,IC=0
5
V
Collector cut-off current
ICEO
VCE=50V,IB=0
50
µA
Collector cut-off current
ICBO
VCB=100V,IE=0
50
µA
Emitter cut-off current
IEBO
VEB=3V,IC=0
50
µA
hFE(1)
VCE=5V,IC=20mA
20
hFE(2)
VCE=5V,IC=1A
60
200
DC current gain
hFE(3)
VCE=5V,IC=3A
20
Collector-emitter saturation voltage
VCE(sat)
IC=3A,IB=0.3A
2
V
Base-emitter voltage
VBE
VCE=5V,IC=3A
1.8
V
Collector output capacitance
Cob
VCB=10V,IE=0,f=1MHz
90
pF
Transition frequency
fT
VCE = 5 V, IC = 0.5 A, f = 1 MHz
20
MHz
CLASSIFICATION OF hFE2
Rank
Q
P
Range
60-120
100-200
www.cj-elec.com
1
B,Mar,2016
TO-252-2L
1.BASE
2.COLLECTOR
3.EMITTER
-55-150


Similar Part No. - 2SD1499

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
2SD1499 PANASONIC-2SD1499 Datasheet
44Kb / 2P
   Silicon NPN triple diffusion planar type(For high power amplification)
logo
Inchange Semiconductor ...
2SD1499 ISC-2SD1499 Datasheet
80Kb / 3P
   Silicon NPN Power Transistors
logo
Savantic, Inc.
2SD1499 SAVANTIC-2SD1499 Datasheet
111Kb / 3P
   Silicon NPN Power Transistors
2SD1499 SAVANTIC-2SD1499 Datasheet
112Kb / 3P
   Silicon NPN Power Transistors
logo
Foshan Blue Rocket Elec...
2SD1499 FOSHAN-2SD1499 Datasheet
893Kb / 6P
   Silicon NPN transistor in a TO-220F Plastic Package.
More results

Similar Description - 2SD1499

ManufacturerPart #DatasheetDescription
logo
Jiangsu Changjiang Elec...
2SB1261 JIANGSU-2SB1261 Datasheet
918Kb / 4P
   TO-252-2L Plastic-Encapsulate Transistors
logo
Nanjing International G...
MJD3055 DGNJDZ-MJD3055 Datasheet
2Mb / 5P
   TO-252-2L Plastic-Encapsulate Transistors
2SCR587D3 DGNJDZ-2SCR587D3 Datasheet
2Mb / 7P
   TO-252-2L Plastic-Encapsulate Transistors
logo
Jiangsu Changjiang Elec...
2SB1184 JIANGSU-2SB1184 Datasheet
1Mb / 4P
   TO-252-2L Plastic-Encapsulate Transistors
2SD1899 JIANGSU-2SD1899 Datasheet
862Kb / 4P
   TO-252-2L Plastic-Encapsulate Transistors
2SA1225 JIANGSU-2SA1225 Datasheet
1Mb / 4P
   TO-252-2L Plastic-Encapsulate Transistors
2SA1952 JIANGSU-2SA1952 Datasheet
1Mb / 5P
   TO-252-2L Plastic-Encapsulate Transistors
2SA1012B JIANGSU-2SA1012B Datasheet
747Kb / 4P
   TO-252-2L Plastic-Encapsulate Transistors
logo
Nanjing International G...
2SD669 DGNJDZ-2SD669 Datasheet
1Mb / 5P
   TO-252-2L Plastic-Encapsulate Transistors
MJD41C DGNJDZ-MJD41C Datasheet
2Mb / 5P
   TO-252-2L Plastic-Encapsulate Transistors
MJD127 DGNJDZ-MJD127 Datasheet
2Mb / 5P
   TO-252-2L Plastic-Encapsulate Transistors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com