Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS320C6202BGNYW3 Datasheet(PDF) 8 Page - Texas Instruments

Part # TMS320C6202BGNYW3
Description  FIXED-POINT DIGITAL SIGNAL PROCESSORS
Download  105 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320C6202BGNYW3 Datasheet(HTML) 8 Page - Texas Instruments

Back Button TMS320C6202BGNYW3 Datasheet HTML 4Page - Texas Instruments TMS320C6202BGNYW3 Datasheet HTML 5Page - Texas Instruments TMS320C6202BGNYW3 Datasheet HTML 6Page - Texas Instruments TMS320C6202BGNYW3 Datasheet HTML 7Page - Texas Instruments TMS320C6202BGNYW3 Datasheet HTML 8Page - Texas Instruments TMS320C6202BGNYW3 Datasheet HTML 9Page - Texas Instruments TMS320C6202BGNYW3 Datasheet HTML 10Page - Texas Instruments TMS320C6202BGNYW3 Datasheet HTML 11Page - Texas Instruments TMS320C6202BGNYW3 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 105 page
background image
TMS320C6202, TMS320C6202B
FIXED-POINT DIGITAL SIGNAL PROCESSORS
SPRS104I − OCTOBER 1999 − REVISED MARCH 2004
8
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251−1443
C62xdevice compatibility
The TMS320C6202, C6202B, C6203B, and C6204 devices are pin-compatible; thus, making new system
designs easier and providing faster time to market. The following list summarizes the C62x DSP device
characteristic differences:
D Core Supply Voltage (1.8 V versus 1.7 V versus 1.5 V)
The C6202 device core supply voltage is 1.8 V while the C6202B, C6203B, C6204 devices have core supply
voltages of 1.5 V. Furthermore, the C6203B-300 speed devices (GNY and GNZ packages) also have a
1.7-V core supply voltage.
D Device Clock Speeds
The C6202B and C6203B devices run at −250 and −300 MHz clock speeds (with a C620xBGNZA extended
temperature device that also runs at −250 MHz), while the C6202 device runs at −200 and −250 MHz, and
the C6204 device runs at −200 MHz clock speed.
D PLL Options Availability
Table 1 identifies the available PLL multiply factors [e.g., CLKIN x1 (PLL bypassed), x4, etc.] for each of the
C62x DSP devices. For additional details on the PLL clock module and specific options for the C6202/02B
devices, see the Clock PLL section of this data sheet.
For additional details on the PLL clock module and specific options for the C6203B device, see the Clock
PLL section of the TMS320C6203B Fixed-Point Digital Signal Processor Data Sheet (literature number
SPRS086).
And for additional details on the PLL clock module and specific options for the C6204 device, see the Clock
PLL
section of the TMS320C6204 Fixed-Point Digital Signal Processor Data Sheet (literature number
SPRS152).
D On-Chip Memory Size
The C6202/02B, C6203B, and C6204 devices have different on-chip program memory and data memory
sizes (see Table 1).
D McBSPs
The C6202, C6202B, and C6203B devices have three McBSPs while the C6204 device has two McBSPs
on-chip.
For a more detailed discussion on migration concerns, and similarities/differences between the C6202,
C6202B, C6203B, and C6204 devices, see the How to Begin Development Today and Migrate Across the
TMS320C6202/02B/03B/04 DSPs Application Report
(literature number SPRA603).


Similar Part No. - TMS320C6202BGNYW3

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320C6202BGNY167 TI-TMS320C6202BGNY167 Datasheet
1Mb / 83P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSORS
TMS320C6202BGNY250 TI-TMS320C6202BGNY250 Datasheet
1Mb / 86P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSORS
TMS320C6202BGNY250 TI1-TMS320C6202BGNY250 Datasheet
2Mb / 110P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSORS
TMS320C6202BGNY300 TI-TMS320C6202BGNY300 Datasheet
1Mb / 86P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSORS
TMS320C6202BGNY300 TI1-TMS320C6202BGNY300 Datasheet
2Mb / 110P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSORS
More results

Similar Description - TMS320C6202BGNYW3

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320VC5407 TI-TMS320VC5407 Datasheet
1Mb / 110P
[Old version datasheet]   Fixed-Point Digital Signal Processors
TMS320C6211B TI-TMS320C6211B Datasheet
1Mb / 83P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSORS
SM320C6414-EP TI1-SM320C6414-EP Datasheet
1,019Kb / 93P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSORS
SMJ320C6414 TI1-SMJ320C6414_16 Datasheet
1Mb / 134P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSORS
TMS320C6414 TI-TMS320C6414_04 Datasheet
1Mb / 139P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSORS
TMS320C6202 TI-TMS320C6202 Datasheet
1Mb / 86P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSORS
TMS320C6202 TI1-TMS320C6202_16 Datasheet
2Mb / 110P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSORS
TMS320C54X TI1-TMS320C54X_16 Datasheet
1Mb / 118P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSORS
TMS320VC5510 TI1-TMS320VC5510_17 Datasheet
1Mb / 90P
[Old version datasheet]   Fixed-Point Digital Signal Processors
SM320C6414-EP TI1-SM320C6414-EP_16 Datasheet
1,010Kb / 93P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSORS
TMS320C6416TBGLZA8 TI-TMS320C6416TBGLZA8 Datasheet
2Mb / 148P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com