Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GS8673EQ18BK-725IS Datasheet(PDF) 10 Page - GSI Technology

Part # GS8673EQ18BK-725IS
Description  For use with GSI SRAM Port IP
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GSI [GSI Technology]
Direct Link  http://www.gsitechnology.com
Logo GSI - GSI Technology

GS8673EQ18BK-725IS Datasheet(HTML) 10 Page - GSI Technology

Back Button GS8673EQ18BK-725IS Datasheet HTML 6Page - GSI Technology GS8673EQ18BK-725IS Datasheet HTML 7Page - GSI Technology GS8673EQ18BK-725IS Datasheet HTML 8Page - GSI Technology GS8673EQ18BK-725IS Datasheet HTML 9Page - GSI Technology GS8673EQ18BK-725IS Datasheet HTML 10Page - GSI Technology GS8673EQ18BK-725IS Datasheet HTML 11Page - GSI Technology GS8673EQ18BK-725IS Datasheet HTML 12Page - GSI Technology GS8673EQ18BK-725IS Datasheet HTML 13Page - GSI Technology GS8673EQ18BK-725IS Datasheet HTML 14Page - GSI Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 25 page
background image
GS8673EQ18/36BK-725S/625S/550S
Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com.
Rev: 1.03 6/2014
10/25
© 2012, GSI Technology
Electrical Specifications
Absolute Maximum Ratings
Parameter
Symbol
Rating
Units
Core Supply Voltage
VDD
-0.3 to +1.6
V
I/O Supply Voltage when MVQ = 0
VDDQ
-0.3 to VDD
V
I/O Supply Voltage when MVQ = 1
VDDQ
-0.3 to VDD + 0.3
V
Input Voltage when MVQ = 0
VIN
-0.3 to VDDQ + 0.3 (1.7 max)
V
Input Voltage when MVQ = 1
VIN
-0.3 to VDDQ + 0.3 (2.0 max)
V
Maximum Junction Temperature
TJ
125
°C
Storage Temperature
TSTG
-55 to 125
°C
Note:
Permanent damage to the device may occur if the Absolute Maximum Ratings are exceeded. Operation should be restricted to Recommended
Operating Conditions. Exposure to conditions exceeding the Recommended Operating Conditions, for an extended period of time, may affect
reliability of this component.
Recommended Operating Conditions
Parameter
Symbol
Min
Typ
Max
Units
Core Supply Voltage
VDD
1.3
1.35
1.4
V
I/O Supply Voltage - 1.2V nominal when MVQ = 0
VDDQ
1.15
1.2
1.25
V
I/O Supply Voltage - 1.35V nominal when MVQ = 0
VDDQ
1.3
1.35
VDD
V
I/O Supply Voltage - 1.5V nominal when MVQ = 1
VDDQ
1.4
1.5
1.6
V
Commercial Junction Temperature
TJC
0
85
°C
Industrial Junction Temperature
TJI
-40
100
°C
Note:
For reliability purposes, power supplies must power up simultaneously, or in the following sequence:
VSS, VDD, VDDQ, VREF, and Inputs.
Power supplies must power down simultaneously, or in the reverse sequence.
Thermal Impedance
Package
θ JA (C°/W)
Airflow = 0 m/s
θ JA (C°/W)
Airflow = 1 m/s
θ JA (C°/W)
Airflow = 2 m/s
θ JB (C°/W)
θ JC (C°/W)
FBGA
15.5
13.1
12.1
4.4
0.2


Similar Part No. - GS8673EQ18BK-725IS

ManufacturerPart #DatasheetDescription
logo
GSI Technology
GS8673EQ18BK-725S GSI-GS8673EQ18BK-725S Datasheet
368Kb / 25P
   For use with GSI SRAM Port IP
More results

Similar Description - GS8673EQ18BK-725IS

ManufacturerPart #DatasheetDescription
logo
GSI Technology
GS8673EQ36BGK-625S GSI-GS8673EQ36BGK-625S Datasheet
368Kb / 25P
   For use with GSI SRAM Port IP
GS8673EQ36BK-725S GSI-GS8673EQ36BK-725S Datasheet
368Kb / 25P
   For use with GSI SRAM Port IP
GS8673ED18BGK-725IS GSI-GS8673ED18BGK-725IS Datasheet
359Kb / 25P
   For use with GSI SRAM Port IP
GS8673EQ18BK-625IS GSI-GS8673EQ18BK-625IS Datasheet
368Kb / 25P
   For use with GSI SRAM Port IP
GS8673EQ18BK-550S GSI-GS8673EQ18BK-550S Datasheet
368Kb / 25P
   For use with GSI SRAM Port IP
GS8673ED18BGK-550S GSI-GS8673ED18BGK-550S Datasheet
359Kb / 25P
   For use with GSI SRAM Port IP
GS8673EQ18BGK-550IS GSI-GS8673EQ18BGK-550IS Datasheet
368Kb / 25P
   For use with GSI SRAM Port IP
GS8673EQ18BK-725S GSI-GS8673EQ18BK-725S Datasheet
368Kb / 25P
   For use with GSI SRAM Port IP
GS8673EQ36BGK-725IS GSI-GS8673EQ36BGK-725IS Datasheet
368Kb / 25P
   For use with GSI SRAM Port IP
GS8673EQ36BGK-550S GSI-GS8673EQ36BGK-550S Datasheet
368Kb / 25P
   For use with GSI SRAM Port IP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com