Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GS82583ED18GK-625 Datasheet(PDF) 4 Page - GSI Technology

Part # GS82583ED18GK-625
Description  8Mb x 36 and 16Mb x 18 organizations available
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GSI [GSI Technology]
Direct Link  http://www.gsitechnology.com
Logo GSI - GSI Technology

GS82583ED18GK-625 Datasheet(HTML) 4 Page - GSI Technology

  GS82583ED18GK-625 Datasheet HTML 1Page - GSI Technology GS82583ED18GK-625 Datasheet HTML 2Page - GSI Technology GS82583ED18GK-625 Datasheet HTML 3Page - GSI Technology GS82583ED18GK-625 Datasheet HTML 4Page - GSI Technology GS82583ED18GK-625 Datasheet HTML 5Page - GSI Technology GS82583ED18GK-625 Datasheet HTML 6Page - GSI Technology GS82583ED18GK-625 Datasheet HTML 7Page - GSI Technology GS82583ED18GK-625 Datasheet HTML 8Page - GSI Technology GS82583ED18GK-625 Datasheet HTML 9Page - GSI Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 26 page
background image
GS82583ED18/36GK-675/625/550/500
Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com.
Rev: 1.06 8/2017
4/26
© 2014, GSI Technology
Pin Description
Symbol
Description
Type
SA
Address — Read or Write Address is registered on
CK.
Input
D[35:0]
Write Data — Registered on
KD and KD during Write operations.
D[17:0] - x18 and x36.
D[35:18] - x36 only.
Input
Q[35:0]
Read Data — Aligned with
CQ and CQ during Read operations.
Q[17:0] - x18 and x36.
Q[35:18] - x36 only.
Output
QVLD[1:0]
Read Data Valid — Driven high one half cycle before valid Read Data.
Output
CK, CK
Primary Input Clocks — Dual single-ended. Used for latching address and control inputs, for internal timing
control, and for output timing control.
Input
KD[1:0],
KD[1:0]
Write Data Input Clocks — Dual single-ended. Used for latching write data inputs.
KD0, KD0: latch Write Data (D[17:0] in x36, D[8:0] in x18).
KD1, KD1: latch Write Data (D[35:18] in x36, D[17:9] in x18).
Input
CQ[1:0],
CQ[1:0]
Read Data Output Clocks — Free-running output (echo) clocks, tightly aligned with read data outputs.
Facilitate source-synchronous operation.
Output
R
Read Enable — Registered on
CK. R = 0 initiates a Read operation.
Input
W
Write Enable — Registered on
CK. W = 0 initiates a Write operation.
Input
DLL
DLL Enable — Weakly pulled High internally.
DLL = 0: disables internal DLL.
DLL = 1: enables internal DLL.
Input
RST
Reset — Holds the device inactive and resets the device to its initial power-on state when asserted High.
Weakly pulled Low internally.
Input
ZQ
Driver Impedance Control Resistor Input — Must be connected to VSS through an external resistor RQ to
program driver impedance.
Input
ZT
ODT Impedance Control Resistor Input — Must be connected to VSS through an external resistor RT to
program ODT impedance.
Input
MZT[1:0]
ODT Mode Select — Set the ODT state globally for all input groups. Must be tied High or Low.
MZT[1:0] = 00: disables ODT on all input groups, regardless of PZT[1:0].
MZT[1:0] = 01: enables strong ODT on select input groups, as specified by PZT[1:0].
MZT[1:0] = 10: enables weak ODT on select input groups, as specified by PZT[1:0].
MZT[1:0] = 11: reserved.
Input
PZT[1:0]
ODT Configuration Select — Set the ODT state for various combinations of input groups when MZT[1:0] =
01 or 10. Must be tied High or Low.
PZT[1:0] = 00: enables ODT on write data only.
PZT[1:0] = 01: enables ODT on write data and input clocks.
PZT[1:0] = 10: enables ODT on write data, address, and control.
PZT[1:0] = 11: enables ODT on write data, input clocks, address, and control.
Input


Similar Part No. - GS82583ED18GK-625

ManufacturerPart #DatasheetDescription
logo
GSI Technology
GS82583ED18GK-625I GSI-GS82583ED18GK-625I Datasheet
201Kb / 27P
   288Mb SigmaQuad-IIIe??Burst of 4 SRAM
More results

Similar Description - GS82583ED18GK-625

ManufacturerPart #DatasheetDescription
logo
GSI Technology
GS82583ED18GK-500 GSI-GS82583ED18GK-500 Datasheet
470Kb / 26P
   8Mb x 36 and 16Mb x 18 organizations available
GS82583ED18GK-550I GSI-GS82583ED18GK-550I Datasheet
470Kb / 26P
   8Mb x 36 and 16Mb x 18 organizations available
GS82583ED18GK-675 GSI-GS82583ED18GK-675 Datasheet
470Kb / 26P
   8Mb x 36 and 16Mb x 18 organizations available
GS82583EQ18GK-400 GSI-GS82583EQ18GK-400 Datasheet
463Kb / 26P
   8Mb x 36 and 16Mb x 18 organizations available
GS82583EQ18GK-500I GSI-GS82583EQ18GK-500I Datasheet
463Kb / 26P
   8Mb x 36 and 16Mb x 18 organizations available
GS82583EQ36GK-500 GSI-GS82583EQ36GK-500 Datasheet
463Kb / 26P
   8Mb x 36 and 16Mb x 18 organizations available
GS82583EQ18GK-400I GSI-GS82583EQ18GK-400I Datasheet
463Kb / 26P
   8Mb x 36 and 16Mb x 18 organizations available
GS82583ED18GK-550 GSI-GS82583ED18GK-550 Datasheet
470Kb / 26P
   8Mb x 36 and 16Mb x 18 organizations available
GS82583ED18GK-675I GSI-GS82583ED18GK-675I Datasheet
470Kb / 26P
   8Mb x 36 and 16Mb x 18 organizations available
GS82583EQ18GK-450 GSI-GS82583EQ18GK-450 Datasheet
463Kb / 26P
   8Mb x 36 and 16Mb x 18 organizations available
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com