Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TRF5901 Datasheet(PDF) 10 Page - Texas Instruments

Part # TRF5901
Description  SINGLE-CHIP RF TRANSCEIVER
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TRF5901 Datasheet(HTML) 10 Page - Texas Instruments

Back Button TRF5901 Datasheet HTML 6Page - Texas Instruments TRF5901 Datasheet HTML 7Page - Texas Instruments TRF5901 Datasheet HTML 8Page - Texas Instruments TRF5901 Datasheet HTML 9Page - Texas Instruments TRF5901 Datasheet HTML 10Page - Texas Instruments TRF5901 Datasheet HTML 11Page - Texas Instruments TRF5901 Datasheet HTML 12Page - Texas Instruments TRF5901 Datasheet HTML 13Page - Texas Instruments TRF5901 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 30 page
background image
TRF5901
SINGLE-CHIP RF TRANSCEIVER
SWRS014 – DECEMBER 2002
10
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
tw(CLKHI)
CLOCK
DATA
STROBE
tsu(DATA)
th(DATA)
tw(STROBEHI)
tw(STROBELO)
tw(CLKLO)
Figure 2. Serial Data Interface Timing
detailed description
low-noise amplifier
The low-noise amplifier (LNA) provides a typical gain of 13 dB and a typical noise figure of 3.3 dB.
Two operating modes, normal and low-gain mode, can be selected. The normal operation mode is selected
when maximum sensitivity at low input levels is required. If high RF input levels are applied to the TRF5901,
the LNA should be operated in the low-gain mode. This ensures a minimum of nonlinear distortions in the overall
receiver chain.
Figure 3. Typical LNA Input Impedance (S11)
at Device Terminal LNA_IN
Figure 4. Typical LNA Output Impedance
(S22) at Device Terminal LNA_OUT
0.5
1
↑1 U
2
5
10
2
1
0.5
0.2
0
–0.5
–1
–2
–5
START 850 MHz
STOP 950 MHz
CH1 S11
CAL
OFS
CPL
FIL
1k
↑1 U
START 850 MHz
STOP 950 MHz
CH1 S22
CAL
OFS
CPL
FIL
1k
1
1
5
0.5
1
2
5
10
2
1
0.5
0.2
0
–0.5
–1
–2
–5
5
The low impedance of the LNA input can be easily matched to 50
Ω to interface with a filter or an RF switch.
At the LNA open collector output, a filter network can be used for image suppression as well as impedance
matching.


Similar Part No. - TRF5901

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TRF5901 TI1-TRF5901 Datasheet
646Kb / 34P
[Old version datasheet]   SINGLE-CHIP RF TRANSMITTER
TRF5901PT TI1-TRF5901PT Datasheet
646Kb / 34P
[Old version datasheet]   SINGLE-CHIP RF TRANSMITTER
TRF5901PTG4 TI1-TRF5901PTG4 Datasheet
646Kb / 34P
[Old version datasheet]   SINGLE-CHIP RF TRANSMITTER
TRF5901PTR TI1-TRF5901PTR Datasheet
646Kb / 34P
[Old version datasheet]   SINGLE-CHIP RF TRANSMITTER
TRF5901PTRG4 TI1-TRF5901PTRG4 Datasheet
646Kb / 34P
[Old version datasheet]   SINGLE-CHIP RF TRANSMITTER
More results

Similar Description - TRF5901

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TRF6900 TI-TRF6900 Datasheet
485Kb / 34P
[Old version datasheet]   SINGLE-CHIP RF TRANSCEIVER
TRF6901 TI-TRF6901 Datasheet
439Kb / 29P
[Old version datasheet]   SINGLE-CHIP RF TRANSCEIVER
TRF6900A TI1-TRF6900A_08 Datasheet
511Kb / 34P
[Old version datasheet]   SINGLE- CHIP RF TRANSCEIVER
TRF6901 TI1-TRF6901_08 Datasheet
627Kb / 32P
[Old version datasheet]   SINGLE-CHIP RF TRANSCEIVER
TRF6900A TI-TRF6900A Datasheet
513Kb / 35P
[Old version datasheet]   SINGLE-CHIP RF TRANSCEIVER
logo
List of Unclassifed Man...
GJRF400 ETC1-GJRF400 Datasheet
117Kb / 8P
   SINGLE CHIP RF TRANSCEIVER
NRF401 ETC-NRF401 Datasheet
273Kb / 18P
   433MHz Single Chip RF Transceiver
logo
Texas Instruments
TRF6903 TI-TRF6903 Datasheet
532Kb / 36P
[Old version datasheet]   SINGLE CHIP MULTIBAND RF TRANSCEIVER
logo
List of Unclassifed Man...
NRF0433 ETC-NRF0433 Datasheet
176Kb / 14P
   Single chip 433MHz RF Transceiver
logo
California Eastern Labs
ZIC2410 CEL-ZIC2410 Datasheet
3Mb / 119P
   Single-chip 2.4GHz RF Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com