Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS2113PW Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # TPS2113PW
Description  AUTOSWITCHING POWER MUX
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS2113PW Datasheet(HTML) 6 Page - Texas Instruments

Back Button TPS2113PW Datasheet HTML 2Page - Texas Instruments TPS2113PW Datasheet HTML 3Page - Texas Instruments TPS2113PW Datasheet HTML 4Page - Texas Instruments TPS2113PW Datasheet HTML 5Page - Texas Instruments TPS2113PW Datasheet HTML 6Page - Texas Instruments TPS2113PW Datasheet HTML 7Page - Texas Instruments TPS2113PW Datasheet HTML 8Page - Texas Instruments TPS2113PW Datasheet HTML 9Page - Texas Instruments TPS2113PW Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
TPS2112
TPS2113
SLVS446 – DECEMBER 2002
www.ti.com
6
TRUTH TABLE
EN
VI(VSNS) > 0.8V
VI(IN2) > VI(IN1)
STAT
OUT(1)
Yes
X
0
IN1
0
No
No
0
IN1
0
No
Yes
Hi-Z
IN2
1
X
X
0
Hi-Z
(1)The under-voltage lockout circuit causes the output OUT to go Hi-Z if the
selected power supply does not exceed the IN1/IN2 UVLO, or if neither of
the supplies exceeds the internal VDD UVLO.
Terminal Functions
TERMINAL
I/O
DESCRIPTION
NAME
NO.
I/O
DESCRIPTION
EN
2
I
EN is a TTL and CMOS compatible input with a 1-
µA pull-up. The truth table shown above illustrates the functionality of
EN.
GND
5
I
Ground
IN1
8
I
Primary power switch input. The IN1 switch can be enabled only if the IN1 supply is above the UVLO threshold and at
least one supply exceeds the internal VDD UVLO.
IN2
6
I
Secondary power switch input. The IN2 switch can be enabled only if the IN2 supply is above the UVLO threshold and
at least one supply exceeds the internal VDD UVLO.
ILIM
4
I
A resistor RILIM from ILIM to GND sets the current limit IL to 250/RILIM and 500/RILIM for the TPS2112 and TPS2113,
respectively.
OUT
7
O
Power switch output
STAT
1
O
STAT is an open-drain output that is Hi-Z if the IN2 switch is ON. STAT pulls low if the IN1 switch is ON or if OUT is Hi-Z
(i.e., EN is equal to logic 0)
VSNS
3
I
An internal power FET connects OUT to IN1 if the VSNS voltage is greater than 0.8 V. Otherwise, the FET connects OUT
to the higher of IN1 and IN2. The truth table shown above illustrates the functionality of VSNS.


Similar Part No. - TPS2113PW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2113PW TI1-TPS2113PW Datasheet
760Kb / 22P
[Old version datasheet]   AUTOSWITCHING POWER MUX
TPS2113PWG4 TI1-TPS2113PWG4 Datasheet
760Kb / 22P
[Old version datasheet]   AUTOSWITCHING POWER MUX
TPS2113PWR TI1-TPS2113PWR Datasheet
760Kb / 22P
[Old version datasheet]   AUTOSWITCHING POWER MUX
TPS2113PWRG4 TI1-TPS2113PWRG4 Datasheet
760Kb / 22P
[Old version datasheet]   AUTOSWITCHING POWER MUX
More results

Similar Description - TPS2113PW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2114A TI-TPS2114A Datasheet
211Kb / 20P
[Old version datasheet]   AUTOSWITCHING POWER MUX
TPS2110 TI-TPS2110 Datasheet
179Kb / 20P
[Old version datasheet]   AUTOSWITCHING POWER MUX
TPS2110 TI1-TPS2110_15 Datasheet
1Mb / 24P
[Old version datasheet]   AUTOSWITCHING POWER MUX
TPS2112A TI-TPS2112A Datasheet
206Kb / 20P
[Old version datasheet]   AUTOSWITCHING POWER MUX
TPS2112A TI-TPS2112A_06 Datasheet
263Kb / 21P
[Old version datasheet]   AUTOSWITCHING POWER MUX
TPS2113PWR TI1-TPS2113PWR Datasheet
760Kb / 22P
[Old version datasheet]   AUTOSWITCHING POWER MUX
TPS2110A TI1-TPS2110A_15 Datasheet
1Mb / 26P
[Old version datasheet]   AUTOSWITCHING POWER MUX
TPS2115ADRBR TI1-TPS2115ADRBR Datasheet
878Kb / 27P
[Old version datasheet]   AUTOSWITCHING POWER MUX
TPS2115ADRB TI1-TPS2115ADRB Datasheet
817Kb / 22P
[Old version datasheet]   AUTOSWITCHING POWER MULTIPLEXER
TPS2115 TI-TPS2115 Datasheet
310Kb / 18P
[Old version datasheet]   AUTOSWITCHING POWER MULTIPLEXER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com