Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SD1761 Datasheet(PDF) 2 Page - Jiangsu Changjiang Electronics Technology Co., Ltd

Part # 2SD1761
Description  TO-220F Plastic-Encapsulate Transistors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JIANGSU [Jiangsu Changjiang Electronics Technology Co., Ltd]
Direct Link  http://www.cj-elec.com/en/
Logo JIANGSU - Jiangsu Changjiang Electronics Technology Co., Ltd

2SD1761 Datasheet(HTML) 2 Page - Jiangsu Changjiang Electronics Technology Co., Ltd

  2SD1761 Datasheet HTML 1Page - Jiangsu Changjiang Electronics Technology Co., Ltd 2SD1761 Datasheet HTML 2Page - Jiangsu Changjiang Electronics Technology Co., Ltd 2SD1761 Datasheet HTML 3Page - Jiangsu Changjiang Electronics Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
0.1
1
10
100
1000
200
400
600
800
1000
1200
0
25
50
75
100
125
150
0.0
0.5
1.0
1.5
2.0
2.5
1
10
100
1000
10
100
1000
0
200
400
600
800
1000
0.1
1
10
100
1000
012
3456
0.0
0.2
0.4
0.6
0.8
1.0
0.1
1
10
10
100
1000
10000
100
200
300
400
500
600
700
1
10
100
1
10
100
1000
1
10
100
1000
β=10
I
C
V
BEsat
——
COLLECTOR CURREMT
I
C
(mA)
T
a=100
T
a=25
f
T
——
I
C
P
C
——
T
a
AMBIENT TEMPERATURE
T
a
(
)
I
C
h
FE
——
T
a=100
T
a=25
COLLECTOR CURRENT
I
C
(mA)
COMMON EMITTER
V
CE= 5V
3000
BASE-EMMITER VOLTAGE V
BE (mV)
I
C
——
V
BE
COMMON EMITTER
V
CE=5V
Static Characteristic
COMMON EMITTER
T
a=25
COLLECTOR-EMITTER VOLTAGE
V
CE
(V)
REVERSE VOLTAGE
V
(V)
35
C
ob
/C
ib
——
V
CB
/V
EB
f=1MHz
I
E=0/IC=0
T
a=25
C
ob
C
ib
10
COMMON EMITTER
VCE=5V
T
a=25
COLLECTOR CURRENT
I
C
(mA)
0.3
1.1
3000
3000
3000
β=10
T a
=1
00
T a
=2
5℃
I
C
V
CEsat
——
COLLECTOR CURRENT
I
C
(mA)
6.0mA
5.4mA
4.8mA
4.2mA
3.6mA
3.0mA
1.2mA
1.8mA
2.4mA
I
B=0.6mA
www.cj-elec.com
2
D,May,2016
Typical Characteristics


Similar Part No. - 2SD1761

ManufacturerPart #DatasheetDescription
logo
Rohm
2SD1761 ROHM-2SD1761 Datasheet
63Kb / 1P
   TRIPLE DIFFUSED PLANAR NPN SILICON TRANSISTOR
logo
Inchange Semiconductor ...
2SD1761 ISC-2SD1761 Datasheet
80Kb / 3P
   Silicon NPN Power Transistors
logo
Savantic, Inc.
2SD1761 SAVANTIC-2SD1761 Datasheet
111Kb / 3P
   Silicon NPN Power Transistors
2SD1761 SAVANTIC-2SD1761 Datasheet
112Kb / 3P
   Silicon NPN Power Transistors
logo
SHENZHEN KOO CHIN ELECT...
2SD1761 KOOCHIN-2SD1761 Datasheet
261Kb / 2P
   TRANSISTOR (NPN)
More results

Similar Description - 2SD1761

ManufacturerPart #DatasheetDescription
logo
Jiangsu Changjiang Elec...
KSA614F JIANGSU-KSA614F Datasheet
1Mb / 2P
   TO-220F Plastic-Encapsulate Transistors
KSD1408 JIANGSU-KSD1408 Datasheet
1Mb / 3P
   TO-220F Plastic-Encapsulate Transistors
TIP42CF JIANGSU-TIP42CF Datasheet
803Kb / 3P
   TO-220F Plastic-Encapsulate Transistors
2SB946 JIANGSU-2SB946 Datasheet
684Kb / 2P
   TO-220F Plastic-Encapsulate Transistors
2SD2012 JIANGSU-2SD2012 Datasheet
1Mb / 3P
   TO-220F Plastic-Encapsulate Transistors
2SD2061 JIANGSU-2SD2061 Datasheet
82Kb / 2P
   TO-220F Plastic-Encapsulate Transistors
KSC5021F JIANGSU-KSC5021F Datasheet
1Mb / 2P
   TO-220F Plastic-Encapsulate Transistors
KTD2061 JIANGSU-KTD2061 Datasheet
1Mb / 2P
   TO-220F Plastic-Encapsulate Transistors
2SA2050 JIANGSU-2SA2050 Datasheet
1Mb / 2P
   TO-220F Plastic-Encapsulate Transistors
2SB1370 JIANGSU-2SB1370 Datasheet
1Mb / 2P
   TO-220F Plastic-Encapsulate Transistors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com