Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S-8240BAE-I6T1U Datasheet(PDF) 5 Page - Seiko Instruments Inc

Part # S-8240BAE-I6T1U
Description  BATTERY PROTECTION IC FOR 1-CELL PACK
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-8240BAE-I6T1U Datasheet(HTML) 5 Page - Seiko Instruments Inc

  S-8240BAE-I6T1U Datasheet HTML 1Page - Seiko Instruments Inc S-8240BAE-I6T1U Datasheet HTML 2Page - Seiko Instruments Inc S-8240BAE-I6T1U Datasheet HTML 3Page - Seiko Instruments Inc S-8240BAE-I6T1U Datasheet HTML 4Page - Seiko Instruments Inc S-8240BAE-I6T1U Datasheet HTML 5Page - Seiko Instruments Inc S-8240BAE-I6T1U Datasheet HTML 6Page - Seiko Instruments Inc S-8240BAE-I6T1U Datasheet HTML 7Page - Seiko Instruments Inc S-8240BAE-I6T1U Datasheet HTML 8Page - Seiko Instruments Inc S-8240BAE-I6T1U Datasheet HTML 9Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 37 page
background image
BATTERY PROTECTION IC FOR 1-CELL PACK
Rev.1.0_00
S-8240B Series
5
Pin Configurations
1. SNT-6A
5
4
6
2
3
1
Top view
Figure 2
Table 6
Pin No.
Symbol
Description
1
NC
*1
No connection
2
CO
Connection pin of charge control FET gate
(CMOS output)
3
DO
Connection pin of discharge control FET gate
(CMOS output)
4
VSS
Input pin for negative power supply
5
VDD
Input pin for positive power supply
6
VM
Voltage detection pin between VM pin and VSS pin
(Overcurrent / charger detection pin)
*1. The NC pin is electrically open.
The NC pin can be connected to VDD pin or VSS pin.
2. HSNT-6 (1212)
Top view
1
3
2
6
4
5
6
4
5
1
3
2
Bottom view
*1
Figure 3
Table 7
Pin No.
Symbol
Description
1
NC
*2
No connection
2
CO
Connection pin of charge control FET gate
(CMOS output)
3
DO
Connection pin of discharge control FET gate
(CMOS output)
4
VSS
Input pin for negative power supply
5
VDD
Input pin for positive power supply
6
VM
Voltage detection pin between VM pin and VSS pin
(Overcurrent / charger detection pin)
*1. Connect the heat sink of backside at shadowed area to the board, and set electric potential open or VDD.
However, do not use it as the function of electrode.
*2. The NC pin is electrically open.
The NC pin can be connected to VDD pin or VSS pin.


Similar Part No. - S-8240BAE-I6T1U

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-8240BAE-I6T1U SII-S-8240BAE-I6T1U Datasheet
3Mb / 37P
   BATTERY PROTECTION IC FOR 1-CELL PACK
logo
ABLIC Inc.
S-8240BAE-I6T1U ABLIC-S-8240BAE-I6T1U Datasheet
1Mb / 38P
   BATTERY PROTECTION IC FOR 1-CELL PACK
Rev.1.2_00
More results

Similar Description - S-8240BAE-I6T1U

ManufacturerPart #DatasheetDescription
logo
E-CMOS Corporation
EC9527A E-CMOS-EC9527A Datasheet
486Kb / 13P
   Protection IC for 1-Cell Battery Pack
logo
Seiko Instruments Inc
S8240A SII-S8240A Datasheet
1Mb / 38P
   BATTERY PROTECTION IC FOR 1-CELL PACK
logo
Neotec Semiconductor Lt...
NT1715B NEOTEC-NT1715B Datasheet
250Kb / 4P
   Battery Protection IC for 1-Cell Pack
V1.13
logo
ABLIC Inc.
S-82C1F ABLIC-S-82C1F Datasheet
843Kb / 42P
   BATTERY PROTECTION IC FOR 1-CELL PACK
Rev.1.3_00
S-8240A ABLIC-S-8240A Datasheet
783Kb / 48P
   BATTERY PROTECTION IC FOR 1-CELL PACK
Rev.2.7_00
S-8250B ABLIC-S-8250B Datasheet
577Kb / 32P
   BATTERY PROTECTION IC FOR 1-CELL PACK
Rev.1.1_03
logo
Neotec Semiconductor Lt...
NT1713C NEOTEC-NT1713C Datasheet
283Kb / 5P
   Protection IC for 1-Cell Battery Pack
V1.1
NT1715C NEOTEC-NT1715C Datasheet
228Kb / 4P
   Battery Protection IC for 1-Cell Pack
V1.4
logo
Seiko Instruments Inc
S-8211D SII-S-8211D Datasheet
370Kb / 36P
   BATTERY PROTECTION IC FOR 1-CELL PACK
logo
ABLIC Inc.
S-8211C ABLIC-S-8211C Datasheet
636Kb / 43P
   BATTERY PROTECTION IC FOR 1-CELL PACK
Rev.7.7_03
S-82H1B ABLIC-S-82H1B Datasheet
561Kb / 29P
   BATTERY PROTECTION IC FOR 1-CELL PACK
Rev.1.0_00
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com