Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S-8249AAE-M6T1U Datasheet(PDF) 9 Page - Seiko Instruments Inc

Part # S-8249AAE-M6T1U
Description  VOLTAGE MONITORING IC WITH CELL BALANCING FUNCTION
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-8249AAE-M6T1U Datasheet(HTML) 9 Page - Seiko Instruments Inc

Back Button S-8249AAE-M6T1U Datasheet HTML 5Page - Seiko Instruments Inc S-8249AAE-M6T1U Datasheet HTML 6Page - Seiko Instruments Inc S-8249AAE-M6T1U Datasheet HTML 7Page - Seiko Instruments Inc S-8249AAE-M6T1U Datasheet HTML 8Page - Seiko Instruments Inc S-8249AAE-M6T1U Datasheet HTML 9Page - Seiko Instruments Inc S-8249AAE-M6T1U Datasheet HTML 10Page - Seiko Instruments Inc S-8249AAE-M6T1U Datasheet HTML 11Page - Seiko Instruments Inc S-8249AAE-M6T1U Datasheet HTML 12Page - Seiko Instruments Inc S-8249AAE-M6T1U Datasheet HTML 13Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 23 page
background image
VOLTAGE MONITORING IC WITH CELL BALANCING FUNCTION
Rev.1.4_00
S-8249 Series
9
Test Circuit
S-8249
Series
VDD
VSS
DP
CE
_____
CO
CB
A
A
A
RCB = 100 k
Ω
RCO = 100 k
Ω
V1
V2
V3
V4
V5
SW1
SW2
SW4
SW3
IVDD
ICB
ICO
Figure 3
Caution Unless otherwise specified in Table 8, set V2 = V3 = 0 V, and SWn (n = 1 to 4) = OFF.
1. CE
_____
pin voltage "H"
CE
_____
pin voltage "H" (VCE
_____
H) is defined as the voltage at which IVDD is changed from IOPE to IPSV when V2 is increased
from 0 V after setting V1 = VBL
− 0.1 V.
2. CE
_____
pin voltage "L"
CE
_____
pin voltage "L" (VCE
_____
L) is defined as the voltage at which IVDD is changed from IPSV to IOPE when V2 is decreased
from VBL
− 0.1 V after setting V1 = V2 = VBL − 0.1 V.
3. DP pin voltage "H"
*1
DP pin voltage "H" (VDPH) is defined as the voltage at which the test mode is switched when V3 is increased from
0 V after setting V1 = VBL
− 0.1 V.
4. DP pin voltage "L"
*1
DP pin voltage "L" (VDPL) is defined as the voltage at which the normal operation mode is switched when V3 is
decreased from VBL
− 0.1 V after setting V1 = V3 = VBL − 0.1 V.
5. Cell balancing detection delay time
Cell balancing detection delay time (tBU) is defined as the time from when SW1 is set to ON and V1 is set to VBU
0.1 V to when the CB pin output is inverted after setting V1 to VBU
+ 0.1 V.
6. Cell balancing release delay time
Cell balancing release delay time (tBL) is defined as the time from when SW1 is set to ON and V1 is set to VBL
+
0.1 V to when the CB pin output is inverted after setting V1 to VBL
− 0.1 V.
7. Overcharge detection delay time
Overcharge detection delay time (tCU) is defined as the time from when SW1 is set to ON and V1 is set to VCU
0.1 V to when the CO pin output is inverted after setting V1 to VCU
+ 0.1 V.
8. Overcharge release delay time
Overcharge release delay time (tCL) is defined as the time from when SW1 is set to ON and V1 is set to VCL
+
0.1 V to when the CO pin output is inverted after setting V1 to VCL
− 0.1 V.
*1. For details about switching to the test mode by using the DP pin, refer to "5. DP pin" in " Operation".


Similar Part No. - S-8249AAE-M6T1U

ManufacturerPart #DatasheetDescription
logo
ABLIC Inc.
S-8249AAE-M6T1U ABLIC-S-8249AAE-M6T1U Datasheet
1,006Kb / 23P
   VOLTAGE MONITORING IC WITH CELL BALANCING FUNCTION
Rev.1.4_01
More results

Similar Description - S-8249AAE-M6T1U

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-8249AAP-M6T1U SII-S-8249AAP-M6T1U Datasheet
1Mb / 22P
   VOLTAGE MONITORING IC WITH CELL BALANCING FUNCTION
S-19190AOH-M6T1U SII-S-19190AOH-M6T1U Datasheet
2Mb / 24P
   VOLTAGE MONITORING IC WITH CELL BALANCING FUNCTION
logo
ABLIC Inc.
S-8249 ABLIC-S-8249 Datasheet
1,006Kb / 23P
   VOLTAGE MONITORING IC WITH CELL BALANCING FUNCTION
Rev.1.4_01
logo
Seiko Instruments Inc
S19190 SII-S19190 Datasheet
2Mb / 25P
   FOR AUTOMOTIVE OPERATION VOLTAGE MONITORING IC WITH CELL BALANCING FUNCTION
logo
Aeroflex Circuit Techno...
BEU8635-24 AEROFLEX-BEU8635-24 Datasheet
212Kb / 8P
   Balancing for 24-Cell Battery Cell Voltage Monitoring and Telemetry
BEU8635-08 AEROFLEX-BEU8635-08 Datasheet
211Kb / 8P
   Balancing for 8-Cell Battery Cell Voltage Monitoring and Telemetry
BEU8635-12 AEROFLEX-BEU8635-12 Datasheet
212Kb / 8P
   Balancing for 12-Cell Battery Cell Voltage Monitoring and Telemetry
BEU8637-08 AEROFLEX-BEU8637-08 Datasheet
248Kb / 9P
   Independent Balancing for Two 8-Cell Batteries Cell Voltage Monitoring and Telemetry
BEU8637-12 AEROFLEX-BEU8637-12 Datasheet
254Kb / 9P
   Independent Balancing for Two 12-Cell Batteries Cell Voltage Monitoring and Telemetry
logo
STMicroelectronics
L9963E STMICROELECTRONICS-L9963E Datasheet
9Mb / 184P
   Automotive Multicell battery monitoring and balancing IC
Rev 4 - June 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com