Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S-8340D25AFT-T2-U Datasheet(PDF) 9 Page - Seiko Instruments Inc

Part # S-8340D25AFT-T2-U
Description  STEP-UP, 600 kHz, PWM CONTROL OR PWM/PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
Download  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-8340D25AFT-T2-U Datasheet(HTML) 9 Page - Seiko Instruments Inc

Back Button S-8340D25AFT-T2-U Datasheet HTML 5Page - Seiko Instruments Inc S-8340D25AFT-T2-U Datasheet HTML 6Page - Seiko Instruments Inc S-8340D25AFT-T2-U Datasheet HTML 7Page - Seiko Instruments Inc S-8340D25AFT-T2-U Datasheet HTML 8Page - Seiko Instruments Inc S-8340D25AFT-T2-U Datasheet HTML 9Page - Seiko Instruments Inc S-8340D25AFT-T2-U Datasheet HTML 10Page - Seiko Instruments Inc S-8340D25AFT-T2-U Datasheet HTML 11Page - Seiko Instruments Inc S-8340D25AFT-T2-U Datasheet HTML 12Page - Seiko Instruments Inc S-8340D25AFT-T2-U Datasheet HTML 13Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 55 page
background image
STEP-UP, 600 kHz, PWM CONTROL OR PWM/PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
Rev.4.0_01
S-8340/8341 Series
9
(2) 600 kHz, Output Voltage External Setting Type (B Type)
Table 6
(Ta = 25
°C unless otherwise specified)
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Unit
Measurement
Circuit
Output voltage*1
VOUT(E)
VIN
= 2.4 V, IOUT = 80 mA
3.920
4.000
4.080
V
3
FB pin voltage
VFB
VIN
= 2.4 V, IOUT = 80 mA
0.980
1.000
1.020
V
3
Input voltage
VIN
6
V
3
Oscillation start voltage
VST2
No external parts.
The voltage is applied to VDD.
0.9
V
4
Current consumption 1
ISS1
VOUT
= 3.8 V
460
740
μA
4
Current consumption 2
ISS2
VOUT
= 4.5 V
180
300
μA
4
Current consumption
at shutdown
ISSS
VOUT
= 3.8 V, VON/OFF = 0 V
3.0
μA
4
EXT pin output current
IEXTH
VEXT
= VOUT(E) − 0.2 V
−19
−30
mA
IEXTL
VEXT
= 0.2 V
46
69
mA
Line regulation
ΔVOUT1
1.6 V
≤ VIN ≤ 2.4 V, IOUT = 80 mA
20
40
mV
3
Load regulation
ΔVOUT2
VIN
= 2.4 V, 10 μA ≤ IOUT ≤ 100 mA
20
40
mV
3
Output voltage
temperature coefficient*2
ΔVOUT
ΔTaVOUT
VIN
= 2.4 V, IOUT = 80 mA, Ta = −40 to +85°C
±100
ppm/°C
3
Oscillation frequency
fOSC
VOUT
= 3.8 V, measure waveform at the EXT pin
510
600
690
kHz
4
Maximum duty ratio
MaxDuty
VIN
= 3.8 V, measure waveform at the EXT pin
73
82
89
%
4
PWM/PFM switching
duty ratio
(S-8341 Series B type)
PFMDuty VIN
= VOUT(E) − 0.1 V, under no load
19
27
35
%
3
Current limit detection
voltage
VSENSE
VOUT
= 3.8 V
Judge oscillation at the EXT pin or oscillation
stop at “L”
90
120
150
mV
4
FB pin input current
IFB
VOUT
= 6 V, VFB = 1.5 V
−50
50
nA
4
ON/OFF pin input voltage VSH
VOUT
= 3.8 V
Judge oscillation at the EXT pin.
0.8
V
4
VSL
VOUT
= 3.8 V
Judge oscillation stop at the EXT pin.
0.3
V
4
ON/OFF pin input
leakage current
ISH
VOUT
= 6 V, VON/OFF = 6 V
−0.1
0.1
μA
4
ISL
VOUT
= 6 V, VON/OFF = 0 V
−0.1
0.1
μA
4
Soft-start time
tSS
VIN
= 2.4 V,
CSS
= 4700 pF,
IOUT
= 80 mA,
S-8340B00
3.0
6.0
14.0
ms
3
Measure time until oscillation
occurs at the EXT pin.
S-8341B00
3.0
8.0
14.0
ms
3
Efficiency
EFFI
VIN
= 2.4 V, IOUT = 80 mA
85
%
3


Similar Part No. - S-8340D25AFT-T2-U

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-8340A25AFT-T2-G SII-S-8340A25AFT-T2-G Datasheet
3Mb / 55P
   SWITCHABLE SWITCHING REGULATOR CONTROLLER
S-8340A25AFT-T2-U SII-S-8340A25AFT-T2-U Datasheet
3Mb / 55P
   SWITCHABLE SWITCHING REGULATOR CONTROLLER
S-8340A25AFT-T2-X SII-S-8340A25AFT-T2-X Datasheet
3Mb / 55P
   SWITCHABLE SWITCHING REGULATOR CONTROLLER
S-8340A30AFT-T2-G SII-S-8340A30AFT-T2-G Datasheet
3Mb / 55P
   SWITCHABLE SWITCHING REGULATOR CONTROLLER
S-8340A30AFT-T2-U SII-S-8340A30AFT-T2-U Datasheet
3Mb / 55P
   SWITCHABLE SWITCHING REGULATOR CONTROLLER
More results

Similar Description - S-8340D25AFT-T2-U

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S8540 SII-S8540 Datasheet
2Mb / 36P
   STEP-DOWN, 600 kHz PWM CONTROL or PWM/PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
S-8540 SII-S-8540 Datasheet
445Kb / 36P
   STEP-DOWN, 600 kHz PWM CONTROL or PWM/PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
S8355 SII-S8355 Datasheet
3Mb / 72P
   STEP-UP, SUPER-SMALL PACKAGE, 600 kHz, PWM CONTROL or PWM/PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
logo
ABLIC Inc.
S-8355 ABLIC-S-8355 Datasheet
853Kb / 72P
   STEP-UP, SUPER-SMALL PACKAGE, 600 kHz, PWM CONTROL or PWM/PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
Rev.8.1_02
logo
Seiko Instruments Inc
S8520 SII-S8520 Datasheet
2Mb / 44P
   STEP-DOWN, PWM CONTROL or PWM / PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
logo
ABLIC Inc.
S-8520 ABLIC-S-8520 Datasheet
612Kb / 44P
   STEP-DOWN, PWM CONTROL or PWM / PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
Rev.9.0_02
logo
Seiko Instruments Inc
S8353 SII-S8353 Datasheet
2Mb / 49P
   STEP-UP, PWM CONTROL or PWM / PFM SWITCHABLE BUILT-IN TRANSISTOR SWITCHING REGULATOR
logo
ABLIC Inc.
S-8353 ABLIC-S-8353 Datasheet
567Kb / 49P
   STEP-UP, PWM CONTROL or PWM / PFM SWITCHABLE BUILT-IN TRANSISTOR SWITCHING REGULATOR
Rev.3.0_02
S-8365 ABLIC-S-8365 Datasheet
1Mb / 63P
   STEP-UP, SUPER-SMALL PACKAGE, 1.2 MHz PWM CONTROL or PWM/PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
Rev.2.1_02
logo
Seiko Instruments Inc
S8365 SII-S8365 Datasheet
3Mb / 63P
   STEP-UP, SUPER-SMALL PACKAGE, 1.2 MHz PWM CONTROL or PWM/PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com