Electronic Components Datasheet Search |
|
S-8341B60AFT-T2-U Datasheet(PDF) 3 Page - Seiko Instruments Inc |
|
S-8341B60AFT-T2-U Datasheet(HTML) 3 Page - Seiko Instruments Inc |
3 / 55 page STEP-UP, 600 kHz, PWM CONTROL OR PWM/PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER Rev.4.0_01 S-8340/8341 Series 3 Product Name Structure The control method, product type, and output voltage values for the S-8340/8341 Series can be selected depending on usage. Refer to “1. Product Name” for the definition of the product name, “2. Package” regarding the package drawings and “3. Product Name List” for the full product names. 1. Product Name S-834 x x xx A FT – T2 – x Environmental code U : Lead-free (Sn 100%), halogen-free G : Lead-free (for details, please contact our sales office) IC direction in tape specifications *1 Package name (abbreviation) FT : 8-Pin TSSOP Output voltage 25 to 60 (E.g., when the output voltage is 2.5 V, it is expressed as 25.) Product type A : Output voltage fixed output type, fOSC = 600 kHz B : Output voltage external setting type, fOSC = 600 kHz C : Output voltage fixed output type, fOSC = 300 kHz D : Output voltage external setting type, fOSC = 300 kHz Control method 0 : PWM control 1 : PWM/PFM switching control *1. Refer to the tape drawing. 2. Package Package Name Drawing Code Package Tape Reel 8-Pin TSSOP Environmental code = G FT008-A-P-SD FT008-E-C-SD FT008-E-R-SD Environmental code = U FT008-A-P-SD FT008-E-C-SD FT008-E-R-S1 |
Similar Part No. - S-8341B60AFT-T2-U |
|
Similar Description - S-8341B60AFT-T2-U |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |