Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GS8673EQ36BGK-550 Datasheet(PDF) 5 Page - GSI Technology

Part # GS8673EQ36BGK-550
Description  On-Chip ECC with virtually zero SER
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GSI [GSI Technology]
Direct Link  http://www.gsitechnology.com
Logo GSI - GSI Technology

GS8673EQ36BGK-550 Datasheet(HTML) 5 Page - GSI Technology

  GS8673EQ36BGK-550 Datasheet HTML 1Page - GSI Technology GS8673EQ36BGK-550 Datasheet HTML 2Page - GSI Technology GS8673EQ36BGK-550 Datasheet HTML 3Page - GSI Technology GS8673EQ36BGK-550 Datasheet HTML 4Page - GSI Technology GS8673EQ36BGK-550 Datasheet HTML 5Page - GSI Technology GS8673EQ36BGK-550 Datasheet HTML 6Page - GSI Technology GS8673EQ36BGK-550 Datasheet HTML 7Page - GSI Technology GS8673EQ36BGK-550 Datasheet HTML 8Page - GSI Technology GS8673EQ36BGK-550 Datasheet HTML 9Page - GSI Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 31 page
background image
GS8673EQ18/36BK-675/625/550/500
Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com.
Rev: 1.06 5/2012
5/31
© 2011, GSI Technology
MZT[1:0]
Input Termination Mode Select—Selects the termination mode used for all terminated inputs. Must be tied
High or Low.
MZT[1:0] = 00: disabled.
MZT[1:0] = 01: RT/2 Thevenin-equivalent (pull-up = RT, pull-down = RT).
MZT[1:0] = 10: RT Thevenin-equivalent (pull-up = 2*RT, pull-down = 2*RT).
MZT[1:0] = 11: reserved.
Input
PZT[1:0]
Input Termination Configuration Select—Selects which inputs are terminated. Must be tied High or Low.
PZT[1:0] = 00: Write Data only.
PZT[1:0] = 01: Write Data, Input Clocks.
PZT[1:0] = 10: Write Data, Address, Control.
PZT[1:0] = 11: Write Data, Address, Control, Input Clocks.
Input
MVQ
I/O Voltage Select—Indicates what voltage is supplied to the VDDQ pins. Must be tied High or Low.
MVQ = 0: Configure for 1.2V to 1.35V nominal VDDQ.
MVQ = 1: Configure for 1.5V nominal VDDQ.
Input
VDD
Core Power Supply—1.35V nominal core supply voltage.
VDDQ
I/O Power Supply—1.2V to 1.5V nominal I/O supply voltage. Configurable via MVQ pin.
VREF
Input Reference Voltage—Input buffer reference voltage.
VSS
Ground
TCK
JTAG Clock
Input
TMS
JTAG Mode Select—Weakly pulled High internally.
Input
TDI
JTAG Data Input—Weakly pulled High internally.
Input
TDO
JTAG Data Output
Output
MCH
Must Connect High—May be tied to VDDQ directly or via a 1kΩ resistor.
Input
MCL
Must Connect Low—May be tied to VSS directly or via a 1kΩ resistor.
Input
NC
No Connect—There is no internal chip connection to these pins. They may be left unconnected, or tied High
or Low.
NUI
Not Used, Input—There is an internal chip connection to these input pins, but they are unused by the
device. They are pulled Low internally. They may be left unconnected or tied Low. They should not be tied
High.
Input
NUO
Not Used, Output—There is an internal chip connection to these output pins, but they are unused by the
device. Unused output pins are tri-stated internally. They should be left unconnected.
Output
Pin Description (Continued)
Symbol
Description
Type


Similar Part No. - GS8673EQ36BGK-550

ManufacturerPart #DatasheetDescription
logo
GSI Technology
GS8673EQ36BGK-550S GSI-GS8673EQ36BGK-550S Datasheet
368Kb / 25P
   For use with GSI SRAM Port IP
More results

Similar Description - GS8673EQ36BGK-550

ManufacturerPart #DatasheetDescription
logo
GSI Technology
GS8673ED36BK-625I GSI-GS8673ED36BK-625I Datasheet
457Kb / 31P
   On-Chip ECC with virtually zero SER
GS8673EQ18BK-625 GSI-GS8673EQ18BK-625 Datasheet
451Kb / 31P
   On-Chip ECC with virtually zero SER
GS8672Q38BE-450I GSI-GS8672Q38BE-450I Datasheet
457Kb / 28P
   On-Chip ECC with virtually zero SER
GS8673ED18BGK-625 GSI-GS8673ED18BGK-625 Datasheet
457Kb / 31P
   On-Chip ECC with virtually zero SER
GS8673ED36BK-550 GSI-GS8673ED36BK-550 Datasheet
457Kb / 31P
   On-Chip ECC with virtually zero SER
GS8672D37BGE-375 GSI-GS8672D37BGE-375 Datasheet
483Kb / 28P
   On-Chip ECC with virtually zero SER
GS8672D20BGE-633 GSI-GS8672D20BGE-633 Datasheet
483Kb / 30P
   On-Chip ECC with virtually zero SER
GS8672Q19BGE-300 GSI-GS8672Q19BGE-300 Datasheet
475Kb / 27P
   On-Chip ECC with virtually zero SER
GS8673ED36BK-675I GSI-GS8673ED36BK-675I Datasheet
457Kb / 31P
   On-Chip ECC with virtually zero SER
GS8673EQ36BGK-675 GSI-GS8673EQ36BGK-675 Datasheet
451Kb / 31P
   On-Chip ECC with virtually zero SER
GS8672D20BE-450I GSI-GS8672D20BE-450I Datasheet
483Kb / 30P
   On-Chip ECC with virtually zero SER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com