Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C1608X5R0J106M Datasheet(PDF) 9 Page - Seiko Instruments Inc

Part # C1608X5R0J106M
Description  STEP-UP, SUPER-SMALL PACKAGE, 1.2 MHz PWM / PFM SWITCHABLE SWITCHING REGULATOR
Download  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

C1608X5R0J106M Datasheet(HTML) 9 Page - Seiko Instruments Inc

Back Button C1608X5R0J106M Datasheet HTML 5Page - Seiko Instruments Inc C1608X5R0J106M Datasheet HTML 6Page - Seiko Instruments Inc C1608X5R0J106M Datasheet HTML 7Page - Seiko Instruments Inc C1608X5R0J106M Datasheet HTML 8Page - Seiko Instruments Inc C1608X5R0J106M Datasheet HTML 9Page - Seiko Instruments Inc C1608X5R0J106M Datasheet HTML 10Page - Seiko Instruments Inc C1608X5R0J106M Datasheet HTML 11Page - Seiko Instruments Inc C1608X5R0J106M Datasheet HTML 12Page - Seiko Instruments Inc C1608X5R0J106M Datasheet HTML 13Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 50 page
background image
STEP-UP, SUPER-SMALL PACKAGE, 1.2 MHz PWM/PFM SWITCHABLE SWITCHING REGULATOR
Rev.2.0_01
S-8363 Series
9
2. Low voltage start-up
2. 1 Start-up circuit
The S-8363 Series can startup from 0.9 V. When the VOUT voltage at
OFF
/
ON
= “H” does not reach the STU
release voltage, the start-up circuit starts the operation and outputs the fixed duty pulse to the CONT pin. By
this, the VOUT voltage starts step-up. After that, the VOUT voltage reaches the STU release voltage and the STU
mode circuit is set in STU release condition, therefore, the switching control circuit starts stable operation due
to the soft-start function. Simultaneously, the start-up circuit is set in disable condition, so that the S-8363
Series prevents excessive current consumption.
2. 2 Start-up mode (STU mode) circuit
The STU mode circuit monitors the VOUT voltage, and switches the operation modes between start-up period
and normal control period of the switching control circuit. The STU release voltage is internally fixed at 1.4 V
(typ.), and has hysteresis of approx. 0.15 V. When the VOUT voltage decreases to 1.25 V (typ.) from release
condition, the STU mode circuit is set in the STU detection condition, shifting to the start-up period. Several
μs
to several ten
μs is taken to shift from STU release to PWM release. During this the step-up operation is not
performed, therefore, the VOUT voltage may largely decrease depending on the size of load.
During applying
OFF
/
ON
= “L”, the STU mode circuit is set in disable condition, so that the S-8363 Series
prevents excessive current consumption.
CONT
VOUT
MUX
Start-up
Circuit
VIN
VOUT
VIN
STU Mode Circuit
VD
Load
SD
L = 2.2
μH
COUT
10
μF
Switching
Control Circuit
VSS
Figure 8 Start-up Circuit
Time [s]
Switching delay
Output voltage
(VOUT)
Start-up period
CONT voltage
(VCONT)
PWM control period
STU detection
STU release
Figure 9 Start-up Sequence


Similar Part No. - C1608X5R0J106M

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
C1608X5R0J106M TI-C1608X5R0J106M Datasheet
149Kb / 8P
[Old version datasheet]   Simple Power Solution Using LDOs
C1608X5R0J106M TI1-C1608X5R0J106M Datasheet
454Kb / 11P
[Old version datasheet]   TPS63000EVM-148
logo
ON Semiconductor
C1608X5R0J106M ONSEMI-C1608X5R0J106M Datasheet
293Kb / 16P
   3 MHz, 2 A Synchronous Buck Converter
October, 2015 ??Rev. 4
C1608X5R0J106M ONSEMI-C1608X5R0J106M Datasheet
4Mb / 32P
   USB-Compliant Single-Cell Li-Ion Switching Charger with USB-OTG Boost for 200 mA to 1.45 A Systems
November, 2019 ??Rev. 4
C1608X5R0J106M ONSEMI-C1608X5R0J106M Datasheet
1Mb / 38P
   High Efficiency, 1.55 A, Li-Ion Switching Charger with Integrated Power Path, USB-OTG, in a Small Solution Size
January, 2019 ??Rev. 2
More results

Similar Description - C1608X5R0J106M

ManufacturerPart #DatasheetDescription
logo
ABLIC Inc.
S-8363 ABLIC-S-8363 Datasheet
792Kb / 50P
   STEP-UP, SUPER-SMALL PACKAGE, 1.2 MHz PWM / PFM SWITCHABLE SWITCHING REGULATOR
Rev.2.0_02
S-8365 ABLIC-S-8365 Datasheet
1Mb / 63P
   STEP-UP, SUPER-SMALL PACKAGE, 1.2 MHz PWM CONTROL or PWM/PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
Rev.2.1_02
logo
Seiko Instruments Inc
S8365 SII-S8365 Datasheet
3Mb / 63P
   STEP-UP, SUPER-SMALL PACKAGE, 1.2 MHz PWM CONTROL or PWM/PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
S-8365 SII-S-8365 Datasheet
1Mb / 63P
   STEP-UP, SUPER-SMALL PACKAGE, 1.2 MHz PWM CONTROL or PWM/PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
S8355 SII-S8355 Datasheet
3Mb / 72P
   STEP-UP, SUPER-SMALL PACKAGE, 600 kHz, PWM CONTROL or PWM/PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
logo
ABLIC Inc.
S-8355 ABLIC-S-8355 Datasheet
853Kb / 72P
   STEP-UP, SUPER-SMALL PACKAGE, 600 kHz, PWM CONTROL or PWM/PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
Rev.8.1_02
logo
Seiko Instruments Inc
S-8363B-I6T1U2 SII-S-8363B-I6T1U2 Datasheet
2Mb / 50P
   PWM/PFM SWITCHABLE SWITCHING REGULATOR
S-8321 SII-S-8321 Datasheet
1Mb / 26P
   SMALL PACKAGE PFM CONTROL STEP-UP SWITCHING REGULATOR
S8353 SII-S8353 Datasheet
2Mb / 49P
   STEP-UP, PWM CONTROL or PWM / PFM SWITCHABLE BUILT-IN TRANSISTOR SWITCHING REGULATOR
S8340 SII-S8340 Datasheet
3Mb / 55P
   STEP-UP, 600 kHz, PWM CONTROL OR PWM/PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com