Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S-8340D25AFT-T2-G Datasheet(PDF) 8 Page - Seiko Instruments Inc

Part # S-8340D25AFT-T2-G
Description  STEP-UP, 600 kHz, PWM CONTROL OR PWM/PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
Download  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-8340D25AFT-T2-G Datasheet(HTML) 8 Page - Seiko Instruments Inc

Back Button S-8340D25AFT-T2-G Datasheet HTML 4Page - Seiko Instruments Inc S-8340D25AFT-T2-G Datasheet HTML 5Page - Seiko Instruments Inc S-8340D25AFT-T2-G Datasheet HTML 6Page - Seiko Instruments Inc S-8340D25AFT-T2-G Datasheet HTML 7Page - Seiko Instruments Inc S-8340D25AFT-T2-G Datasheet HTML 8Page - Seiko Instruments Inc S-8340D25AFT-T2-G Datasheet HTML 9Page - Seiko Instruments Inc S-8340D25AFT-T2-G Datasheet HTML 10Page - Seiko Instruments Inc S-8340D25AFT-T2-G Datasheet HTML 11Page - Seiko Instruments Inc S-8340D25AFT-T2-G Datasheet HTML 12Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 55 page
background image
STEP-UP, 600 kHz, PWM CONTROL OR PWM/PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
S-8340/8341 Series
Rev.4.0_01
8
External parts
Coil :
Sumida Corporation CD54 (10
μH)
Diode :
Matsushita Electronic Industrial Co., Ltd. MA735 (Schottky type)
Capacitor :
Nichicon Corporation F93 (16 V, 47
μF, tantalum type)
Transistor :
Sanyo Electric Co., Ltd. 2SD1628G
Base resistor (Rb) :
1.0 k
Ω
Base capacitor (Cb) : 2200 pF (ceramic type)
CVREF :
0.01
μF
CSS :
4700 pF
The VDD pin is connected to the VOUT pin.
The ON/OFF pin is connected to the VOUT pin unless otherwise specified.
Connect the SENSE pin to the VSS pin.
*1. VOUT(S) : Set output voltage value
VOUT(E) : Actual output voltage value : Output voltage value when IOUT
= VOUT(S)/50 Ω and VIN = VOUT(S) × 0.6.
*2. The change of output voltage with temperature [mV/
°C] is calculated from the following formula.
ΔVOUT
ΔTa VOUT
[mV/
°C]
ΔVOUT
ΔTa
VOUT(S) [V]
=
×
[ppm/
°C] ÷ 1000
(Change of output voltage
(Set output voltage (Output voltage temperature
with temperature)
value)
coefficient)
Caution The S-8340/8341 Series steps up from VDD = 0.9 V. However, 2.5 V or more for VDD is recommended to
stabilize the output voltage and oscillation frequency. If VDD is taken from VIN or other power sources,
instead of VOUT, VDD should be 2.5 V or more. However, if VDD is not taken from VOUT, note that the output
voltage accuracy of
±2.0% is not guaranteed due to dependency of output voltage on VDD. In particular,
accuracy of output voltage is degraded significantly when the VDD voltage is 6.0 V or more. Therefore,
do not use this IC when the VDD voltage is 6.0 V or more. If VDD of 2.5 V or more is applied, increase
power supply so that VDD becomes 2.5 V or more within the soft-start time (3.0 ms).


Similar Part No. - S-8340D25AFT-T2-G

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-8340A25AFT-T2-G SII-S-8340A25AFT-T2-G Datasheet
3Mb / 55P
   SWITCHABLE SWITCHING REGULATOR CONTROLLER
S-8340A25AFT-T2-U SII-S-8340A25AFT-T2-U Datasheet
3Mb / 55P
   SWITCHABLE SWITCHING REGULATOR CONTROLLER
S-8340A25AFT-T2-X SII-S-8340A25AFT-T2-X Datasheet
3Mb / 55P
   SWITCHABLE SWITCHING REGULATOR CONTROLLER
S-8340A30AFT-T2-G SII-S-8340A30AFT-T2-G Datasheet
3Mb / 55P
   SWITCHABLE SWITCHING REGULATOR CONTROLLER
S-8340A30AFT-T2-U SII-S-8340A30AFT-T2-U Datasheet
3Mb / 55P
   SWITCHABLE SWITCHING REGULATOR CONTROLLER
More results

Similar Description - S-8340D25AFT-T2-G

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S8540 SII-S8540 Datasheet
2Mb / 36P
   STEP-DOWN, 600 kHz PWM CONTROL or PWM/PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
S-8540 SII-S-8540 Datasheet
445Kb / 36P
   STEP-DOWN, 600 kHz PWM CONTROL or PWM/PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
S8355 SII-S8355 Datasheet
3Mb / 72P
   STEP-UP, SUPER-SMALL PACKAGE, 600 kHz, PWM CONTROL or PWM/PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
logo
ABLIC Inc.
S-8355 ABLIC-S-8355 Datasheet
853Kb / 72P
   STEP-UP, SUPER-SMALL PACKAGE, 600 kHz, PWM CONTROL or PWM/PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
Rev.8.1_02
logo
Seiko Instruments Inc
S8520 SII-S8520 Datasheet
2Mb / 44P
   STEP-DOWN, PWM CONTROL or PWM / PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
logo
ABLIC Inc.
S-8520 ABLIC-S-8520 Datasheet
612Kb / 44P
   STEP-DOWN, PWM CONTROL or PWM / PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
Rev.9.0_02
logo
Seiko Instruments Inc
S8353 SII-S8353 Datasheet
2Mb / 49P
   STEP-UP, PWM CONTROL or PWM / PFM SWITCHABLE BUILT-IN TRANSISTOR SWITCHING REGULATOR
logo
ABLIC Inc.
S-8353 ABLIC-S-8353 Datasheet
567Kb / 49P
   STEP-UP, PWM CONTROL or PWM / PFM SWITCHABLE BUILT-IN TRANSISTOR SWITCHING REGULATOR
Rev.3.0_02
S-8365 ABLIC-S-8365 Datasheet
1Mb / 63P
   STEP-UP, SUPER-SMALL PACKAGE, 1.2 MHz PWM CONTROL or PWM/PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
Rev.2.1_02
logo
Seiko Instruments Inc
S8365 SII-S8365 Datasheet
3Mb / 63P
   STEP-UP, SUPER-SMALL PACKAGE, 1.2 MHz PWM CONTROL or PWM/PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com