Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S-8358FxxMC Datasheet(PDF) 1 Page - Seiko Instruments Inc

Part # S-8358FxxMC
Description  STEP-UP, SUPER-SMALL PACKAGE, 600 kHz, PWM CONTROL or PWM/PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
Download  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-8358FxxMC Datasheet(HTML) 1 Page - Seiko Instruments Inc

  S-8358FxxMC Datasheet HTML 1Page - Seiko Instruments Inc S-8358FxxMC Datasheet HTML 2Page - Seiko Instruments Inc S-8358FxxMC Datasheet HTML 3Page - Seiko Instruments Inc S-8358FxxMC Datasheet HTML 4Page - Seiko Instruments Inc S-8358FxxMC Datasheet HTML 5Page - Seiko Instruments Inc S-8358FxxMC Datasheet HTML 6Page - Seiko Instruments Inc S-8358FxxMC Datasheet HTML 7Page - Seiko Instruments Inc S-8358FxxMC Datasheet HTML 8Page - Seiko Instruments Inc S-8358FxxMC Datasheet HTML 9Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 72 page
background image
S-8355/56/57/58 Series
www.sii-ic.com
STEP-UP, SUPER-SMALL PACKAGE, 600 kHz, PWM CONTROL or
PWM/PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
© SII Semiconductor Corporation, 2002-2015
Rev.8.1_01
1
The S-8355/56/57/58 Series is a CMOS step-up switching regulator controller which mainly consists of a reference voltage
source, an oscillation circuit, an error amplifier, a phase compensation circuit, a PWM control circuit (S-8355/57 Series) and
a PWM/PFM switching control circuit (S-8356/58 Series).
With an external low-ON-resistance Nch Power MOS, this product is ideal for applications requiring high efficiency and a
high output current.
The S-8355/57 Series realizes low ripple, high efficiency, and excellent transient characteristics due to its PWM control
circuit whose duty ratio can be varied linearly from 0 to 83% (from 0 to 78% for 250 kHz, 300 kHz, and 600 kHz models), an
excellently designed error amplifier and a phase compensation circuits.
S-8356/58 Series features a PWM/PFM switching controller that can switch the operation to a PFM controller with a duty
ratio is 15% under a light load to prevent a decline in the efficiency due to the IC operating current.
Features
• Low voltage operation : Startup at 0.9 V min. (IOUT = 1 mA) guaranteed
• Low current consumption : During operation 25.9
μA (3.3 V, 100 kHz, typ.)
During shutdown 0.5
μA (max.)
• Duty ratio : Built-in PWM/PFM switching control circuit (S-8356/58 Series)
15 to 83% (100 kHz models)
15 to 78% (250 kHz, 300 kHz, and 600 kHz models)
• External parts : Coil, diode, capacitor, and transistor
• Output voltage : Selectable in 0.1 V steps between 1.5 and 6.5 V (for VDD / VOUT separate types)
Selectable in 0.1 V steps between 2.0 and 6.5 V (for other than VDD / VOUT separate types)
• Output voltage accuracy :
±2.4%
• Oscillation frequency : 100 kHz, 250 kHz, 300 kHz, 600 kHz selectable
• Soft start function : 6 ms (100 kHz, typ.)
• Shutdown function
• Lead-free, Sn 100%, halogen-free*1
*1. Refer to “ Product Name Structure” for details.
Applications
• Power supplies for portable equipment such as digital cameras, electronic notebooks, and PDAs
• Power supplies for audio equipment such as portable CD / MD players
• Constant voltage power supplies for cameras, VCRs, and communications devices
• Power supplies for microcomputers
Packages
• SOT-23-3
• SOT-23-5
• SOT-89-3


Similar Part No. - S-8358FxxMC

ManufacturerPart #DatasheetDescription
logo
ABLIC Inc.
S-8358FXXMC ABLIC-S-8358FXXMC Datasheet
853Kb / 72P
   STEP-UP, SUPER-SMALL PACKAGE, 600 kHz, PWM CONTROL or PWM/PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
Rev.8.1_02
More results

Similar Description - S-8358FxxMC

ManufacturerPart #DatasheetDescription
logo
ABLIC Inc.
S-8355 ABLIC-S-8355 Datasheet
853Kb / 72P
   STEP-UP, SUPER-SMALL PACKAGE, 600 kHz, PWM CONTROL or PWM/PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
Rev.8.1_02
logo
Seiko Instruments Inc
S8340 SII-S8340 Datasheet
3Mb / 55P
   STEP-UP, 600 kHz, PWM CONTROL OR PWM/PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
S8540 SII-S8540 Datasheet
2Mb / 36P
   STEP-DOWN, 600 kHz PWM CONTROL or PWM/PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
S-8540 SII-S-8540 Datasheet
445Kb / 36P
   STEP-DOWN, 600 kHz PWM CONTROL or PWM/PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
logo
ABLIC Inc.
S-8365 ABLIC-S-8365 Datasheet
1Mb / 63P
   STEP-UP, SUPER-SMALL PACKAGE, 1.2 MHz PWM CONTROL or PWM/PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
Rev.2.1_02
logo
Seiko Instruments Inc
S8365 SII-S8365 Datasheet
3Mb / 63P
   STEP-UP, SUPER-SMALL PACKAGE, 1.2 MHz PWM CONTROL or PWM/PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
S-8365 SII-S-8365 Datasheet
1Mb / 63P
   STEP-UP, SUPER-SMALL PACKAGE, 1.2 MHz PWM CONTROL or PWM/PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
S8520 SII-S8520 Datasheet
2Mb / 44P
   STEP-DOWN, PWM CONTROL or PWM / PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
logo
ABLIC Inc.
S-8520 ABLIC-S-8520 Datasheet
612Kb / 44P
   STEP-DOWN, PWM CONTROL or PWM / PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
Rev.9.0_02
logo
Seiko Instruments Inc
S8363 SII-S8363 Datasheet
2Mb / 50P
   STEP-UP, SUPER-SMALL PACKAGE, 1.2 MHz PWM / PFM SWITCHABLE SWITCHING REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com