Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S-8550AA-M5T1U Datasheet(PDF) 5 Page - Seiko Instruments Inc

Part # S-8550AA-M5T1U
Description  STEP-DOWN, BUILT-IN FET, SYNCHRONOUS RECTIFICATION, PWM CONTROL SWITCHING REGULATORS
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-8550AA-M5T1U Datasheet(HTML) 5 Page - Seiko Instruments Inc

  S-8550AA-M5T1U Datasheet HTML 1Page - Seiko Instruments Inc S-8550AA-M5T1U Datasheet HTML 2Page - Seiko Instruments Inc S-8550AA-M5T1U Datasheet HTML 3Page - Seiko Instruments Inc S-8550AA-M5T1U Datasheet HTML 4Page - Seiko Instruments Inc S-8550AA-M5T1U Datasheet HTML 5Page - Seiko Instruments Inc S-8550AA-M5T1U Datasheet HTML 6Page - Seiko Instruments Inc S-8550AA-M5T1U Datasheet HTML 7Page - Seiko Instruments Inc S-8550AA-M5T1U Datasheet HTML 8Page - Seiko Instruments Inc S-8550AA-M5T1U Datasheet HTML 9Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 31 page
background image
STEP-DOWN, BUILT-IN FET, SYNCHRONOUS RECTIFICATION, PWM CONTROL SWITCHING REGULATORS
Rev.5.0_01
S-8550 Series
5
Absolute Maximum Ratings
Table 3 Absolute Maximum Ratings
(Unless otherwise specified: Ta
= 25°C, VSS = 0 V)
Item
Symbol
Absolute Maximum Rating
Unit
VIN pin voltage
VIN
VSS
− 0.3 to VSS + 6.0
V
FB pin voltage
VFB
VSS
− 0.3 to VIN + 0.3
V
CONT pin voltage
VCONT
VSS
− 0.3 to VIN + 0.3
V
ON/OFF pin voltage
VON/OFF
VSS
− 0.3 to VIN + 0.3
V
CONT pin current
ICONT
1300
mA
Power
dissipation
SOT-23-5
PD
600*1
mW
SNT-8A
450*1
mW
Operating temperature
Topr
−40 to +85
°C
Storage temperature
Tstg
−40 to +125
°C
*1. When mounted on printed circuit board
[Mounted board]
(1) Board size: 114.3 mm × 76.2 mm × t1.6 mm
(2) Board name: JEDEC STANDARD51-7
Caution 1. The absolute maximum ratings are rated values exceeding which the product could suffer
physical damage. These values must therefore not be exceeded under any conditions.
2. Since this IC has a built-in power MOS FET, make sure that dissipation of the power MOS FET
does not exceed the allowable power dissipation of the package. (Refer to Figure 5.)
Generally, dissipation of a switching regulator can be calculated by the following equation.
Dissipation = (100 (%)
− efficiency (%)) / efficiency (%) × output voltage × load current
The greater part of dissipation depends on the built-in power MOS FET, however, dissipation
of the inductor is also included.
In addition, since power dissipation of the package also changes according to a mounting
board or a mounting state, fully check them using an actually mounted mode.
0
400
0
Ambient temperature (Ta) [
°C]
200
500
300
100
600
700
50
100
150
SNT-8A
SOT-23-5
Figure 5 Power Dissipation of Package (Mounted on Board)


Similar Part No. - S-8550AA-M5T1U

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-8550AA-M5T1U SII-S-8550AA-M5T1U Datasheet
1Mb / 31P
   RECTIFICATION, PWM CONTROL SWITCHING REGULATORS
More results

Similar Description - S-8550AA-M5T1U

ManufacturerPart #DatasheetDescription
logo
ABLIC Inc.
S-8550 ABLIC-S-8550 Datasheet
622Kb / 31P
   STEP-DOWN, BUILT-IN FET, SYNCHRONOUS RECTIFICATION, PWM CONTROL SWITCHING REGULATORS
Rev.5.0_02
logo
Seiko Instruments Inc
S-8550 SII-S-8550 Datasheet
426Kb / 26P
   STEP-DOWN, BUILT-IN FET, SYNCHRONOUS RECIFICATION, PWM CONTROL SWITCHING REGULATORS
S-8550AA-M5T1X SII-S-8550AA-M5T1X Datasheet
1Mb / 31P
   RECTIFICATION, PWM CONTROL SWITCHING REGULATORS
logo
ABLIC Inc.
S-8533 ABLIC-S-8533 Datasheet
488Kb / 33P
   STEP-DOWN, SYNCHRONOUS PWM CONTROL SWITCHING REGULATOR CONTROLLER
Rev.3.0_02
logo
Seiko Instruments Inc
S-8533 SII-S-8533 Datasheet
410Kb / 31P
   STEP-DOWN, SYNCHRONOUS PWM CONTROL SWITCHING REGULATOR CONTROLLER
S8533 SII-S8533 Datasheet
1Mb / 33P
   STEP-DOWN, SYNCHRONOUS PWM CONTROL SWITCHING REGULATOR CONTROLLER
logo
Rohm
BU90023NUX ROHM-BU90023NUX Datasheet
651Kb / 14P
   Step-down Switching regulators with Built-in Power MOSFET
BU90002GWZ ROHM-BU90002GWZ Datasheet
659Kb / 24P
   Step-down Switching regulators with Built-in Power MOSFET
BU9000XGWZ ROHM-BU9000XGWZ Datasheet
1Mb / 32P
   Step-down Switching regulators with Built-in Power MOSFET
logo
List of Unclassifed Man...
BD9721FV ETC-BD9721FV Datasheet
81Kb / 2P
   1 CHANNEL STEP DOWN PWM SWITCHING REGULATOR CONTROLLER WITH SYNCHRONOUS RECTIFICATION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com