Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S-8333CBGC-I8T1U Datasheet(PDF) 6 Page - Seiko Instruments Inc

Part # S-8333CBGC-I8T1U
Description  STEP-UP, FOR LCD BIAS SUPPLY, 1-CHANNEL, PWM CONTROL SWITCHING REGULATOR CONTROLLER
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-8333CBGC-I8T1U Datasheet(HTML) 6 Page - Seiko Instruments Inc

Back Button S-8333CBGC-I8T1U Datasheet HTML 2Page - Seiko Instruments Inc S-8333CBGC-I8T1U Datasheet HTML 3Page - Seiko Instruments Inc S-8333CBGC-I8T1U Datasheet HTML 4Page - Seiko Instruments Inc S-8333CBGC-I8T1U Datasheet HTML 5Page - Seiko Instruments Inc S-8333CBGC-I8T1U Datasheet HTML 6Page - Seiko Instruments Inc S-8333CBGC-I8T1U Datasheet HTML 7Page - Seiko Instruments Inc S-8333CBGC-I8T1U Datasheet HTML 8Page - Seiko Instruments Inc S-8333CBGC-I8T1U Datasheet HTML 9Page - Seiko Instruments Inc S-8333CBGC-I8T1U Datasheet HTML 10Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 44 page
background image
STEP-UP, FOR LCD BIAS SUPPLY, 1-CHANNEL, PWM CONTROL SWITCHING REGULATOR CONTROLLER
S-8333 Series
Rev.4.2_01
6
Absolute Maximum Ratings
Table 3 Absolute Maximum Ratings
(Unless otherwise specified: Ta
= 25°C, VSS = 0 V)
Parameter
Symbol
Ratings
Unit
VIN pin voltage
VIN
VSS
− 0.3 to VSS + 6.5
V
FB pin voltage
VFB
VSS
− 0.3 to VSS + 6.5
V
EXT pin voltage
VEXT
VSS
− 0.3 to VIN + 0.3
V
CSP pin voltage
VCSP
VSS
− 0.3 to VIN + 0.3
V
CC pin voltage
VCC
VSS
− 0.3 to VIN + 0.3
V
CC pin current
ICC
±10
mA
ROSC pin voltage
VROSC
VSS
− 0.3 to VIN + 0.3
V
ROSC pin current
IROSC
±10
mA
RDuty pin voltage
VRDuty
VSS
− 0.3 to VIN + 0.3
V
RDuty pin current
IRDuty
±10
mA
Power dissipation
SNT-8A
PD
450*1
mW
8-Pin TSSOP
300 (When not mounted on board)
mW
700*1
mW
Operating ambient temperature
Topr
−40 to +85
°C
Storage temperature
Tstg
−40 to +125
°C
*1. When mounted on board
[Mounted board]
(1) Board size:
114.3 mm
× 76.2 mm × t1.6 mm
(2) Name:
JEDEC STANDARD51-7
Caution
The absolute maximum ratings are rated values exceeding which the product could suffer
physical damage. These values must therefore not be exceeded under any conditions.
0
50
100
150
0
Ambient temperature (Ta) [
°C]
600
400
200
8-Pin TSSOP
800
SNT-8A
Figure 4 Power Dissipation of Package (When mounted on board)


Similar Part No. - S-8333CBGC-I8T1U

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-8333CBGC-T8T1S SII-S-8333CBGC-T8T1S Datasheet
2Mb / 44P
   PWM CONTROL SWITCHING REGULATOR CONTROLLER
S-8333CBGC-T8T1U SII-S-8333CBGC-T8T1U Datasheet
2Mb / 44P
   PWM CONTROL SWITCHING REGULATOR CONTROLLER
More results

Similar Description - S-8333CBGC-I8T1U

ManufacturerPart #DatasheetDescription
logo
ABLIC Inc.
S-8333 ABLIC-S-8333 Datasheet
813Kb / 44P
   STEP-UP, FOR LCD BIAS SUPPLY, 1-CHANNEL, PWM CONTROL SWITCHING REGULATOR CONTROLLER
Rev.4.2_02
logo
Aimtron Technology
AT1380A AIMTRON-AT1380A Datasheet
332Kb / 12P
   Switching Regulator Controller for LCD Bias
logo
List of Unclassifed Man...
AT1729 ETC-AT1729 Datasheet
248Kb / 8P
   3-Channel PWM Controller for LCD Bias
logo
Seiko Instruments Inc
S8337 SII-S8337 Datasheet
2Mb / 51P
   STEP-UP, 1.2 MHz HIGH-FREQUENCY, PWM CONTROL SWITCHING REGULATOR CONTROLLER
logo
List of Unclassifed Man...
AT1731 ETC1-AT1731 Datasheet
247Kb / 8P
   2-Channel PWM Controller for LCD Bias
AT1730 ETC1-AT1730 Datasheet
261Kb / 7P
   2-Channel PWM Controller for LCD Bias
logo
ABLIC Inc.
S-8337 ABLIC-S-8337 Datasheet
452Kb / 45P
   STEP-UP, 1.2 MHz HIGH-FREQUENCY, PWM CONTROL SWITCHING REGULATOR CONTROLLER
Rev.5.0_00
logo
Seiko Instruments Inc
S8340 SII-S8340 Datasheet
3Mb / 55P
   STEP-UP, 600 kHz, PWM CONTROL OR PWM/PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
logo
New Japan Radio
NJU7600 NJRC-NJU7600 Datasheet
110Kb / 9P
   PWM control Step-Up / Flyback switching regulator IC
logo
Seiko Instruments Inc
S-8533 SII-S-8533 Datasheet
410Kb / 31P
   STEP-DOWN, SYNCHRONOUS PWM CONTROL SWITCHING REGULATOR CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com