Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S-8540C33FN-ICST2z Datasheet(PDF) 10 Page - Seiko Instruments Inc

Part # S-8540C33FN-ICST2z
Description  STEP-DOWN, 600 kHz PWM CONTROL or PWM/PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-8540C33FN-ICST2z Datasheet(HTML) 10 Page - Seiko Instruments Inc

Back Button S-8540C33FN-ICST2z Datasheet HTML 6Page - Seiko Instruments Inc S-8540C33FN-ICST2z Datasheet HTML 7Page - Seiko Instruments Inc S-8540C33FN-ICST2z Datasheet HTML 8Page - Seiko Instruments Inc S-8540C33FN-ICST2z Datasheet HTML 9Page - Seiko Instruments Inc S-8540C33FN-ICST2z Datasheet HTML 10Page - Seiko Instruments Inc S-8540C33FN-ICST2z Datasheet HTML 11Page - Seiko Instruments Inc S-8540C33FN-ICST2z Datasheet HTML 12Page - Seiko Instruments Inc S-8540C33FN-ICST2z Datasheet HTML 13Page - Seiko Instruments Inc S-8540C33FN-ICST2z Datasheet HTML 14Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 36 page
background image
STEP-DOWN, 600 kHz PWM CONTROL or PWM/PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
S-8540/8541 Series
Rev.4.0_01
10
Operation
1. Switching control method
1. 1 PWM control (S-8540 Series)
The S-8540 series consists of pulse width modulation (PWM) DC/DC converters. In conventional
pulse frequency modulation (PFM) DC/DC converters, pulses are skipped when they operate at low
output load current, causing the variation in the ripple frequency and the increase in the ripple voltage of
the output voltage both of which constitute inherent drawbacks to those converters.
In the S-8540 series the pulse width varies in the range from 0 to 100% according to the load current,
yet ripple voltage produced by the switching can easily be removed by a filter since the switching
frequency is always constant. These converters thus provide a low-ripple voltage over wide range of
input voltage and load current. And it will be skipped to be low current consumption when the pulse
width is 0% or it is no load, input current voltage is high.
1. 2 PWM/PFM switchover control (S-8541 Series)
The S-8541 series is a DC-DC converter that automatically switches between a pulse width modulation
method (PWM) and a pulse frequency modulation method (PFM), depending on the load current, and
features low current consumption.
The S-8541 series operates under PWM control with the pulse width duty changing from 29 to 100%
when the output load current is high. On the other hand, when the output current is low, the S-8541
series operates under PFM control with the pulse width duty fixed at 29%, and pulses are skipped
according to the load current. The oscillation circuit thus oscillates intermittently so that the resultant
lower self current consumption prevents a reduction in the efficiency when the load current is low. The
switching point from PWM control to PFM control depends on the external devices (coil, diode, etc.),
input voltage, and output voltage. This series is an especially efficient DC-DC converter at an output
current of around 100
μA.


Similar Part No. - S-8540C33FN-ICST2z

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-8540C33FN-ICST2G SII-S-8540C33FN-ICST2G Datasheet
445Kb / 36P
   STEP-DOWN, 600 kHz PWM CONTROL or PWM/PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
More results

Similar Description - S-8540C33FN-ICST2z

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-8540 SII-S-8540 Datasheet
445Kb / 36P
   STEP-DOWN, 600 kHz PWM CONTROL or PWM/PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
S8340 SII-S8340 Datasheet
3Mb / 55P
   STEP-UP, 600 kHz, PWM CONTROL OR PWM/PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
S8520 SII-S8520 Datasheet
2Mb / 44P
   STEP-DOWN, PWM CONTROL or PWM / PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
logo
ABLIC Inc.
S-8520 ABLIC-S-8520 Datasheet
612Kb / 44P
   STEP-DOWN, PWM CONTROL or PWM / PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
Rev.9.0_02
logo
Seiko Instruments Inc
S8355 SII-S8355 Datasheet
3Mb / 72P
   STEP-UP, SUPER-SMALL PACKAGE, 600 kHz, PWM CONTROL or PWM/PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
logo
ABLIC Inc.
S-8355 ABLIC-S-8355 Datasheet
853Kb / 72P
   STEP-UP, SUPER-SMALL PACKAGE, 600 kHz, PWM CONTROL or PWM/PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
Rev.8.1_02
logo
Seiko Instruments Inc
S-8365AAABA-M5T1Y2 SII-S-8365AAABA-M5T1Y2 Datasheet
3Mb / 63P
   PWM/PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
S-8355K18MC-NADT2X SII-S-8355K18MC-NADT2X Datasheet
3Mb / 72P
   PWM/PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
S8353 SII-S8353 Datasheet
2Mb / 49P
   STEP-UP, PWM CONTROL or PWM / PFM SWITCHABLE BUILT-IN TRANSISTOR SWITCHING REGULATOR
logo
ABLIC Inc.
S-8353 ABLIC-S-8353 Datasheet
567Kb / 49P
   STEP-UP, PWM CONTROL or PWM / PFM SWITCHABLE BUILT-IN TRANSISTOR SWITCHING REGULATOR
Rev.3.0_02
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com